Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si3458BDV Datasheet(PDF) 2 Page - Vishay Siliconix

Part # Si3458BDV
Description  N-Channel 60-V (D-S) MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Si3458BDV Datasheet(HTML) 2 Page - Vishay Siliconix

  Si3458BDV Datasheet HTML 1Page - Vishay Siliconix Si3458BDV Datasheet HTML 2Page - Vishay Siliconix Si3458BDV Datasheet HTML 3Page - Vishay Siliconix Si3458BDV Datasheet HTML 4Page - Vishay Siliconix Si3458BDV Datasheet HTML 5Page - Vishay Siliconix Si3458BDV Datasheet HTML 6Page - Vishay Siliconix Si3458BDV Datasheet HTML 7Page - Vishay Siliconix Si3458BDV Datasheet HTML 8Page - Vishay Siliconix Si3458BDV Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.vishay.com
2
Document Number: 69501
S09-0660-Rev. B, 20-Apr-09
Vishay Siliconix
Si3458BDV
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
60
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
60
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
- 6
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS , ID = 250 µA
1.5
3
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 60 V, VGS = 0 V
1
µA
VDS = 60 V, VGS = 0 V, TJ = 70 °C
10
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 10 V
10
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 3.2 A
0.082
0.100
Ω
VGS = 4.5 V, ID = 2.8 A
0.105
0.128
Forward Transconductancea
gfs
VDS = 15 V, ID = 3.2 A
12
S
Dynamicb
Input Capacitance
Ciss
VDS = 30 V, VGS = 0 V, f = 1 MHz
350
pF
Output Capacitance
Coss
40
Reverse Transfer Capacitance
Crss
20
Total Gate Charge
Qg
VDS = 30 V, VGS = 10 V, ID = 3.2 A
7.1
11
nC
VDS = 30 V, VGS = 4.5 V, ID = 3.2 A
3.5
5.5
Gate-Source Charge
Qgs
1.1
Gate-Drain Charge
Qgd
0.95
Gate Resistance
Rg
f = 1 MHz
2.3
3.5
Ω
Turn-On Delay Time
td(on)
VDD = 30 V, RL = 12 Ω
ID ≅ 2.5 A, VGEN = 4.5 V, Rg = 1 Ω
16
25
ns
Rise Time
tr
17
30
Turn-Off Delay Time
td(off)
12
20
Fall Time
tf
10
15
Turn-On Delay Time
td(on)
VDD = 30 V, RL = 12 Ω
ID ≅ 2.5 A, VGEN = 10 V, Rg = 1 Ω
510
Rise Time
tr
12
20
Turn-Off Delay Time
td(off)
18
30
Fall Time
tf
10
15
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
2.9
A
Pulse Diode Forward Current
ISM
10
Body Diode Voltage
VSD
IS = 2.5 A, VGS = 0 V
0.8
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 2.5 A, dI/dt = 100 A/µs, TJ = 25 °C
25
50
ns
Body Diode Reverse Recovery Charge
Qrr
40
80
nC
Reverse Recovery Fall Time
ta
22
ns
Reverse Recovery Rise Time
tb
3


Similar Part No. - Si3458BDV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3458BDV VISHAY-SI3458BDV Datasheet
144Kb / 7P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 03-Dec-07
SI3458BDV VISHAY-SI3458BDV Datasheet
215Kb / 11P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 20-Apr-09
SI3458BDV-T1-E3 VISHAY-SI3458BDV-T1-E3 Datasheet
144Kb / 7P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 03-Dec-07
SI3458BDV-T1-GE3 VISHAY-SI3458BDV-T1-GE3 Datasheet
216Kb / 11P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 20-Apr-09
logo
VBsemi Electronics Co.,...
SI3458BDV-T1-GE3 VBSEMI-SI3458BDV-T1-GE3 Datasheet
399Kb / 7P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - Si3458BDV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com