Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SiHFP32N50K Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SiHFP32N50K
Description  Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SiHFP32N50K Datasheet(HTML) 3 Page - Vishay Siliconix

  SiHFP32N50K Datasheet HTML 1Page - Vishay Siliconix SiHFP32N50K Datasheet HTML 2Page - Vishay Siliconix SiHFP32N50K Datasheet HTML 3Page - Vishay Siliconix SiHFP32N50K Datasheet HTML 4Page - Vishay Siliconix SiHFP32N50K Datasheet HTML 5Page - Vishay Siliconix SiHFP32N50K Datasheet HTML 6Page - Vishay Siliconix SiHFP32N50K Datasheet HTML 7Page - Vishay Siliconix SiHFP32N50K Datasheet HTML 8Page - Vishay Siliconix SiHFP32N50K Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 91221
www.vishay.com
S11-0448-Rev. C, 14-Mar-11
3
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IRFP32N50K, SiHFP32N50K
Vishay Siliconix
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Fig. 1 - Typical Output Characteristics
Fig. 2 - Typical Output Characteristics
Fig. 3 - Typical Transfer Characteristics
Fig. 4 - Normalized On-Resistance vs. Temperature
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
0.01
0.1
1
10
1000
VGS
15 V
12 V
10 V
8.0 V
7.0 V
6.0 V
5.5 V
5.0 V
Top
Bottom
5.0 V
20
μs PULSE WIDTH
TJ = 25 °C
100
VGS
15 V
12 V
10 V
8.0 V
7.0 V
6.0 V
5.5 V
5.0 V
Bottom
Top
5.0 V
20
μs PULSE WIDTH
TJ = 150 °C
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
5
4
8
7
911
12
0.1
100
1000
VGS, Gate-to-Source Voltage (V)
10
1
VDS = 50 V
20
μs PULSE WIDTH
TJ = 25 °C
TJ = 150 °C
TJ, Junction Temperature
- 60
- 20
- 40
0
20 40
60
80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
2.5
3.0
ID = 32 A
VGS = 10 V


Similar Part No. - SiHFP32N50K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHFP32N50K VISHAY-SIHFP32N50K Datasheet
150Kb / 8P
   Power MOSFET
S-81361-Rev. B, 07-Jul-08
logo
Inchange Semiconductor ...
SIHFP32N50K ISC-SIHFP32N50K Datasheet
417Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Vishay Siliconix
SIHFP32N50K VISHAY-SIHFP32N50K Datasheet
205Kb / 11P
   Power MOSFET
09-Jul-2021
SIHFP32N50K-E3 VISHAY-SIHFP32N50K-E3 Datasheet
150Kb / 8P
   Power MOSFET
S-81361-Rev. B, 07-Jul-08
SIHFP32N50K-E3 VISHAY-SIHFP32N50K-E3 Datasheet
205Kb / 11P
   Power MOSFET
09-Jul-2021
More results

Similar Description - SiHFP32N50K

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com