Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRFB17N50L Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. IRFB17N50L
Description  Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFB17N50L Datasheet(HTML) 3 Page - Vishay Siliconix

  IRFB17N50L Datasheet HTML 1Page - Vishay Siliconix IRFB17N50L Datasheet HTML 2Page - Vishay Siliconix IRFB17N50L Datasheet HTML 3Page - Vishay Siliconix IRFB17N50L Datasheet HTML 4Page - Vishay Siliconix IRFB17N50L Datasheet HTML 5Page - Vishay Siliconix IRFB17N50L Datasheet HTML 6Page - Vishay Siliconix IRFB17N50L Datasheet HTML 7Page - Vishay Siliconix IRFB17N50L Datasheet HTML 8Page - Vishay Siliconix IRFB17N50L Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 91098
www.vishay.com
S11-0514-Rev. B, 21-Mar-11
3
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IRFB17N50L, SiHFB17N50L
Vishay Siliconix
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Fig. 1 - Typical Output Characteristics
Fig. 2 - Typical Output Characteristics
Fig. 3 - Typical Transfer Characteristics
Fig. 4 - Normalized On-Resistance vs. Temperature
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
0.01
0.1
1
10
100
VGS
15 V
12 V
10 V
8.0 V
7.0 V
6.0 V
5.5 V
5.0 V
Top
Bottom
5.0 V
20
μs PULSE WIDTH
TJ = 25 °C
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
VGS
15 V
12 V
10 V
8.0 V
7.0 V
6.0 V
5.5 V
5.0 V
Bottom
Top
5.0 V
20
μs PULSE WIDTH
TJ = 125 °C
VDS = 50 V
20
μs PULSE WIDTH
TJ = 25 °C
TJ = 150 °C
5.0
4.0
7.0
6.0
8.0
9.0
10.0
0.1
1
10
100
VGS, Gate-to-Source Voltage (V)
ID = 16 A
VGS = 10 V
TJ, Junction Temperature
- 60
- 20
- 40
0
20 40
60 80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
2.5
3.0


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn