Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRFB17N50L Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. IRFB17N50L
Description  Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFB17N50L Datasheet(HTML) 1 Page - Vishay Siliconix

  IRFB17N50L Datasheet HTML 1Page - Vishay Siliconix IRFB17N50L Datasheet HTML 2Page - Vishay Siliconix IRFB17N50L Datasheet HTML 3Page - Vishay Siliconix IRFB17N50L Datasheet HTML 4Page - Vishay Siliconix IRFB17N50L Datasheet HTML 5Page - Vishay Siliconix IRFB17N50L Datasheet HTML 6Page - Vishay Siliconix IRFB17N50L Datasheet HTML 7Page - Vishay Siliconix IRFB17N50L Datasheet HTML 8Page - Vishay Siliconix IRFB17N50L Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Document Number: 91098
www.vishay.com
S11-0514-Rev. B, 21-Mar-11
1
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power MOSFET
IRFB17N50L, SiHFB17N50L
Vishay Siliconix
FEATURES
• Low Gate Charge Qg results in Simple Drive
Requirement
• Improved Gate, Avalanche and Dynamic dV/dt
Ruggedness
• Fully Characterized Capacitance and Avalanche Voltage
and Current
•Low trr and Soft Diode Recovery
• Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
• Switch Mode Power Supply (SMPS)
• Uninterruptible Power Supply
• High Speed Power Switching
• ZVS and High Frequency Circuit
• PWM Inverters
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. Starting TJ = 25 °C, L = 3.0 mH, Rg = 25 , IAS = 16 A (see fig. 12).
c. ISD  16 A, dI/dt  347 A/μs, VDD  VDS, TJ  150 °C.
d. 1.6 mm from case.
PRODUCT SUMMARY
VDS (V)
500
RDS(on) ()VGS = 10 V
0.28
Qg (Max.) (nC)
130
Qgs (nC)
33
Qgd (nC)
59
Configuration
Single
N-Channel MOSFET
G
D
S
TO-220AB
G
D
S
Available
RoHS*
COMPLIANT
ORDERING INFORMATION
Package
TO-220AB
Lead (Pb)-free
IRFB17N50LPbF
SiHFB17N50L-E3
SnPb
IRFB17N50L
SiHFB17N50L
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
500
V
Gate-Source Voltage
VGS
± 30
Continuous Drain Current
VGS at 10 V
TC = 25 °C
ID
16
A
TC = 100 °C
11
Pulsed Drain Currenta
IDM
64
Linear Derating Factor
1.8
W/°C
Single Pulse Avalanche Energyb
EAS
390
mJ
Repetitive Avalanche Currenta
IAR
16
A
Repetitive Avalanche Energya
EAR
22
mJ
Maximum Power Dissipation
TC = 25 °C
PD
220
W
Peak Diode Recovery dV/dtc
dV/dt
13
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 150
°C
Soldering Recommendations (Peak Temperature)
for 10 s
300d
Mounting Torque
6-32 or M3 screw
10
lbf · in
1.1
N · m
* Pb containing terminations are not RoHS compliant, exemptions may apply


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn