Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W530-02H Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # W530-02H
Description  Frequency-multiplying, Peak-reducing EMI Solution
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W530-02H Datasheet(HTML) 2 Page - Cypress Semiconductor

  W530-02H Datasheet HTML 1Page - Cypress Semiconductor W530-02H Datasheet HTML 2Page - Cypress Semiconductor W530-02H Datasheet HTML 3Page - Cypress Semiconductor W530-02H Datasheet HTML 4Page - Cypress Semiconductor W530-02H Datasheet HTML 5Page - Cypress Semiconductor W530-02H Datasheet HTML 6Page - Cypress Semiconductor W530-02H Datasheet HTML 7Page - Cypress Semiconductor W530-02H Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
W530-02
Document #: 38-07190 Rev. *A
Page 2 of 8
Overview
The W530-02 product is one of a series of devices in the
Cypress PREMIS family. The PREMIS family incorporates the
latest advances in phase-locked loop (PLL) spread spectrum
frequency synthesizer techniques. By frequency modulating
the output with a low frequency carrier, peak EMI is greatly
reduced. Use of this technology allows systems to pass
increasingly difficult EMI testing without resorting to costly
shielding or redesign.
In a system, not only is EMI reduced in the various clock lines,
but also in all signals which are synchronized to the clock.
Therefore, the benefits of using this technology increase with
the number of address and data lines in the system. The
Simplified Block Diagram on page 1 shows a simple imple-
mentation.
Note:
1.
Pins that are marked with [*] have internal pull-up resistors. Pins that are marked with [^] have internal pull-down resistors.
20
19
18
17
1
2
3
4
X1
X2
AVDD
MW0^
REFOUT
VDD
GND
IR1*
5
6
7
14
15
16
IR2*
SSOUT
MW1*
STOP^
OR1^
NC
8
9
10
11
12
13
VDD
MW2^
OR2*
SSON#
GND
GND
Simplified Block Diagram
Pin Configuration[1]
SSOP
Spread Spectrum
W530-02
(EMI suppressed)
3.3V or 5.0V
Oscillator or
Spread Spectrum
W530-02
(EMI suppressed)
3.3V or 5.0V
XTAL
X1
X2
Reference Input
Input
Output
Output
X1
Pin Definitions
Pin Name
Pin No.
Pin Type
Pin Description
SSOUT
15
O
Output Modulated Frequency. Frequency modulated signal. Frequency of the output is
selected as shown in Table 1.
REFOUT
20
O
Non-modulated Output. This pin provides a copy of the reference frequency. This output
will not have the Spread Spectrum feature regardless of the state of logic input SSON#.
CLKIN or X1
1
I
Crystal Connection or External Reference Frequency Input. This pin has dual functions.
It may either be connected to an external crystal, or to an external reference clock.
NC or X2
2
I
Crystal Connection: Input connection for an external crystal. If using an external reference
signal, this pin must be left unconnected.
SSON#
10
I
Spread Spectrum Control (Active LOW). Asserting this signal (active LOW) turns the
internal modulation waveform on. This pin has an internal pull-down resistor.
MW0:2
4, 14, 11
I
Modulation Width Selection. When the Spread Spectrum feature is turned on, these pins
are used to select the amount of variation and peak EMI reduction that is desired on the
output signal (see Table 2). MW0: DOWN, MW1: UP, MW2: DOWN.
IR1:2
17,16
I
Reference Frequency Selector. The logic level provided at this input indicates to the internal
logic what range the reference frequency is in and determines the factor by which the device
multiplies the input frequency. Refer to Table 3. These pins have internal pull-up resistors.
NC
7
NC
No Connection. Leave this pin unconnected.
STOP
5
I
Output Disable. When pulled HIGH, stops all outputs at logic low voltage level. This pin has
an internal pull-down.
OR1:2
6,9
I
Output Frequency Selection Bits. These pins select the frequency of operation for the
output. Refer to Table 1. OR1: DOWN, OR2: UP.
VDD
3, 12, 19
P
Power Connection. Connected to 3.3V or 5V power supply.
GND
8, 13, 18
G
Ground Connection. Connect all ground pins to the common ground plane.


Similar Part No. - W530-02H

ManufacturerPart #DatasheetDescription
logo
WIZnet Co., Ltd
W5300 WIZNET-W5300 Datasheet
2Mb / 128P
   High-Performance Internet Connectivity Solution
Version 1.3.1
More results

Similar Description - W530-02H

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W245-30 CYPRESS-W245-30 Datasheet
116Kb / 12P
   Frequency Multiplying, Peak Reducing EMI Solution
CY25245 CYPRESS-CY25245 Datasheet
233Kb / 11P
   Frequency-multiplying, Peak-reducing EMI Solution
W532 CYPRESS-W532 Datasheet
129Kb / 8P
   Frequency Multiplying, Peak Reducing EMI Solution
logo
Alliance Semiconductor ...
ASM3P2853A ALSC-ASM3P2853A Datasheet
2Mb / 8P
   Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2760 ONSEMI-ASM3P2760_15 Datasheet
97Kb / 7P
   Peak EMI Reducing Solution
July, 2015 ??Rev. 3
ASM3P2853 ONSEMI-ASM3P2853_12 Datasheet
142Kb / 7P
   Peak EMI Reducing Solution
FEBRUARY 2012 ??Rev. 3
ASM3P2108A ONSEMI-ASM3P2108A Datasheet
129Kb / 5P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
ASM3P2180A ONSEMI-ASM3P2180A Datasheet
132Kb / 6P
   Peak Reducing EMI Solution
JANUARY 2010 ??Rev. 2
ASM3P2474A ONSEMI-ASM3P2474A Datasheet
134Kb / 7P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 2
logo
Alliance Semiconductor ...
ASM3P2111A ALSC-ASM3P2111A Datasheet
207Kb / 8P
   Peak EMI Reducing Solution
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com