Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NHD-TFT40 Datasheet(PDF) 4 Page - Newhaven Display International, Inc.

Part # NHD-TFT40
Description  40-pin TFT Breakout
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWHAVEN [Newhaven Display International, Inc.]
Direct Link  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

NHD-TFT40 Datasheet(HTML) 4 Page - Newhaven Display International, Inc.

  NHD-TFT40 Datasheet HTML 1Page - Newhaven Display International, Inc. NHD-TFT40 Datasheet HTML 2Page - Newhaven Display International, Inc. NHD-TFT40 Datasheet HTML 3Page - Newhaven Display International, Inc. NHD-TFT40 Datasheet HTML 4Page - Newhaven Display International, Inc. NHD-TFT40 Datasheet HTML 5Page - Newhaven Display International, Inc. NHD-TFT40 Datasheet HTML 6Page - Newhaven Display International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Schematic
[4]


Similar Part No. - NHD-TFT40

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-0108BZ-FSY-YBW-33V3 NEWHAVEN-NHD-0108BZ-FSY-YBW-33V3 Datasheet
658Kb / 10P
   Character Liquid Crystal Display Module
NHD-0108BZ-FSY-YBW-3V3 NEWHAVEN-NHD-0108BZ-FSY-YBW-3V3 Datasheet
673Kb / 13P
   Character Liquid Crystal Display Module
NHD-0108BZ-RN-GBW NEWHAVEN-NHD-0108BZ-RN-GBW Datasheet
653Kb / 12P
   Character Liquid Crystal Display Module
NHD-0108BZ-RN-GBW NEWHAVEN-NHD-0108BZ-RN-GBW_14 Datasheet
461Kb / 9P
   Character Liquid Crystal Display Module
NHD-0108BZ-RN-YBW NEWHAVEN-NHD-0108BZ-RN-YBW Datasheet
653Kb / 12P
   Character Liquid Crystal Display Module
More results

Similar Description - NHD-TFT40

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
LCD-15143 SPARKFUN-LCD-15143 Datasheet
178Kb / 2P
   SparkFun TFT LCD Breakout - 1.8 (128x160)
4??7??9
logo
List of Unclassifed Man...
BU-5144-A-4-0 ETC2-BU-5144-A-4-0 Datasheet
85Kb / 1P
   BNC Male Breakout to Stackable Pin Plug
BU-5244-A-4-0 ETC2-BU-5244-A-4-0 Datasheet
87Kb / 1P
   BNC Female Breakout to Stackable Pin Plug
logo
Finisar Corporation.
FCBN510QE2CXX FINISAR-FCBN510QE2CXX Datasheet
840Kb / 12P
   Quadwire짰 40 Gb/s Parallel Breakout Active Optical Cable
logo
M-System Co.,Ltd.
MCN201 MSYSTEM-MCN201 Datasheet
100Kb / 3P
   CABLE (40-pin to 20-pin)
logo
ACCUTEK MICROCIRCUIT CO...
AK36D600F-SOJ4 ACCUTEK-AK36D600F-SOJ4_13 Datasheet
1Mb / 4P
   36 Pin to 40 Pin DIP Adapters
logo
Transcend Information. ...
TS128MDOM40V TRANSCEND-TS128MDOM40V Datasheet
1Mb / 52P
   40-Pin IDE Flash Module
logo
CAMBION Electronic Comp...
702-3700 CAMBION-702-3700 Datasheet
29Kb / 1P
   Component Mounting Board, 40 pin
logo
List of Unclassifed Man...
PA40-44-P64-DZ-QF ETC2-PA40-44-P64-DZ-QF Datasheet
78Kb / 1P
   40 pin DIP socket/44 pin QFP plug
PA17C42-DP ETC2-PA17C42-DP Datasheet
33Kb / 1P
   40 pin DIP socket/44 pin PLCC plug
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com