Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NHD-C12865AZ-RN-GBW Datasheet(PDF) 4 Page - Newhaven Display International, Inc.

Part # NHD-C12865AZ-RN-GBW
Description  COG (Chip?륮n?륢lass) Liquid Crystal Display Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWHAVEN [Newhaven Display International, Inc.]
Direct Link  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

NHD-C12865AZ-RN-GBW Datasheet(HTML) 4 Page - Newhaven Display International, Inc.

  NHD-C12865AZ-RN-GBW Datasheet HTML 1Page - Newhaven Display International, Inc. NHD-C12865AZ-RN-GBW Datasheet HTML 2Page - Newhaven Display International, Inc. NHD-C12865AZ-RN-GBW Datasheet HTML 3Page - Newhaven Display International, Inc. NHD-C12865AZ-RN-GBW Datasheet HTML 4Page - Newhaven Display International, Inc. NHD-C12865AZ-RN-GBW Datasheet HTML 5Page - Newhaven Display International, Inc. NHD-C12865AZ-RN-GBW Datasheet HTML 6Page - Newhaven Display International, Inc. NHD-C12865AZ-RN-GBW Datasheet HTML 7Page - Newhaven Display International, Inc. NHD-C12865AZ-RN-GBW Datasheet HTML 8Page - Newhaven Display International, Inc. NHD-C12865AZ-RN-GBW Datasheet HTML 9Page - Newhaven Display International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
[4] 
 
Pin Description and Wiring Diagram 
Pin No.  Symbol 
External 
Connection 
Function Description
/CS1 
MPU 
Active LOW Chip select 
/RES 
MPU 
Active LOW Reset signal
A0 
MPU 
Register select signal.  A0=1: Data, A0=0: Command  
/RW 
MPU 
Read/Write select signal, R/W=1: Read  R/W=0: Write  
MPU 
Operation enable signal.  Falling edge triggered. 
DB0 
MPU 
Parallel Interface
DB1 
MPU 
DB0‐DB7: Bi‐directional 8‐bit data bus
DB2 
MPU  
DB3 
MPU 
Serial Interface:
10 
DB4 
MPU 
DB0‐DB5: No connect in serial mode
11 
DB5 
MPU  
12 
DB6 
MPU 
DB6= Serial clock (CLK)
13 
DB7 
MPU 
DB7= Serial data input (SDA)
14 
VDD 
Power Supply 
Power supply for LCD and logic (+3.3V)
15 
Vss 
Power Supply 
Ground
16 
VOUT 
Power Supply 
Voltage booster circuit – connect to 1uF cap to Vss or VDD  
17 
CAP3‐ 
Power Supply 
Connect to 1uF Cap to CAP1+ (Pin‐18) 
18 
CAP1+ 
Power Supply 
Connect to 1uF Cap to CAP1‐(Pin‐19) and CAP3‐(Pin17)  
19 
CAP1‐ 
Power Supply 
Connect to 1uF Cap to CAP1+ (Pin‐18) 
20 
CAP2‐ 
Power Supply 
Connect to 1uF Cap to CAP2+ (Pin‐21) 
21 
CAP2+ 
Power Supply  
Connect to 1uF Cap to CAP2‐ (Pin‐20) 
22 
V1 
Power Supply 
1.0uF‐2.2uF cap to VSS 
23 
V2 
Power Supply 
1.0uF‐2.2uF cap to VSS 
24 
V3 
Power Supply 
1.0uF‐2.2uF cap to VSS 
25 
V4 
Power Supply 
1.0uF‐2.2uF cap to VSS 
26 
V5 
Power Supply 
1.0uF‐2.2uF cap to VSS 
27 
VR ‐ 
No Connect
28 
C86 
MPU 
Select MPU interface pin. C86 = H: 6800; C86 = L: 8080  
29 
PS 
MPU 
Parallel/Serial select. PS = H: Parallel; PS = L: Serial  
30 
IRS 
MPU 
This terminal selects the resistors for the V5 voltage level 
adjustment 
Recommended LCD connector: 0.5mm pitch, 30 pin FFC. Molex p/n: 52892‐3095 
Backlight connector:  ‐‐ Mates with:  ‐‐ 
 
 
 


Similar Part No. - NHD-C12865AZ-RN-GBW

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-C12865AR-FSW-GBW NEWHAVEN-NHD-C12865AR-FSW-GBW Datasheet
592Kb / 11P
   COG (Chip-On-Glass) Liquid Crystal Display Module
More results

Similar Description - NHD-C12865AZ-RN-GBW

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-C12864WO-B1TTI-M NEWHAVEN-NHD-C12864WO-B1TTI-M Datasheet
721Kb / 11P
   COG (Chip?륮n?륢lass) Liquid Crystal Display Module
NHD-C12864M1R-FSW-FTW-3V6 NEWHAVEN-NHD-C12864M1R-FSW-FTW-3V6 Datasheet
697Kb / 13P
   COG (Chip?륮n?륢lass) Liquid Crystal Display Module
NHD-C128128CZ-FN-GBW NEWHAVEN-NHD-C128128CZ-FN-GBW Datasheet
715Kb / 10P
   COG (Chip?륮n?륢lass) Liquid Crystal Display Module
NHD-C0220BIZ-FSW-FBW-3V3M NEWHAVEN-NHD-C0220BIZ-FSW-FBW-3V3M Datasheet
738Kb / 13P
   COG (Chip?륮n?륢lass) Character Liquid Crystal Display Module
NHD-C0220AU-FSW-FTS NEWHAVEN-NHD-C0220AU-FSW-FTS Datasheet
585Kb / 11P
   COG (Chip?릓n?륢lass) Liquid Crystal Display Module
NHD-C0216CU-FN-GBW-3V NEWHAVEN-NHD-C0216CU-FN-GBW-3V Datasheet
835Kb / 11P
   COG (Chip?릓n?륢lass) Liquid Crystal Display Module
NHD-C12864HZ-FN-FBW NEWHAVEN-NHD-C12864HZ-FN-FBW Datasheet
715Kb / 8P
   COG (Chip-On-Glass) Liquid Crystal Display Module
NHD-C12864AZ-FSY-YBW NEWHAVEN-NHD-C12864AZ-FSY-YBW Datasheet
599Kb / 9P
   COG (Chip-On-Glass) Liquid Crystal Display Module
NHD-C12864B2Z-RN-FBW NEWHAVEN-NHD-C12864B2Z-RN-FBW Datasheet
696Kb / 9P
   COG (Chip-On-Glass) Liquid Crystal Display Module
NHD-C160100CZ-RN-FBW NEWHAVEN-NHD-C160100CZ-RN-FBW Datasheet
674Kb / 12P
   COG (Chip-On-Glass) Liquid Crystal Display Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com