Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NHD-C12832A1Z-FS-FBW-3V Datasheet(PDF) 4 Page - Newhaven Display International, Inc.

Part # NHD-C12832A1Z-FS-FBW-3V
Description  COG (Chip-On-Glass) Liquid Crystal Display Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWHAVEN [Newhaven Display International, Inc.]
Direct Link  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

NHD-C12832A1Z-FS-FBW-3V Datasheet(HTML) 4 Page - Newhaven Display International, Inc.

  NHD-C12832A1Z-FS-FBW-3V Datasheet HTML 1Page - Newhaven Display International, Inc. NHD-C12832A1Z-FS-FBW-3V Datasheet HTML 2Page - Newhaven Display International, Inc. NHD-C12832A1Z-FS-FBW-3V Datasheet HTML 3Page - Newhaven Display International, Inc. NHD-C12832A1Z-FS-FBW-3V Datasheet HTML 4Page - Newhaven Display International, Inc. NHD-C12832A1Z-FS-FBW-3V Datasheet HTML 5Page - Newhaven Display International, Inc. NHD-C12832A1Z-FS-FBW-3V Datasheet HTML 6Page - Newhaven Display International, Inc. NHD-C12832A1Z-FS-FBW-3V Datasheet HTML 7Page - Newhaven Display International, Inc. NHD-C12832A1Z-FS-FBW-3V Datasheet HTML 8Page - Newhaven Display International, Inc. NHD-C12832A1Z-FS-FBW-3V Datasheet HTML 9Page - Newhaven Display International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
[4]
Pin Description and Wiring Diagram
Pin No.
Symbol
External Connection
Function Description
1
V0
Power Supply
0.1µF – 1µF Capacitor to VSS
2
V1
Power Supply
0.1µF – 1µF Capacitor to VSS
3
V2
Power Supply
0.1µF – 1µF Capacitor to VSS
4
V3
Power Supply
0.1µF – 1µF Capacitor to VSS
5
V4
Power Supply
0.1µF – 1µF Capacitor to VSS
6
C2-
Power Supply
Connect 1µF – 2.2µF Capacitor to C2+ (pin 7)
7
C2+
Power Supply
Connect 1µF – 2.2µF Capacitor to C2- (pin 6)
8
C1+
Power Supply
Connect 1µF – 2.2µF Capacitor to C1- (pin 9)
9
C1-
Power Supply
Connect 1µF – 2.2µF Capacitor to C1+ (pin 8)
10
VOUT
Power Supply
Connect 1µF – 2.2µF Capacitor to VSS (pin 11)
11
VSS
Power Supply
Ground
12
VDD
Power Supply
Supply Voltage for LCD and Logic (+3V)
13
SDA(SI)
MPU
Serial Data
14
SCL
MPU
Serial Clock
15
A0
MPU
Register Select. A0=0: Instruction, A0=1: Data
16
RST
MPU
Active LOW Reset signal
17
CS1B
MPU
Active LOW Chip Select signal
A
LED+
Power Supply
Backlight Anode
K(R)
(R)LED-
Power Supply
Red Backlight Cathode (Ground)
K(G)
(G)LED-
Power Supply
Green Backlight Cathode (Ground)
K(B)
(B)LED-
Power Supply
Blue Backlight Cathode (Ground)
Recommended LCD connector: 1.5mm pitch pins, solder directly into PCB
Backlight connector: 1.5mm wide pins solder directly into PCB Mates with: ---


Similar Part No. - NHD-C12832A1Z-FS-FBW-3V

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-C12832A1Z-FSB-FBW-3V3 NEWHAVEN-NHD-C12832A1Z-FSB-FBW-3V3 Datasheet
437Kb / 9P
   COG (Chip-On-Glass) Liquid Crystal Display Module
NHD-C12832A1Z-FSR-FBW-3V3 NEWHAVEN-NHD-C12832A1Z-FSR-FBW-3V3 Datasheet
374Kb / 9P
   COG (Chip-On-Glass) Liquid Crystal Display Module
NHD-C12832A1Z-FSW-FBW-3V3 NEWHAVEN-NHD-C12832A1Z-FSW-FBW-3V3 Datasheet
679Kb / 9P
   COG (Chip-On-Glass) Liquid Crystal Display Module
More results

Similar Description - NHD-C12832A1Z-FS-FBW-3V

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-C12864HZ-FN-FBW NEWHAVEN-NHD-C12864HZ-FN-FBW Datasheet
715Kb / 8P
   COG (Chip-On-Glass) Liquid Crystal Display Module
NHD-C12864AZ-FSY-YBW NEWHAVEN-NHD-C12864AZ-FSY-YBW Datasheet
599Kb / 9P
   COG (Chip-On-Glass) Liquid Crystal Display Module
NHD-C12864B2Z-RN-FBW NEWHAVEN-NHD-C12864B2Z-RN-FBW Datasheet
696Kb / 9P
   COG (Chip-On-Glass) Liquid Crystal Display Module
NHD-C160100CZ-RN-FBW NEWHAVEN-NHD-C160100CZ-RN-FBW Datasheet
674Kb / 12P
   COG (Chip-On-Glass) Liquid Crystal Display Module
NHD-C12864A1Z-FS-FBW-HT1 NEWHAVEN-NHD-C12864A1Z-FS-FBW-HT1 Datasheet
655Kb / 9P
   COG (Chip-On-Glass) Liquid Crystal Display Module
NHD-C12864WC-FSW-FBW-3V3 NEWHAVEN-NHD-C12864WC-FSW-FBW-3V3 Datasheet
815Kb / 11P
   COG (Chip-On-Glass) Liquid Crystal Display Module
NHD-C12864GG-RN-GBW NEWHAVEN-NHD-C12864GG-RN-GBW Datasheet
605Kb / 9P
   COG (Chip-On-Glass) Liquid Crystal Display Module
NHD-C12865BR-FSW-GBW NEWHAVEN-NHD-C12865BR-FSW-GBW Datasheet
893Kb / 11P
   COG (Chip-On-Glass) Liquid Crystal Display Module
NHD-C12864A1Z-FSR-FBW-HTT NEWHAVEN-NHD-C12864A1Z-FSR-FBW-HTT Datasheet
515Kb / 9P
   COG (Chip-On-Glass) Liquid Crystal Display Module
NHD-C12864KGZ-FSW-GBW NEWHAVEN-NHD-C12864KGZ-FSW-GBW Datasheet
555Kb / 10P
   COG (Chip-On-Glass) Liquid Crystal Display Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com