Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLWB Datasheet(PDF) 10 Page - Vishay Siliconix

Part # TLWB
Description  TELUX LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLWB Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button TLWB Datasheet HTML 6Page - Vishay Siliconix TLWB Datasheet HTML 7Page - Vishay Siliconix TLWB Datasheet HTML 8Page - Vishay Siliconix TLWB Datasheet HTML 9Page - Vishay Siliconix TLWB Datasheet HTML 10Page - Vishay Siliconix TLWB Datasheet HTML 11Page - Vishay Siliconix TLWB Datasheet HTML 12Page - Vishay Siliconix TLWB Datasheet HTML 13Page - Vishay Siliconix TLWB Datasheet HTML 14Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
www.vishay.com
10
Document Number 83144
Rev. 1.8, 14-Jan-05
TLWB / BG / O / R / TG / W / Y7900
Vishay Semiconductors
Figure 31. Specific Luminous Flux vs. Forward Current
Figure 32. Relative Luminous Flux vs. Forward Current
Figure 33. Relative Intensity vs. Wavelength
0.1
1.0
1
10
100
16059
Blue Green
IF - Forward Current ( mA )
0.01
0.10
1.00
10.00
1
10
100
16060
Blue Green
IF - Forward Current ( mA )
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
420 440 460 480 500 520 540 560 580 600
16070
IF =50mA
Blue Green
λ - Wavelength(nm)
Figure 34. Dominant Wavelength vs. Forward Current
Figure 35. Forward Current vs. Forward Voltage
Figure 36. Rel. Luminous Flux vs. Ambient Temperature
502
503
504
505
506
507
508
509
510
511
16300
Blue Green
50
40
30
20
10
0
IF - Forward Current ( mA )
0
10
20
30
40
50
60
70
80
90
100
2.53.03.54.04.55.05.5
VF - Forward Voltage(V)
16040
Blue
Truegreen
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
16057
IF =50mA
Blue
Tamb - Ambient Temperature ( ° C)
-40
-20
0
20
40
60
80
100


Similar Part No. - TLWB

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
TLW-106-06-G-S SAMTEC-TLW-106-06-G-S Datasheet
1Mb / 1P
   LOW PROFILE .025" SQ POST HEADERS
logo
Texas Instruments
TLW.8600 TI-TLW.8600 Datasheet
191Kb / 7P
[Old version datasheet]   clear, non diffused LED
logo
Toshiba Semiconductor
TLWA1100 TOSHIBA-TLWA1100 Datasheet
271Kb / 8P
   Panel Circuit Indicator
TLWA1100T11 TOSHIBA-TLWA1100T11 Datasheet
271Kb / 8P
   Panel Circuit Indicator
TLWD1060 TOSHIBA-TLWD1060 Datasheet
305Kb / 9P
   LED Lamp
More results

Similar Description - TLWB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLWW8600 VISHAY-TLWW8600 Datasheet
172Kb / 6P
   TELUX LED
Rev. A2, 22-Apr-03
TLWR8900 VISHAY-TLWR8900 Datasheet
228Kb / 8P
   TELUX LED
Rev. 2.2, 15-Dec-10
VLWB9600 VISHAY-VLWB9600 Datasheet
291Kb / 7P
   TELUX LED
Rev. 1.3, 15-Dec-10
VLWR9630 VISHAY-VLWR9630 Datasheet
299Kb / 7P
   TELUX LED
Rev. 1.5, 14-Jun-12
VLWY9930 VISHAY-VLWY9930 Datasheet
292Kb / 7P
   TELUX LED
Rev. 1.4, 14-Jun-12
VLWB9900 VISHAY-VLWB9900_V01 Datasheet
322Kb / 7P
   TELUX LED
01-Jan-2022
TLWY7900 VISHAY-TLWY7900_V02 Datasheet
303Kb / 9P
   TELUX LED
01-Jan-2023
TLWY8900 VISHAY-TLWY8900_V02 Datasheet
330Kb / 9P
   TELUX LED
01-Jan-2023
VLWW9900 VISHAY-VLWW9900 Datasheet
295Kb / 8P
   TELUX LED
Rev. 1.5, 15-Dec-10
TLWR9600 VISHAY-TLWR9600_V01 Datasheet
220Kb / 5P
   TELUX LED
13-Jun-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com