Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCRF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DCRF
Description  Direct Water Cooled Wirewound Resistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DCRF Datasheet(HTML) 3 Page - Vishay Siliconix

  DCRF Datasheet HTML 1Page - Vishay Siliconix DCRF Datasheet HTML 2Page - Vishay Siliconix DCRF Datasheet HTML 3Page - Vishay Siliconix DCRF Datasheet HTML 4Page - Vishay Siliconix DCRF Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DCRF
www.vishay.com
Vishay MCB
Revision: 16-Nov-17
3
Document Number: 32548
For technical questions, contact: mcbfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
POWER DISSIPATION
Fig. 1 - Power vs. Water Inlet Temperature
Pn = f (Water Inlet Temperature), Flow Rate = 8.33 l/min
FLOW RATE
Fig. 2 - Power vs. Flow Rate
Pn = f (Flow Rate), Water Inlet Temperature = 65 °C
INDUCTANCE
Fig. 3 - Inductance vs. Ohmic Value
Maximum Inductance (may Vary for Particular Rated Values)
PRESSURE DROP
Fig. 4 - Pressure Drop vs. Flow Rate
40 % of Mono Ethylene Glycol at 20 °C
10
100
1000
10000
0
20
40
60
80
100
120
10
20
30
40
50
60
70
80
90 100
Axis Title
Water Inlet Temperature (°C)
2nd line
40 % Glycol
10
100
1000
10000
0
20
40
60
80
100
120
0
5
10
15
20
Axis Title
Flow Rate (l/min)
2nd line
10
100
1000
10000
0
500
1000
1500
2000
2500
3000
0.1
1
10
100
Axis Title
Rated Value (Ω)
2nd line
38 x 410
38 x 178
38 x 224
38 x 270
38 x 316
38 x 362
10
100
1000
10000
0
100
200
300
400
500
600
700
800
900
1000
0
2
4
6
8
10
12
14
16
18
Axis Title
Flow Rate (l/min)
2nd line
6
5
4
3
2
1. 38 x 410
2. 38 x 362
3. 38 x 316
4. 38 x 270
5. 38 x 224
6. 38 x 178
1
MOUNTING RECOMMENDATION
OK
OK
NOK


Similar Part No. - DCRF

ManufacturerPart #DatasheetDescription
logo
Dubilier
DCR DUBILIER-DCR Datasheet
260Kb / 2P
   CARBON FILM
logo
Illinois Capacitor, Inc...
DCR ILLINOISCAPACITOR-DCR Datasheet
162Kb / 2P
   Very fast charge/discharge ??High power density ??IEC 62391
logo
Alpha Wire
DCR ALPHAWIRE-DCR Datasheet
179Kb / 2P
   M12-A Male Rear Mount PG9 Receptacle
logo
Burr-Brown (TI)
DCR01 BURR-BROWN-DCR01 Datasheet
151Kb / 9P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
DCR01 BURR-BROWN-DCR01 Datasheet
326Kb / 18P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
More results

Similar Description - DCRF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WCR VISHAY-WCR Datasheet
105Kb / 4P
   Water Cooled Wirewound Resistor
CS71 VISHAY-CS71 Datasheet
60Kb / 2P
   Wirewound, 300 W Liquid Cooled Load Resistor
SPR2232 VISHAY-SPR2232 Datasheet
61Kb / 2P
   Wirewound, 300 W Liquid Cooled Load Resistor
logo
IXYS Corporation
XW180GA34A IXYS-XW180GA34A Datasheet
648Kb / 6P
   Water Cooled Heatsink
June, 2017
logo
Power Semiconductors
2-2W5I-AT1004 POSEICO-2-2W5I-AT1004 Datasheet
110Kb / 1P
   WATER COOLED A.C. SWITCH
2-2W5I-AT804 POSEICO-2-2W5I-AT804 Datasheet
111Kb / 1P
   WATER COOLED A.C. SWITCH
logo
Insel Rectifier India P...
2XDCR1278SD IRI-2XDCR1278SD Datasheet
2Mb / 5P
   AC SWITCH(WATER COOLED)
logo
Power Semiconductors
2-2W5I-AT505 POSEICO-2-2W5I-AT505 Datasheet
110Kb / 1P
   WATER COOLED A.C. SWITCH
2-2W5I-AT636 POSEICO-2-2W5I-AT636 Datasheet
111Kb / 1P
   WATER COOLED A.C. SWITCH
2-2WI-600 POSEICO-2-2WI-600 Datasheet
108Kb / 1P
   WATER COOLED A.C. SWITCH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com