Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

42095-018 Datasheet(PDF) 1 Page - Micropac Industries

Part # 42095-018
Description  NEGATIVE HIGH TEMPERATURE REGULATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

42095-018 Datasheet(HTML) 1 Page - Micropac Industries

  42095-018 Datasheet HTML 1Page - Micropac Industries 42095-018 Datasheet HTML 2Page - Micropac Industries 42095-018 Datasheet HTML 3Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. MICROCIRCUITS PRODUCTS DIVISION
 905 E. Walnut St., Garland, TX 75040  (972) 272-3571  Fax (972) 494-2281
www.micropac.com
E-MAIL: microsales@micropac.com
1/6/06 Rev D
Pg. 1 of
3
42095
NEGATIVE HIGH TEMPERATURE REGULATOR
Mii
MICROCIRCUITS DIVISION
Features:
Output current to 1.5 amps
Input voltage to -38V
Output voltage to –30V
Internal short circuit protection, foldback and
current limiting
Storage Temperature +250°C
200°C Operating temperature
Applications:
Logging while drilling
Measuring while drilling (down-hole applications)
Other harsh environments
Used as military and industrial devices
Designed for use in high temperature
environments
DESCRIPTION
The 42095 series of regulators covers the voltage range from -5 VDC through -30 VDC. These regulators are fabricated
using hybrid techniques and will operate at temperatures up to +200°C case. These devices are complete with internal short
circuit protection which includes voltage shutdown and current foldback. It is strongly recommended that input and output
capacitors be added as close to the case as possible. A 2µf capacitor should be added to the input and a minimum of 1.5 µf
should be added to the output. See typical connection diagram.
ABSOLUTE MAXIMUM RATINGS AT 200°C Case temperature
Output Current (IOUT) .............................................................................................................................................................1.5A
Input Voltage (VIN) .......................................................................................................................................................... -38VDC
Operating Temperature (TC)............................................................................................................................................... 200°C
Storage Temperature .........................................................................................................................................–65°C to 200°C
Power Dissipation (Pd)...........................................................................................................................................................25W
TABLE 1 (see note)
TYPE
VOUT VDC
MAX IOUT A
IKNEE TYP A
42095-005
-5
1.5
2.0
42095-012
-12
1.5
2.0
42095-015
-15
1.5
2.0
42095-018
-18
1.5
2.0
42095-024
-24
1.5
2.0
42095-030
-30
1.5
2.0
Note:
Under condition (VIN – VOUT x lOUT) 25 watts at 200°C.
Micropac can provide custom output voltages between -5VDC and -30VDC.


Similar Part No. - 42095-018

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
42095-018 MICROPAC-42095-018 Datasheet
95Kb / 3P
   NEGATIVE HIGH TEMPERATURE REGULATOR
More results

Similar Description - 42095-018

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
42095 MICROPAC-42095 Datasheet
95Kb / 3P
   NEGATIVE HIGH TEMPERATURE REGULATOR
42117 MICROPAC-42117 Datasheet
99Kb / 3P
   NEGATIVE HIGH TEMPERATURE FIXED VOLTAGE REGULATOR
42117_005 MICROPAC-42117_005 Datasheet
95Kb / 3P
   NEGATIVE HIGH TEMPERATURE
logo
National Semiconductor ...
LM104 NSC-LM104 Datasheet
161Kb / 6P
   Negative Regulator
logo
Holtek Semiconductor In...
HT74XX HOLTEK-HT74XX Datasheet
90Kb / 7P
   Negative Voltage Regulator
logo
Linear Technology
LT137A LINER-LT137A Datasheet
795Kb / 8P
   Negative Adjustable Regulator
logo
Silicon Standard Corp.
SS6714 SSC-SS6714 Datasheet
94Kb / 5P
   Negative Voltage Regulator
logo
Seiko Instruments Inc
S-802 SII-S-802 Datasheet
552Kb / 10P
   NEGATIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S79L12 SECOS-S79L12 Datasheet
386Kb / 2P
   Negative Voltage Regulator
logo
E-Tech Electronics LTD
GM79LXX ETL-GM79LXX Datasheet
330Kb / 5P
   NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com