Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCX591AQTA Datasheet(PDF) 4 Page - Diodes Incorporated

Part # FCX591AQTA
Description  40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FCX591AQTA Datasheet(HTML) 4 Page - Diodes Incorporated

  FCX591AQTA Datasheet HTML 1Page - Diodes Incorporated FCX591AQTA Datasheet HTML 2Page - Diodes Incorporated FCX591AQTA Datasheet HTML 3Page - Diodes Incorporated FCX591AQTA Datasheet HTML 4Page - Diodes Incorporated FCX591AQTA Datasheet HTML 5Page - Diodes Incorporated FCX591AQTA Datasheet HTML 6Page - Diodes Incorporated FCX591AQTA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FCX591AQ
Datasheet Number: DS38749 Rev. 2 - 2
4 of 7
www.diodes.com
August 2016
© Diodes Incorporated
FCX591AQ
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
-40
-
-
V
IC = -100µA
Collector-Emitter Breakdown Voltage (Note 9)
BVCEO
-40
-
-
V
IC = -10mA
Emitter-Base Breakdown Voltage
BVEBO
-7
-
-
V
IE = -100µA
Collector Base Cutoff Current
ICBO
-
-
-100
nA
VCB = -30V
Emitter Base Cutoff Current
IEBO
-
-
-100
nA
VEB = -4V
Collector Cutoff Current
ICES
-
-
-100
nA
VCES = -30V
DC Current Transfer Static Ratio (Note 9)
hFE
300
300
250
160
30
-
-
-
-
-
-
800
-
-
-
-
IC = -1mA, VCE = -5V
IC = -100mA, VCE = -5V
IC = -500mA, VCE = -5V
IC = -1A, VCE = -5V
IC = -2A, VCE = -5V
Collector-Emitter Saturation Voltage (Note 9)
VCE(SAT)
-
-
-
-
-
-
-0.2
-0.35
-0.5
V
IC = -100mA, IB = -1mA
IC = -500mA, IB = -20mA
IC = -1A, IB = -100mA
Base-Emitter Saturation Voltage (Note 9)
VBE(SAT)
-
-
-1.1
V
IC = -1A, IB = -50mA
Base-Emitter Turn-on Voltage (Note 9)
VBE(ON)
-
-
-1.0
V
IC = -1A, VCE = -5V
Transitional Frequency
fT
150
-
-
MHz
IE = -50mA, VCE = -10V
f = 100MHz
Output Capacitance
Cobo
-
-
10
pF
VCB = -10V, f = 1MHz
Notes:
9.
Measured under pulsed conditions. Pulse width ≤ 300μs. Duty cycle ≤ 2%.


Similar Part No. - FCX591AQTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX591A ZETEX-FCX591A Datasheet
22Kb / 1P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Guangdong Kexin Industr...
FCX591A KEXIN-FCX591A Datasheet
35Kb / 2P
   Medium Power Transistor
logo
Diodes Incorporated
FCX591A DIODES-FCX591A Datasheet
199Kb / 7P
   40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
FCX591ATA DIODES-FCX591ATA Datasheet
199Kb / 7P
   40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
FCX591A DIODES-FCX591A_15 Datasheet
293Kb / 7P
   40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
More results

Similar Description - FCX591AQTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP2041F DIODES-ZXTP2041F Datasheet
221Kb / 6P
   40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
FCX591A DIODES-FCX591A Datasheet
199Kb / 7P
   40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
FCX591A DIODES-FCX591A_15 Datasheet
293Kb / 7P
   40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
logo
Zetex Semiconductors
FZT591 ZETEX-FZT591 Datasheet
41Kb / 1P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
ZTX749 DIODES-ZTX749 Datasheet
70Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Zetex Semiconductors
ZTX749 ZETEX-ZTX749 Datasheet
59Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
BCW68 ZETEX-BCW68 Datasheet
39Kb / 2P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
BSR30 ZETEX-BSR30 Datasheet
13Kb / 1P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
2N6520 DIODES-2N6520 Datasheet
41Kb / 1P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
ZTX749 DIODES-ZTX749_15 Datasheet
70Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com