Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DXT5551 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DXT5551
Description  160V NPN TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DXT5551 Datasheet(HTML) 1 Page - Diodes Incorporated

  DXT5551 Datasheet HTML 1Page - Diodes Incorporated DXT5551 Datasheet HTML 2Page - Diodes Incorporated DXT5551 Datasheet HTML 3Page - Diodes Incorporated DXT5551 Datasheet HTML 4Page - Diodes Incorporated DXT5551 Datasheet HTML 5Page - Diodes Incorporated DXT5551 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DXT5551
Document number: DS31225 Rev. 4 - 2
1 of 6
www.diodes.com
April 2017
© Diodes Incorporated
DXT5551
160V NPN TRANSISTOR IN SOT89
Features
BVCEO > 160V
IC = 600mA High Collector Current
Complementary PNP Type: DXT5401
Ideal for Medium Power Switching or Amplification Applications
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT89
Case Material: Molded Plastic, “Green” Molding Compound
UL Flammability Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin Plated Leads, Solderable per
MIL-STD-202, Method 208
Weight: 0.052 grams (Approximate)
Ordering Information (Note 4)
Part Number
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
DXT5551-13
K4N
13
12
2,500
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen and Antimony free,"Green"
and Lead-Free.
3.
Halogen and Antimony free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html
.
Marking Information
= Manufacturer’s Marking
K4N = Product Type Marking Code
YWW = Date Code Marking
Y = Last Digit of Year (ex: 7 = 2017)
WW = Week Code (01 to 52)
(Top View)
K4N
YWW
Top View
SOT89
Device Symbol
Top View
Pin-Out
C
E
C
B
C
E
B


Similar Part No. - DXT5551

ManufacturerPart #DatasheetDescription
logo
Dc Components
DXT5551 DCCOM-DXT5551 Datasheet
238Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
logo
Diodes Incorporated
DXT5551P5 DIODES-DXT5551P5 Datasheet
135Kb / 7P
   160V NPN HIGH VOLTAGE TRANSISTOR PowerDI짰5
DS32066 Rev. 2 - 2
DXT5551P5-13 DIODES-DXT5551P5-13 Datasheet
135Kb / 7P
   160V NPN HIGH VOLTAGE TRANSISTOR PowerDI짰5
DS32066 Rev. 2 - 2
DXT5551P5_1011 DIODES-DXT5551P5_1011 Datasheet
137Kb / 7P
   160V NPN HIGH VOLTAGE TRANSISTOR
DXT5551P5 DIODES-DXT5551P5_15 Datasheet
137Kb / 7P
   160V NPN HIGH VOLTAGE TRANSISTOR PowerDI짰5
More results

Similar Description - DXT5551

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DXT5551P5_1011 DIODES-DXT5551P5_1011 Datasheet
137Kb / 7P
   160V NPN HIGH VOLTAGE TRANSISTOR
logo
Zibo Seno Electronic En...
MMBT5551 ZSELEC-MMBT5551 Datasheet
309Kb / 2P
   160V NPN SMALL SIGNAL TRANSISTOR
logo
Diodes Incorporated
DXT5551 DIODES-DXT5551_15 Datasheet
419Kb / 6P
   160V NPN TRANSISTOR IN SOT89
DXT5551P5 DIODES-DXT5551P5_15 Datasheet
137Kb / 7P
   160V NPN HIGH VOLTAGE TRANSISTOR PowerDI짰5
ZXTN5551Z DIODES-ZXTN5551Z Datasheet
237Kb / 8P
   160V, SOT89, NPN high voltage transistor
DZT5551 DIODES-DZT5551_15 Datasheet
155Kb / 7P
   160V NPN VOLTAGE TRANSISTOR IN SOT223
logo
Zetex Semiconductors
ZXTN5551FL ZETEX-ZXTN5551FL Datasheet
206Kb / 8P
   160V, SOT23, NPN High voltage transistor
ZXTN5551G ZETEX-ZXTN5551G Datasheet
335Kb / 8P
   160V, SOT223, NPN high voltage transistor
logo
Diodes Incorporated
ZXTN5551FL DIODES-ZXTN5551FL Datasheet
218Kb / 8P
   160V, SOT23, NPN High voltage transistor
DZT5551Q DIODES-DZT5551Q Datasheet
492Kb / 7P
   160V NPN VOLTAGE TRANSISTOR IN SOT223
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com