Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DXT751Q Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DXT751Q
Description  60V PNP LOW SATURATION POWER TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DXT751Q Datasheet(HTML) 3 Page - Diodes Incorporated

  DXT751Q Datasheet HTML 1Page - Diodes Incorporated DXT751Q Datasheet HTML 2Page - Diodes Incorporated DXT751Q Datasheet HTML 3Page - Diodes Incorporated DXT751Q Datasheet HTML 4Page - Diodes Incorporated DXT751Q Datasheet HTML 5Page - Diodes Incorporated DXT751Q Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DXT751Q
Document Number: DS39215 Rev: 1 - 2
3 of 6
www.diodes.com
November 2016
© Diodes Incorporated
DXT751Q
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
BVCBO
-80


V
IC = -100µA
Collector-Emitter Breakdown Voltage (Note 9)
BVCEO
-60
V
IC = -10mA
Emitter-Base Breakdown Voltage
BVEBO
-5


V
IE = -100µA
Collector-Base Cutoff Current
ICBO


-0.1
-10
µA
VCB = -60V
VCB = -60V, TA = +100°C
Emitter-Base Cutoff Current
IEBO
-0.1
µA
VEB = -4V
ON CHARACTERISTICS (Note 9)
Collector-Emitter Saturation Voltage
VCE(sat)
-0.08
-0.2
-0.3
-0.6
V
V
IC = -1A, IB = 100mA
IC = -3A, IB = 300mA
Base-Emitter Saturation Voltage
VBE(sat)
-0.90
-1.25
V
IC = -1A, IB = -100mA
Base-Emitter Turn-On Voltage
VBE(on)
-0.8
-1
V
VCE = -2V, IC = -1A
DC Current Gain
hFE
70
100
80
40
200
180
160
140
300

VCE = -2V, IC = -50mA
VCE = -2V, IC = -500mA
VCE = -2V, IC = -1A
VCE = -2V, IC = -2A
SMALL-SIGNAL CHARACTERISTICS
Transition Frequency
fT
100
145
MHz
VCE = -10V, IC = -50mA, f = 100MHz
Output Capacitance
Cobo

30
pF
VCB = -10V, f = 1MHz
Switching Times
ton
toff


45
200

ns
ns
VCC = -10V. IC = -500mA,
IB1 = -IB2 = -50mA
Note:
9.
Measured under pulsed conditions. Pulse width ≤ 300μs. Duty cycle ≤ 2%.


Similar Part No. - DXT751Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DXT751 DIODES-DXT751 Datasheet
170Kb / 4P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DXT751-13 DIODES-DXT751-13 Datasheet
170Kb / 4P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DXT751 DIODES-DXT751_15 Datasheet
170Kb / 4P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
More results

Similar Description - DXT751Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXT951K DIODES-ZXT951K_15 Datasheet
141Kb / 7P
   60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR
ZXTP2012G DIODES-ZXTP2012G_16 Datasheet
451Kb / 7P
   60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR
ZXT951KQ DIODES-ZXT951KQ Datasheet
441Kb / 7P
   60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR
ZXTP2012G DIODES-ZXTP2012G_15 Datasheet
132Kb / 6P
   60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZX5T951G DIODES-ZX5T951G Datasheet
133Kb / 6P
   60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTP2012G DIODES-ZXTP2012G Datasheet
132Kb / 6P
   60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Zetex Semiconductors
ZX5T951G ZETEX-ZX5T951G Datasheet
123Kb / 6P
   60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZX5T951G DIODES-ZX5T951G_15 Datasheet
540Kb / 7P
   60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Zhaoxingwei Electronics...
ZX5T854Z ZHAOXINGWEI-ZX5T854Z Datasheet
247Kb / 6P
   60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Zetex Semiconductors
ZX5T951Z ZETEX-ZX5T951Z Datasheet
126Kb / 6P
   60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com