Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSS5220T-13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DSS5220T-13
Description  20V PNP LOW SATURATION TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DSS5220T-13 Datasheet(HTML) 1 Page - Diodes Incorporated

  DSS5220T-13 Datasheet HTML 1Page - Diodes Incorporated DSS5220T-13 Datasheet HTML 2Page - Diodes Incorporated DSS5220T-13 Datasheet HTML 3Page - Diodes Incorporated DSS5220T-13 Datasheet HTML 4Page - Diodes Incorporated DSS5220T-13 Datasheet HTML 5Page - Diodes Incorporated DSS5220T-13 Datasheet HTML 6Page - Diodes Incorporated DSS5220T-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DSS5220T
Document number: DS39392 Rev. 2 - 2
1 of 7
www.diodes.com
June 2017
© Diodes Incorporated
DSS5220T
20V PNP LOW SATURATION TRANSISTOR IN SOT23
Features
BVCEO > -20V
IC = -2A Continuous Collector Current
ICM = -3A Peak Pulse Current
Low Saturation Voltage VCE(SAT) < -150mV @ -1A
RCE(SAT) = 113mΩ for a Low Equivalent On-Resistance
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
An Automotive-Compliant Part is Available Under Separate
Datasheet (DSS5220TQ)
Mechanical Data
Case: SOT23
Case Material: Molded Plastic, “Green” Molding Compound; UL
Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
– Matte Tin Plated Leads, Solderable per MIL-
STD-202, Method 208
Weight 0.008 grams (Approximate)
Ordering Information (Note 4)
Product
Compliance
Marking
Reel Size (inches)
Tape Width (mm)
Quantity Per Reel
DSS5220T-7
AEC-Q
ZP3
7
8
3,000
DSS5220T-13
AEC-Q
ZP3
13
8
10,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
Date Code Key
Year
2016
2017
2018
2019
2020
2021
2022
2023
2024
2025
2026
2027
Code
D
E
F
G
H
I
J
K
L
M
N
O
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
SOT23
Top View
Pin-Out
Top View
Device Symbol
C
E
B
C
E
B
ZP3 = Product Type Marking Code (See Table Above)
YM = Date Code Marking
Y = Year (ex: D = 2016)
M = Month (ex: 9 = September)
ZP3


Similar Part No. - DSS5220T-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DSS5220TQ DIODES-DSS5220TQ Datasheet
497Kb / 7P
   20V PNP LOW SATURATION TRANSISTOR
DSS5220TQ-7 DIODES-DSS5220TQ-7 Datasheet
497Kb / 7P
   20V PNP LOW SATURATION TRANSISTOR
More results

Similar Description - DSS5220T-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DSS5220TQ DIODES-DSS5220TQ Datasheet
497Kb / 7P
   20V PNP LOW SATURATION TRANSISTOR
ZXTPS718MC DIODES-ZXTPS718MC Datasheet
270Kb / 10P
   20V PNP LOW SATURATION TRANSISTOR AND
ZXTP718MA DIODES-ZXTP718MA Datasheet
163Kb / 7P
   20V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXT2MA DIODES-ZXT2MA_15 Datasheet
160Kb / 7P
   20V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXTP19020CFF DIODES-ZXTP19020CFF_16 Datasheet
337Kb / 7P
   20V PNP LOW SATURATION VOLTAGE TRANSISTOR
ZXTP19020DFF DIODES-ZXTP19020DFF_17 Datasheet
369Kb / 7P
   20V PNP LOW SATURATION VOLTAGE TRANSISTOR
ZX5T2E6 DIODES-ZX5T2E6_16 Datasheet
330Kb / 7P
   20V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXT2MA DIODES-ZXT2MA Datasheet
160Kb / 7P
   20V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXTP718MA DIODES-ZXTP718MA_15 Datasheet
198Kb / 7P
   20V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXTD718MC DIODES-ZXTD718MC Datasheet
194Kb / 7P
   DUAL 20V PNP LOW SATURATION SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com