Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S25FL004AOLNFI001 Datasheet(PDF) 9 Page - SPANSION

Part # S25FL004AOLNFI001
Description  4-Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL004AOLNFI001 Datasheet(HTML) 9 Page - SPANSION

Back Button S25FL004AOLNFI001 Datasheet HTML 5Page - SPANSION S25FL004AOLNFI001 Datasheet HTML 6Page - SPANSION S25FL004AOLNFI001 Datasheet HTML 7Page - SPANSION S25FL004AOLNFI001 Datasheet HTML 8Page - SPANSION S25FL004AOLNFI001 Datasheet HTML 9Page - SPANSION S25FL004AOLNFI001 Datasheet HTML 10Page - SPANSION S25FL004AOLNFI001 Datasheet HTML 11Page - SPANSION S25FL004AOLNFI001 Datasheet HTML 12Page - SPANSION S25FL004AOLNFI001 Datasheet HTML 13Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
March 28, 2005 S25FL004A_00_A1
S25FL Family (Serial Peripheral Interface) S25FL004A
7
Ad va nc e
In forma t i o n
Ordering Information
The ordering part number is formed by the following valid combinations:
Table 1. S25FL Valid Combinations Table
Notes:
1. Type 1 is standard. Specify other options as required.
2. Contact your local sales office for availability.
3. Package marking omits leading S25 and speed, package, and leading digit of model number form ordering part number.
4. A for standard package (non-Pb-free); F for Pb-free package.
Valid Combinations
Valid Combinations list configurations planned to be supported in volume for this device.
S25FL
004
A
0L
M
A
1
00
1
PACKING TYPE
0 = Tray (Note 2)
1 = Tube (Standard; See Note 1)
3 = 13” Tape and Reel (Note 2)
MODEL NUMBER (Additional Ordering
Options)
00 = No additional ordering options
TEMPERATURE RANGE
I
= Industrial (-40°C to + 85°C)
PACKAGE MATERIALS
A = Standard
F = Lead (Pb)-free (Note 2)
PACKAGE TYPE
M = 8-Pin Plastic Small Outline Package
N = 8-Contact USON Package
SPEED
0L = 50 MHz
DEVICE TECHNOLOGY
A = 0.20 µm MirrorBit™ Process Technology
DENSITY
004 = 4 Mb
DEVICE FAMILY
S25FL
SpansionTM Memory 3.0 Volt-only, Serial Peripheral Interface (SPI) Flash Memory
S25FL Valid Combinations
Package Marking
(See Note 3)
Base
Ordering Part
Number
Speed
Option
Package &
Temperature
Model
Number
Packing
Type
S25FL004A
0L
MAI, MFI
NAI, NFI
(Note 2)
00
0, 1, 3
(Note 1)
FL004A + (Temp) + (Note 4)


Similar Part No. - S25FL004AOLNFI001

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL004D SPANSION-S25FL004D Datasheet
724Kb / 36P
   4 Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
S25FL004D0LMAI011 SPANSION-S25FL004D0LMAI011 Datasheet
724Kb / 36P
   4 Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
S25FL004D0LMAI013 SPANSION-S25FL004D0LMAI013 Datasheet
724Kb / 36P
   4 Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
S25FL004D0LMFI011 SPANSION-S25FL004D0LMFI011 Datasheet
724Kb / 36P
   4 Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
S25FL004D0LMFI013 SPANSION-S25FL004D0LMFI013 Datasheet
724Kb / 36P
   4 Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
More results

Similar Description - S25FL004AOLNFI001

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL004D SPANSION-S25FL004D Datasheet
724Kb / 36P
   4 Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
S25FL016A SPANSION-S25FL016A_08 Datasheet
1Mb / 36P
   16 Megabit CMOS 3.0 Volt Flash Memory with 50-MHz SPI (Serial Peripheral Interface) Bus
S25FL008A SPANSION-S25FL008A Datasheet
960Kb / 32P
   8-Megabit CMOS 3.0 Volt Flash Memory with 50 MHz SPI (Serial Peripheral Interface) Bus
S25FL002D SPANSION-S25FL002D Datasheet
892Kb / 38P
   2 Megabit, 1 Megabit CMOS 3.0 Volt Flash Memory with 25 MHz SPI Bus Interface
S25FL128P SPANSION-S25FL128P Datasheet
1Mb / 48P
   128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus
S25FL128P SPANSION-S25FL128P_12 Datasheet
1Mb / 49P
   128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus
S25FL064A SPANSION-S25FL064A Datasheet
949Kb / 32P
   64 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL032A SPANSION-S25FL032A Datasheet
941Kb / 36P
   32 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL016A SPANSION-S25FL016A Datasheet
997Kb / 34P
   16 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
logo
Excel Semiconductor Inc...
ES25P40 EXCELSEMI-ES25P40 Datasheet
435Kb / 35P
   4Mbit CMOS 3.0 Volt Flash Memory with 75Mhz SPI Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com