Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSK5986RH Datasheet(PDF) 2 Page - Anaren Microwave

Part # MSK5986RH
Description  RAD HARD POSITIVE, 2.8A, SINGLE RESISTOR ADJ VOLTAGE REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

MSK5986RH Datasheet(HTML) 2 Page - Anaren Microwave

  MSK5986RH Datasheet HTML 1Page - Anaren Microwave MSK5986RH Datasheet HTML 2Page - Anaren Microwave MSK5986RH Datasheet HTML 3Page - Anaren Microwave MSK5986RH Datasheet HTML 4Page - Anaren Microwave MSK5986RH Datasheet HTML 5Page - Anaren Microwave MSK5986RH Datasheet HTML 6Page - Anaren Microwave MSK5986RH Datasheet HTML 7Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ABSOLUTE MAXIMUM RATINGS
VIN
Input Voltage................................................. +18V, -0.3V
PD Power Dissipation.................................. Internally Limited
No Overload or Short..................................... +23V,-0.3V
TJ Junction Temperature............................................ +150°C
IOUT
Output Current......................................................... 3.0A
TST Storage Temperature Range................... -65°C to +150°C
ISET
Set Pin Current ................................................... ±25mA
TLD Lead Temperature Range
VSET
Set Pin Voltage....................................................... ±10V
(10 Seconds)............................................................300°C
TC Case Operating Temperature
MSK5986RH.......................................... -40°C to +85°C
MSK5986K/H RH................................. -55°C to +125°C
ESD Rating......................................................... CLASS 2
10
7
7
8
7
ELECTRICAL SPECIFICATIONS
Parameter
Test Conditions 1 11
Group A
Subgroup
MSK 5986K/H RH
MSK 5986RH
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
Set Pin Current
(ISET)
VIN = 3.0V VOUT = 1.0V 5mA ≤ ILOAD ≤ 2.8A
1
49.5
50
50.5
49.5
50
50.5
uA
2, 3
49
-
51.5
-
-
-
uA
Post Radiation
1
49
-
51
49
-
51
uA
Output Offset Voltage
(VOS)
VIN = 3.0V VOUT = 1.0V
1
-4.5
0
4.5
-4.5
0
4.5
mV
ILOAD = 5mA
2, 3
-6
-
6
-
-
-
mV
Load Regulation
VIN = 3.0V VOUT = 0V 5mA ≤ ILOAD ≤ 2.8A
(
δVOS) 1, 2, 3
-4
-
4
-4
-
4
mV
(
δISET) 1, 2, 3
-300
-10
+300
-300
-10
+300
nA
Line Regulation
δVIN = 3V TO 24V
(
δVOS)
VOUT = 0V
ILOAD = 5mA
(
δISET)
1, 2, 3
-0.05
-
0.05
-0.05
-
0.05
mV/V
1, 2, 3
-10
0.1
+10
-10
0.1
+10
nA/V
Dropout Voltage
2
VOUT = 1.0V ILOAD = 2.8A
1%
δVOUT
1
-
1.47
-
-
1.47
-
V
10%
δVOUT
1
-
1.94
-
-
1.94
-
V
Current Limit
9
VIN = 5.0V
VOUT = 1.0V
1
2.8
3.4
-
2.8
3.4
-
A
2, 3
2.8
-
-
-
-
-
A
Minimum Load Current 6
VIN = 23V
-
-
-
1
-
-
1
mA
Ripple Rejection
2
F = 120Hz
δVIN = 0.5Vpp
-
-
85
-
-
85
-
dB
Output Noise
2
VIN = 3V
RLOAD = 2.5Ω
10Hz to 100KHz
CSET = 0.1uF
-
-
40
-
-
40
-
uVRMS
Thermal Resistance
2
Junction to Case @ 125°C
-
-
1.5
1.9
-
1.5
1.9
°C/W
NOTES:
1
Output is decoupled to ground using a 220µF tantalum low ESR capacitor in parallel with 3 pieces of 1.0µF and one 0.1µF ceramic capacitor unless otherwise
specified. (See Figure 1)
2
Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
3
Industrial grade devices shall be tested to subgroup 1 unless otherwise specified.
4
Class H and K devices shall be 100% tested to subgroups 1, 2 and 3.
5
Subgroup 1
TA = TC = +25°C
2
TA = TC = +125°C
3
TA = TC = -55°C
6
Minimum load current verified while testing line regulation.
7
Voltage is measured with respect to VOUT.
8
Set pin is clamped to VOUT with diodes in series with 1KΩ resistors. Current will flow under transient conditions.
9
Reference current limit typical performance curve for output current capability versus voltage drop.
10
Continuous operation at or above absolute maximum ratings may adversely effect the device performance and/or life cycle.
11
Pre and Post irradiation limits at 25°C, up to 100 Krad(Si) TID, are identical unless otherwise specified.
2
8548-169 Rev. F 2/18


Similar Part No. - MSK5986RH

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5980HRHG ANAREN-MSK5980HRHG Datasheet
408Kb / 9P
   MIL-PRF-38534 AND 38535 CERTIFIED FACILITY
MSK5980KRHG ANAREN-MSK5980KRHG Datasheet
408Kb / 9P
   MIL-PRF-38534 AND 38535 CERTIFIED FACILITY
MSK5980RH ANAREN-MSK5980RH Datasheet
408Kb / 9P
   MIL-PRF-38534 AND 38535 CERTIFIED FACILITY
MSK5980VRHG ANAREN-MSK5980VRHG Datasheet
408Kb / 9P
   MIL-PRF-38534 AND 38535 CERTIFIED FACILITY
MSK5983HRHG ANAREN-MSK5983HRHG Datasheet
610Kb / 9P
   RAD HARD POSITIVE, 2.25A, LDO, SINGLE RESISTOR ADJ VOLTAGE REGULATOR
More results

Similar Description - MSK5986RH

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK5984RH MSK-MSK5984RH Datasheet
1Mb / 8P
   RAD HARD POSITIVE, 2.8A, LDO, SINGLE RESISTOR ADJ VOLTAGE REGULATOR
logo
Anaren Microwave
MSK5984RH ANAREN-MSK5984RH Datasheet
539Kb / 8P
   RAD HARD POSITIVE, 2.8A, LDO, SINGLE RESISTOR ADJ VOLTAGE REGULATOR
logo
M.S. Kennedy Corporatio...
MSK5979RH MSK-MSK5979RH Datasheet
1Mb / 8P
   RAD HARD POSITIVE, 0.9A, LDO, SINGLE RESISTOR ADJ VOLTAGE REGULATOR
logo
Anaren Microwave
MSK5983RH ANAREN-MSK5983RH Datasheet
610Kb / 9P
   RAD HARD POSITIVE, 2.25A, LDO, SINGLE RESISTOR ADJ VOLTAGE REGULATOR
MSK5985RH ANAREN-MSK5985RH Datasheet
560Kb / 9P
   RAD HARD POSITIVE, 1.9A, LDO, SINGLE RESISTOR ADJ VOLTAGE REGULATOR
MSK5978RH ANAREN-MSK5978RH Datasheet
1Mb / 9P
   RAD HARD POSITIVE 0.7A, LDO, SINGLE RESISTOR ADJ VOLTAGE REGULATOR
MSK5979RH ANAREN-MSK5979RH Datasheet
1Mb / 8P
   RAD HARD POSITIVE, 0.9A, LDO, SINGLE RESISTOR ADJ VOLTAGE REGULATOR
MSK5953RH ANAREN-MSK5953RH Datasheet
1Mb / 9P
   RAD HARD DUAL POSITIVE LDO ADJ VOLTAGE REGULATOR
MSK5970RH ANAREN-MSK5970RH Datasheet
422Kb / 8P
   RAD HARD POSITIVE, 1.5 AMP, LOW DROPOUT ADJ VOLTAGE REGULATOR
MSK5965RH ANAREN-MSK5965RH Datasheet
429Kb / 7P
   RAD HARD POSITIVE 0.9A, LOW NOISE, LDO ADJ VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com