Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1372D-200BGI Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1372D-200BGI
Description  18-Mbit (512K X 36/1M X 18) Pipelined SRAM with NoBL Architecture
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1372D-200BGI Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1372D-200BGI Datasheet HTML 6Page - Cypress Semiconductor CY7C1372D-200BGI Datasheet HTML 7Page - Cypress Semiconductor CY7C1372D-200BGI Datasheet HTML 8Page - Cypress Semiconductor CY7C1372D-200BGI Datasheet HTML 9Page - Cypress Semiconductor CY7C1372D-200BGI Datasheet HTML 10Page - Cypress Semiconductor CY7C1372D-200BGI Datasheet HTML 11Page - Cypress Semiconductor CY7C1372D-200BGI Datasheet HTML 12Page - Cypress Semiconductor CY7C1372D-200BGI Datasheet HTML 13Page - Cypress Semiconductor CY7C1372D-200BGI Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
PRELIMINARY
CY7C1370D
CY7C1372D
Document #: 38-05555 Rev. *A
Page 10 of 30
IEEE 1149.1 Serial Boundary Scan (JTAG)
The CY7C1370D/CY7C1372D incorporates a serial boundary
scan test access port (TAP). This part is fully compliant with
1149.1. The TAP operates using JEDEC-standard 3.3V or
2.5V I/O logic levels.
The CY7C1370D/CY7C1372D contains a TAP controller,
instruction register, boundary scan register, bypass register,
and ID register.
Disabling the JTAG Feature
It is possible to operate the SRAM without using the JTAG
feature. To disable the TAP controller, TCK must be tied
LOW(VSS) to prevent clocking of the device. TDI and TMS are
internally pulled up and may be unconnected. They may alter-
nately be connected to VDD through a pull-up resistor. TDO
should be left unconnected. Upon power-up, the device will
come up in a reset state which will not interfere with the
operation of the device.
Partial Write Cycle Description[1, 2, 3, 8]
Function (CY7C1370D)
WE
BWd
BWc
BWb
BWa
Read
H
X
X
X
X
Write – No bytes written
L
H
H
H
H
Write Byte a – (DQa and DQPa)
L
HHH
L
Write Byte b – (DQb and DQPb)L
H
H
L
H
Write Bytes b, a
L
H
H
L
L
Write Byte c – (DQc and DQPc)L
H
L
H
H
Write Bytes c, a
L
H
L
H
L
Write Bytes c, b
L
H
L
L
H
Write Bytes c, b, a
L
H
L
L
L
Write Byte d – (DQd and DQPd)L
L
H
H
H
Write Bytes d, a
L
L
H
H
L
Write Bytes d, b
L
LHLH
Write Bytes d, b, a
L
L
H
L
L
Write Bytes d, c
L
L
L
H
H
Write Bytes d, c, a
L
L
L
H
L
Write Bytes d, c, b
L
L
L
L
H
Write All Bytes
L
L
L
L
L
Function (CY7C1372D)
WE
BWb
BWa
Read
H
x
x
Write – No Bytes Written
L
H
H
Write Byte a – (DQa and DQPa)L
H
L
Write Byte b – (DQb and DQPb)L
L
H
Write Both Bytes
L
L
L


Similar Part No. - CY7C1372D-200BGI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1372D-200BGI CYPRESS-CY7C1372D-200BGI Datasheet
511Kb / 28P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
More results

Similar Description - CY7C1372D-200BGI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1370DV25 CYPRESS-CY7C1370DV25 Datasheet
421Kb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370D CYPRESS-CY7C1370D_06 Datasheet
511Kb / 28P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25_06 Datasheet
553Kb / 27P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370CV25 CYPRESS-CY7C1370CV25 Datasheet
712Kb / 27P
   512K x 36/1M x 18 Pipelined SRAM with NoBL??Architecture
CY7C1370C CYPRESS-CY7C1370C Datasheet
704Kb / 27P
   512K x 36/1M x 18 Pipelined SRAM with NoBL Architecture
CY7C1372BV25 CYPRESS-CY7C1372BV25 Datasheet
726Kb / 26P
   512K x 36/1M x 18 Pipelined SRAM with NoBL Architecture
CY7C1460AV33 CYPRESS-CY7C1460AV33 Datasheet
395Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1460AV25 CYPRESS-CY7C1460AV25_06 Datasheet
511Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1460AV33 CYPRESS-CY7C1460AV33_06 Datasheet
513Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
CY7C1460AV25 CYPRESS-CY7C1460AV25 Datasheet
396Kb / 27P
   36-Mbit (1M x 36/2M x 18/512K x 72) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com