Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NHD-24064WG-AGYH-VZ Datasheet(PDF) 6 Page - Newhaven Display International, Inc.

Part # NHD-24064WG-AGYH-VZ
Description  Liquid Crystal Display Graphic Module
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWHAVEN [Newhaven Display International, Inc.]
Direct Link  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

NHD-24064WG-AGYH-VZ Datasheet(HTML) 6 Page - Newhaven Display International, Inc.

Back Button NHD-24064WG-AGYH-VZ Datasheet HTML 2Page - Newhaven Display International, Inc. NHD-24064WG-AGYH-VZ Datasheet HTML 3Page - Newhaven Display International, Inc. NHD-24064WG-AGYH-VZ Datasheet HTML 4Page - Newhaven Display International, Inc. NHD-24064WG-AGYH-VZ Datasheet HTML 5Page - Newhaven Display International, Inc. NHD-24064WG-AGYH-VZ Datasheet HTML 6Page - Newhaven Display International, Inc. NHD-24064WG-AGYH-VZ Datasheet HTML 7Page - Newhaven Display International, Inc. NHD-24064WG-AGYH-VZ Datasheet HTML 8Page - Newhaven Display International, Inc. NHD-24064WG-AGYH-VZ Datasheet HTML 9Page - Newhaven Display International, Inc. NHD-24064WG-AGYH-VZ Datasheet HTML 10Page - Newhaven Display International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
Newhaven Display International, LLC
NHD-24064WG-A
6
6.Optical Characteristics
Item
Symbol
Condition
Min
Typ
Max
Unit
View Angle
(V)
θ
CR
≧ 2
10
105
deg
(H)
φ
CR
≧ 2
-30
30
deg
Contrast Ratio
CR
3
Response Time
T rise
150
200
ms
T fall
150
200
ms
Definition of Operation Voltage (Vop)
Definition of Response Time ( Tr , Tf )
Driving Voltage(V)
Intensity
Cr Max
100
Vop
Selected Wave
Non-selected Wave
[Negative type]
Cr = Lon / Loff
Intensity
90
100
Tr
10
Tf
Non-selected
Conition
Non-selected
Conition
Selected Conition
[Negative type]
Conditions :
Operating Voltage : Vop
Viewing Angle(
θ,φ ) : 0°, 0°
Frame Frequency : 64 HZ
Driving Waveform : 1/N duty , 1/a bias
Definition of viewing angle(CR
≧ 2)
θ f
φ = 1 8 0 °
φ = 9 0 °
φ = 0 °
φ = 270 °
θ b
θ r
θ l


Similar Part No. - NHD-24064WG-AGYH-VZ

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-24064WG-AFFH-VZ NEWHAVEN-NHD-24064WG-AFFH-VZ Datasheet
836Kb / 10P
   Graphic Liquid Crystal Display Module
NHD-24064WG-AFML-VZ NEWHAVEN-NHD-24064WG-AFML-VZ Datasheet
823Kb / 10P
   Graphic Liquid Crystal Display Module
NHD-24064WG-ASFH-VZ NEWHAVEN-NHD-24064WG-ASFH-VZ Datasheet
924Kb / 9P
   Graphic Liquid Crystal Display Module
NHD-24064WG-ATFH-VZ NEWHAVEN-NHD-24064WG-ATFH-VZ Datasheet
787Kb / 10P
   Graphic Liquid Crystal Display Module
NHD-24064WG-ATFH-VZ000-CB NEWHAVEN-NHD-24064WG-ATFH-VZ000-CB Datasheet
593Kb / 35P
   Liquid Crystal Display Graphic Module
More results

Similar Description - NHD-24064WG-AGYH-VZ

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-240128WG-ATMI-VZ NEWHAVEN-NHD-240128WG-ATMI-VZ Datasheet
617Kb / 10P
   Graphic Liquid Crystal Display Module
NHD-12864AZ-FL-YBW NEWHAVEN-NHD-12864AZ-FL-YBW Datasheet
401Kb / 9P
   Graphic Liquid Crystal Display Module
NHD-240128WG-BTGH-VZ NEWHAVEN-NHD-240128WG-BTGH-VZ Datasheet
555Kb / 9P
   Graphic Liquid Crystal Display Module
NHD-240128WG-BTMI-VZ NEWHAVEN-NHD-240128WG-BTMI-VZ Datasheet
555Kb / 9P
   Graphic Liquid Crystal Display Module
NHD-24064CZ-NSW-BBW NEWHAVEN-NHD-24064CZ-NSW-BBW Datasheet
536Kb / 9P
   Graphic Liquid Crystal Display Module
NHD-2.4-240320YF-CTXI NEWHAVEN-NHD-2.4-240320YF-CTXI Datasheet
1Mb / 17P
   Liquid Crystal Display Graphic Module
NHD-2.4-240320YF-CTXI-T-1 NEWHAVEN-NHD-2.4-240320YF-CTXI-T-1 Datasheet
1Mb / 17P
   Liquid Crystal Display Graphic Module
NHD-24064WG-AFFH-VZ NEWHAVEN-NHD-24064WG-AFFH-VZ Datasheet
836Kb / 10P
   Graphic Liquid Crystal Display Module
NHD-24064WG-AFML-VZ NEWHAVEN-NHD-24064WG-AFML-VZ Datasheet
823Kb / 10P
   Graphic Liquid Crystal Display Module
NHD-12232DZ-FSW-GBW NEWHAVEN-NHD-12232DZ-FSW-GBW Datasheet
681Kb / 10P
   Graphic Liquid Crystal Display Module
NHD-16032AZ-NSW-BBW NEWHAVEN-NHD-16032AZ-NSW-BBW Datasheet
551Kb / 23P
   Liquid Crystal Display Graphic Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com