Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NHD-12032BZ-FSW-GBW Datasheet(PDF) 7 Page - Newhaven Display International, Inc.

Part # NHD-12032BZ-FSW-GBW
Description  Liquid Crystal Display Graphic Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWHAVEN [Newhaven Display International, Inc.]
Direct Link  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

NHD-12032BZ-FSW-GBW Datasheet(HTML) 7 Page - Newhaven Display International, Inc.

Back Button NHD-12032BZ-FSW-GBW Datasheet HTML 3Page - Newhaven Display International, Inc. NHD-12032BZ-FSW-GBW Datasheet HTML 4Page - Newhaven Display International, Inc. NHD-12032BZ-FSW-GBW Datasheet HTML 5Page - Newhaven Display International, Inc. NHD-12032BZ-FSW-GBW Datasheet HTML 6Page - Newhaven Display International, Inc. NHD-12032BZ-FSW-GBW Datasheet HTML 7Page - Newhaven Display International, Inc. NHD-12032BZ-FSW-GBW Datasheet HTML 8Page - Newhaven Display International, Inc. NHD-12032BZ-FSW-GBW Datasheet HTML 9Page - Newhaven Display International, Inc. NHD-12032BZ-FSW-GBW Datasheet HTML 10Page - Newhaven Display International, Inc. NHD-12032BZ-FSW-GBW Datasheet HTML 11Page - Newhaven Display International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Output disable time
t ch8
10
60
ns
MPU bus read/write 2(68-family MPU)
DB0~DB7
DB0~DB7
E
R/W
WRITE
READ
A0. /CS
t aw6
t ew
t cyc6
t acc6
t oh6
t dh6
t ah6
t ds6
Item
symbol
Conditions
Min.
Max.
unit
System cycle time
t cyc6
1000
ns
Address setup time
t aw6
20
ns
Address hold time
t ah6
10
ns
Data setup time
t ds6
80
ns
Data hold time
t dh6
10
ns
Access time
t acc6
90
ns
Output disable time
t oh6
CL=100pf
10
60
ns
Read
100
ns
Enable
pulse
width
Write
t ew
80
ns
10
、Display command
Parameter
A0
E
R/W
D7
D6
D5
D4
D3
D2
D1
D0
Note
Display
ON /OFF
0
1
0
1
0
1
0
1
1
1
0/1
Turns display on or off
1: ON ; 0 : OFF
Display
start line
0
1
0
1
1
0
Display start address
(0 to 31)
Specifies RAM line corresponding
to top line of display
Set
page
address
0
1
0
1
0
1
1
1
0
Page (0
to 3)
Sets display RAM page in page
address register
Newhaven Display International
NHD-12032BZ


Similar Part No. - NHD-12032BZ-FSW-GBW

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-12032BZ-FSY-YBW NEWHAVEN-NHD-12032BZ-FSY-YBW Datasheet
710Kb / 13P
   Liquid Crystal Display Graphic Module
More results

Similar Description - NHD-12032BZ-FSW-GBW

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-240128WG-ATMI-VZ NEWHAVEN-NHD-240128WG-ATMI-VZ Datasheet
617Kb / 10P
   Graphic Liquid Crystal Display Module
NHD-12864AZ-FL-YBW NEWHAVEN-NHD-12864AZ-FL-YBW Datasheet
401Kb / 9P
   Graphic Liquid Crystal Display Module
NHD-240128WG-BTGH-VZ NEWHAVEN-NHD-240128WG-BTGH-VZ Datasheet
555Kb / 9P
   Graphic Liquid Crystal Display Module
NHD-240128WG-BTMI-VZ NEWHAVEN-NHD-240128WG-BTMI-VZ Datasheet
555Kb / 9P
   Graphic Liquid Crystal Display Module
NHD-24064CZ-NSW-BBW NEWHAVEN-NHD-24064CZ-NSW-BBW Datasheet
536Kb / 9P
   Graphic Liquid Crystal Display Module
NHD-2.4-240320YF-CTXI NEWHAVEN-NHD-2.4-240320YF-CTXI Datasheet
1Mb / 17P
   Liquid Crystal Display Graphic Module
NHD-2.4-240320YF-CTXI-T-1 NEWHAVEN-NHD-2.4-240320YF-CTXI-T-1 Datasheet
1Mb / 17P
   Liquid Crystal Display Graphic Module
NHD-24064WG-AFFH-VZ NEWHAVEN-NHD-24064WG-AFFH-VZ Datasheet
836Kb / 10P
   Graphic Liquid Crystal Display Module
NHD-24064WG-AFML-VZ NEWHAVEN-NHD-24064WG-AFML-VZ Datasheet
823Kb / 10P
   Graphic Liquid Crystal Display Module
NHD-12232DZ-FSW-GBW NEWHAVEN-NHD-12232DZ-FSW-GBW Datasheet
681Kb / 10P
   Graphic Liquid Crystal Display Module
NHD-16032AZ-NSW-BBW NEWHAVEN-NHD-16032AZ-NSW-BBW Datasheet
551Kb / 23P
   Liquid Crystal Display Graphic Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com