Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PESD1CAN Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PESD1CAN
Description  CAN bus ESD protection diode in SOT23
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD1CAN Datasheet(HTML) 5 Page - NXP Semiconductors

  PESD1CAN Datasheet HTML 1Page - NXP Semiconductors PESD1CAN Datasheet HTML 2Page - NXP Semiconductors PESD1CAN Datasheet HTML 3Page - NXP Semiconductors PESD1CAN Datasheet HTML 4Page - NXP Semiconductors PESD1CAN Datasheet HTML 5Page - NXP Semiconductors PESD1CAN Datasheet HTML 6Page - NXP Semiconductors PESD1CAN Datasheet HTML 7Page - NXP Semiconductors PESD1CAN Datasheet HTML 8Page - NXP Semiconductors PESD1CAN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
9397 750 14197
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Objective data sheet
Rev. 01 — 25 January 2005
5 of 12
Philips Semiconductors
PESD1CAN
CAN bus ESD protection diode in SOT23
Tamb = 25 °C.
Fig 3.
Peak pulse power as a function of exponential
pulse duration tp; typical values
Fig 4.
Relative variation of peak pulse power as a
function of junction temperature; typical values
Tamb = 25 °C; f = 1 MHz.
Fig 5.
Diode capacitance as a function of reverse voltage; typical values
006aaa257
103
102
104
Ppp
(W)
10
tp (µs)
1104
103
10
102
Tj (°C)
0
200
150
50
100
001aaa193
0.4
0.8
1.2
Ppp
0
Ppp(25˚C)
VR (V)
025
20
10
15
5
006aaa258
8
12
4
16
20
Cd
(pF)
0


Similar Part No. - PESD1CAN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD1CAN PHILIPS-PESD1CAN Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
PESD1CAN NXP-PESD1CAN Datasheet
97Kb / 12P
   CAN bus ESD protection diode
Rev. 04-15 February 2008
logo
TECH PUBLIC Electronics...
PESD1CAN TECHPUBLIC-PESD1CAN Datasheet
1Mb / 4P
   CAN bus ESD protection diode
logo
Nexperia B.V. All right...
PESD1CAN NEXPERIA-PESD1CAN Datasheet
607Kb / 12P
   CAN bus ESD protection diode
Rev. 04 - 15 February 2008
logo
Guangdong Youtai Semico...
PESD1CAN UMW-PESD1CAN Datasheet
339Kb / 4P
   200W peak pulse power (tp =8/20μs)
More results

Similar Description - PESD1CAN

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
ESDCAN06-2BWY TECHPUBLIC-ESDCAN06-2BWY Datasheet
1Mb / 4P
   Can bus ESD Protection Diode
ESDONCAN1LT1G TECHPUBLIC-ESDONCAN1LT1G Datasheet
980Kb / 4P
   Can bus Esd Protection Diode
logo
Diodes Incorporated
DESD1CAN2SOQ DIODES-DESD1CAN2SOQ Datasheet
279Kb / 5P
   CAN BUS ESD PROTECTION DIODE
logo
Protek Devices
PESD2402 PROTEC-PESD2402 Datasheet
356Kb / 6P
   CAN BUS ESD PROTECTION DIODE
logo
NXP Semiconductors
PESD2CAN PHILIPS-PESD2CAN Datasheet
157Kb / 13P
   CAN bus ESD protection diode
Rev. 2-27 September 2012
logo
TECH PUBLIC Electronics...
TPESD1CAN TECHPUBLIC-TPESD1CAN Datasheet
1Mb / 4P
   Can bus Esd Protection Diode
PESD1CAN TECHPUBLIC-PESD1CAN Datasheet
1Mb / 4P
   CAN bus ESD protection diode
ESDCAN05-2BWY TECHPUBLIC-ESDCAN05-2BWY Datasheet
1Mb / 4P
   Can bus ESD Protection Diode
logo
Diodes Incorporated
DESD2CAN2SOQ DIODES-DESD2CAN2SOQ Datasheet
440Kb / 4P
   CAN BUS ESD PROTECTION DIODE
DESD2IVN27V3WQ DIODES-DESD2IVN27V3WQ Datasheet
604Kb / 5P
   CAN BUS ESD PROTECTION DIODE
March 2022 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com