Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C09379-9AC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C09379-9AC
Description  32K/64K X 16/18 Synchronous Dual Port Static RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C09379-9AC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C09379-9AC Datasheet HTML 2Page - Cypress Semiconductor CY7C09379-9AC Datasheet HTML 3Page - Cypress Semiconductor CY7C09379-9AC Datasheet HTML 4Page - Cypress Semiconductor CY7C09379-9AC Datasheet HTML 5Page - Cypress Semiconductor CY7C09379-9AC Datasheet HTML 6Page - Cypress Semiconductor CY7C09379-9AC Datasheet HTML 7Page - Cypress Semiconductor CY7C09379-9AC Datasheet HTML 8Page - Cypress Semiconductor CY7C09379-9AC Datasheet HTML 9Page - Cypress Semiconductor CY7C09379-9AC Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
CY7C09279/89
CY7C09379/89
Document #: 38-06040 Rev. **
Page 6 of 18
AC Test Loads (Applicable to -6 only)[11]
Note:
11. Test Conditions: C = 10 pF.
AC Test Loads
(a) Normal Load (Load 1)
R1 = 893
5V
OUTPUT
R2 = 347
C= 30 pF
VTH =1.4V
OUTPUT
C= 30 pF
(b) Thévenin Equivalent (Load 1)
(c) Three-State Delay (Load 2)
R1 = 893
R2 = 347
5V
OUTPUT
C= 5pF
RTH = 250Ω
(Used for tCKLZ, tOLZ, & tOHZ
including scope and jig)
VTH =1.4V
OUTPUT
C
(a) Load 1 (-6 only)
R = 50
Z0 = 50Ω
3.0V
GND
90%
90%
10%
3ns
3 ns
10%
ALL INPUT PULSES
0. 00
0. 1 0
0. 20
0. 30
0. 40
0. 50
0. 60
1 0
1 5
20
25
30
35
(b) Load Derating Curve
Capacitance (pF)


Similar Part No. - CY7C09379-9AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09379-9AC CYPRESS-CY7C09379-9AC Datasheet
350Kb / 18P
   32K/64K x16/18 Synchronous Dual Port Static RAM
More results

Similar Description - CY7C09379-9AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C027 CYPRESS-CY7C027 Datasheet
256Kb / 19P
   32K/64K x 16/18 Dual-Port Static RAM
CY7C027 CYPRESS-CY7C027_05 Datasheet
489Kb / 20P
   32K/64K x 16/18 Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V_05 Datasheet
758Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V Datasheet
348Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C027V CYPRESS-CY7C027V Datasheet
236Kb / 18P
   3.3V 32K/64K x 16/18 Dual-Port Static RAM
CY7C027V CYPRESS-CY7C027V_09 Datasheet
472Kb / 18P
   3.3V 32K/64K x 16/18 Dual-Port Static RAM
CY7C09279 CYPRESS-CY7C09279_02 Datasheet
350Kb / 18P
   32K/64K x16/18 Synchronous Dual Port Static RAM
CY7C027V CYPRESS-CY7C027V_12 Datasheet
336Kb / 22P
   3.3 V 32K/64K x 16/18 Dual-Port Static RAM
CY7C09079V CYPRESS-CY7C09079V_05 Datasheet
535Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C09079V CYPRESS-CY7C09079V Datasheet
333Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com