Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HV7131GP Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. HV7131GP
Description  CMOS Image Sensor with Image Signal Processing
Download  61 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

HV7131GP Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 4 / 61 page
background image
HV7131GP
2004/10/29 V2.4
4
General Description
HV7131GP is a highly integrated single chip CMOS color image sensor implemented by proprietary
MagnaChip 0.35um CMOS sensor process realizing high sensitivity and wide dynamic range. Total
pixel array size is 652x492, and 652x488 pixels are active. Each active pixel composed of 4 transistors
has a micro-lens to enhance sensitivity, and converts photon energy to analog pixel voltage. On-chip
10bit Analog to Digital Converter (ADC) digitizes analog pixel voltage, and on-chip Correlated Double
Sampling (CDS) scheme reduces Fixed Pattern Noise (FPN) dramatically. General image processing
functions such as gamma correction, color interpolation, color correction, color space conversion, auto
exposure, and auto white balance are implemented to diversify its applications, and various output
formats are supported for the sensor to easily interface with different video codec chips. The integration
of sensor function and image processing functions make HV7131GP especially very suitable for mobile
imaging systems such as IMT-2000 phone’s video part that requires very low power and system
compactness.
Features
1/4 inch optical format
Total pixel : 652 x 492 / Active pixel : 652x488
5.6um x 5.6um active square pixel
Micro-lens for high sensitivity
RGB mosaic color filter array
On-chip 10 bit ADC
Correlated double sampling for reduction of Fixed Pattern Noise
Black Level Compensation
Gamma correction by programmable piecewise linear approximation
3x3 Color interpolation
Color correction by programmable 3x3 matrix operation
Color space conversion from RGB to YCbCr
Sub-sampling Modes : 1/4, 1/16
Various output formats : YCbCr 4:2:2, YCbCr 4:4:4, RGB 4:4:4, Bayer
8bit / 16bit Data Bus Mode
Automatic Exposure Control
Automatic White Balance Control
Frame Rate : 30 f/s at 25Mhz, HBLANK = 208, VBLANK = 8
Power Consumption: 86mW @ 30f/s and 2.8V, 68mW @ 15f/s and 2.8V, 336uW @ power down
Operation Voltage Range : 2.6V ~ 3.0V, Operation Temperature : -10 ~ +50 degrees Celsius


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HV7161SPA2CMOS Image Sensor with Image Signal Processing 1 2 3 4 5 MoreList of Unclassifed Manufacturers
HV7151SPCMOS Image Sensor with Image Signal Processing 1 2 3 4 5 MoreHynix Semiconductor
HV7131RPCMOS Image Sensor with Image Signal Processing 1 2 3 4 5 MoreList of Unclassifed Manufacturers
HB7141DCMOS IMAGE SENSOR With 8-bit ADC 1 2 3 4 5 MoreHynix Semiconductor
LZ0P38001/4-type Built-in Lens Color CMOS Image Sensor with 110 k Pixels 1 2 3 4 5 MoreSharp Electrionic Components
ICM202BCIF/QCIF CMOS image sensor with digital YUV output 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LC99062-W50Image Sensor Signal Processing LSI  1 2 3 4 5 MoreSanyo Semicon Device
LZ34B101/4-type Color CMOS Image Sensor with 350 k Pixels 1 2 Sharp Electrionic Components
ICM515NBColor CMOS Image Sensor With 574x483 Pixel NTSC Composite Video Output 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ICM205BVGA/QVGA CMOS image sensor with digital YUV output 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn