Electronic Components Datasheet Search |
|
HV7131GP Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers |
|
HV7131GP Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers |
23 / 61 page HV7131GP 2004/10/29 V2.4 23 7 6 5 4 3 2 1 0 reserved R Color Gain 0 0 0 1 0 0 0 0 G Color Gain [GCG : 15h : 10h] 7 6 5 4 3 2 1 0 reserved G Color Gain 0 0 0 1 0 0 0 0 B Color Gain [BCG : 16h : 10h] 7 6 5 4 3 2 1 0 reserved B Color Gain 0 0 0 1 0 0 0 0 There are three color gain registers for R, G, B pixels, respectively. Programmable range is from 0.5X ~ 2.5X. Effective Gain = 0.5 + B<5:0>/32. These registers may be used for white balance and color effect with independent R,G,B color control. Default gain is 1X. Preamp Gain [PREAMP : 17h : 10h] 7 6 5 4 3 2 1 0 Preamp Gain 0 0 0 1 0 0 0 0 Preamp Gain is common gain for R, G, B channel and used for auto exposure control. Programmable range is from 0.5X ~ 16.5X. Default gain is 1.5X. Gain = 0.5 + B<7:0>/16 Preamp Gain Min [PREMIN : 18h : 00h] 7 6 5 4 3 2 1 0 Preamp Gain Min 0 0 0 0 0 0 0 0 Preamp Gain Min is minimum value of preamp gain when sensor adjusts pre-amplifier gain for auto exposure control. Programmable range is same as preamp gain. Recommended value is 0.5X. Preamp Gain Max [PREMAX : 19h : 3fh] 7 6 5 4 3 2 1 0 Preamp Gain Max 0 0 1 1 1 1 1 1 Preamp Gain Max is maximum value of preamp gain when sensor adjusts preamp gain for auto |
Similar Part No. - HV7131GP |
|
Similar Description - HV7131GP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |