Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1345G-100BGXC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1345G-100BGXC
Description  4-Mbit (128K x 36) Flow-Through Sync SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1345G-100BGXC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1345G-100BGXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1345G-100BGXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1345G-100BGXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1345G-100BGXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1345G-100BGXC Datasheet HTML 10Page - Cypress Semiconductor CY7C1345G-100BGXC Datasheet HTML 11Page - Cypress Semiconductor CY7C1345G-100BGXC Datasheet HTML 12Page - Cypress Semiconductor CY7C1345G-100BGXC Datasheet HTML 13Page - Cypress Semiconductor CY7C1345G-100BGXC Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
PRELIMINARY
CY7C1345G
Document #: 38-05517 Rev. *A
Page 10 of 17
tCHZ
Clock to High-Z[12, 13, 14]
3.5
3.5
3.5
ns
tOEV
OE LOW to Output Valid
3.5
3.5
3.5
ns
tOELZ
OE LOW to Output Low-Z[12, 13, 14]
0
0
0
ns
tOEHZ
OE HIGH to Output High-Z[12, 13, 14]
3.5
3.5
3.5
ns
Set-up Times
tAS
Address Set-up Before CLK Rise
1.5
2.0
2.0
ns
tADS
ADSP, ADSC Set-up Before CLK Rise
1.5
2.0
2.0
ns
tADVS
ADV Set-up Before CLK Rise
1.5
2.0
2.0
ns
tWES
GW, BWE, BWx Set-up Before CLK Rise
1.5
2.0
2.0
ns
tDS
Data Input Set-up Before CLK Rise
1.5
2.0
2.0
ns
tCES
Chip Enable Set-up
1.5
2.0
2.0
ns
Hold Times
tAH
Address Hold After CLK Rise
0.5
0.5
0.5
ns
tADH
ADSP, ADSC Hold After CLK Rise
0.5
0.5
0.5
ns
tWEH
GW,BWE, BWx Hold After CLK Rise
0.5
0.5
0.5
ns
tADVH
ADV Hold After CLK Rise
0.5
0.5
0.5
ns
tDH
Data Input Hold After CLK Rise
0.5
0.5
0.5
ns
tCEH
Chip Enable Hold After CLK Rise
0.5
0.5
0.5
ns
Switching Characteristics Over the Operating Range (continued)[15, 16]
Parameter
Description
133 MHz
117 MHz
100 MHz
Unit
Min.
Max.
Min.
Max.
Min.
Max.


Similar Part No. - CY7C1345G-100BGXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1345G-100BGXC CYPRESS-CY7C1345G-100BGXC Datasheet
767Kb / 20P
   4-Mbit (128K x 36) Flow Through Sync SRAM
More results

Similar Description - CY7C1345G-100BGXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1345G CYPRESS-CY7C1345G_07 Datasheet
767Kb / 20P
   4-Mbit (128K x 36) Flow Through Sync SRAM
CY7C13451G CYPRESS-CY7C13451G Datasheet
746Kb / 23P
   4-Mbit (128K 횞 36) Flow-Through Sync SRAM
CY7C1338G CYPRESS-CY7C1338G_06 Datasheet
396Kb / 17P
   4-Mbit (128K x 32) Flow-Through Sync SRAM
CY7C1338G CYPRESS-CY7C1338G Datasheet
291Kb / 17P
   4-Mbit (128K x 32) Flow-Through Sync SRAM
CY7C1345F CYPRESS-CY7C1345F Datasheet
421Kb / 17P
   4-Mb (128K x 36) Flow-Through Sync SRAM
CY7C1345G CYPRESS-CY7C1345G_13 Datasheet
771Kb / 24P
   4-Mbit (128 K x 36) Flow-Through Sync SRAM
CY7C1324H CYPRESS-CY7C1324H Datasheet
678Kb / 15P
   2-Mbit (128K x 18) Flow-Through Sync SRAM
CY7C1347F CYPRESS-CY7C1347F Datasheet
423Kb / 19P
   4-Mbit (128K x 36) Pipelined Sync SRAM
CY7C1347G CYPRESS-CY7C1347G Datasheet
1,021Kb / 21P
   4-Mbit (128K x 36) Pipelined Sync SRAM
CY7C1344H CYPRESS-CY7C1344H Datasheet
680Kb / 15P
   2-Mbit (64K x 36) Flow-Through Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com