Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2077FZI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY2077FZI
Description  High-accuracy EPROM Programmable Single-PLL Clock Generator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2077FZI Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY2077FZI Datasheet HTML 4Page - Cypress Semiconductor CY2077FZI Datasheet HTML 5Page - Cypress Semiconductor CY2077FZI Datasheet HTML 6Page - Cypress Semiconductor CY2077FZI Datasheet HTML 7Page - Cypress Semiconductor CY2077FZI Datasheet HTML 8Page - Cypress Semiconductor CY2077FZI Datasheet HTML 9Page - Cypress Semiconductor CY2077FZI Datasheet HTML 10Page - Cypress Semiconductor CY2077FZI Datasheet HTML 11Page - Cypress Semiconductor CY2077FZI Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
CY2077
Document #: 38-07210 Rev. *B
Page 8 of 13
Note:
8.
Rise/Fall Time for CMOS output is measured between 1.2 VDD and 0.8 VDD. Rise/Fall Time for TTL output is measured between 0.8V and 2.0V.
Rise/Fall Time vs. VDD over Temperatures
Rise/Fall Time vs. Output Loads over Temperatures
Rise Time vs. VDD -- CMOS duty Cycle
Cload = 15pF
1.00
1.20
1.40
1.60
1.80
2.00
2.7
3.0
3.3
3.6
3.9
VDD (V)
-40C
25C
85C
Fall Time vs. VDD -- CMOS duty Cycle
Cload = 15pF
1.00
1.20
1.40
1.60
1.80
2.00
2.7
3.0
3.3
3.6
3.9
VDD (V)
-40C
25C
85C
Rise Time vs. VDD -- TTL duty Cycle
Cload = 15pF
0.20
0.30
0.40
0.50
0.60
0.70
4.0
4.5
5.0
5.5
6.0
VDD (V)
-40C
25C
85C
Fall Time vs. VDD -- TTL duty Cycle
Cload = 15pF
0.20
0.30
0.40
0.50
0.60
0.70
4.0
4.5
5.0
5.5
6.0
VDD (V)
-40C
25C
85C
Rise Time vs. CLoad over Temperature
VDD = 3.3v, CMOS output
1.00
1.50
2.00
2.50
10
15
20
25
30
35
Cload (pF)
-40C
25C
85C
Fall Time vs. CLoad over Temperature
VDD = 3.3v, CMOS output
1.00
1.50
2.00
10
15
20
25
30
35
Cload (pF)
-40C
25C
85C
Typical Rise Time
[8] and Fall Time[8] Trends for CY2077


Similar Part No. - CY2077FZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2077FZI CYPRESS-CY2077FZI Datasheet
383Kb / 14P
   High-accuracy EPROM Programmable Single-PLL Clock Generator
More results

Similar Description - CY2077FZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2077 CYPRESS-CY2077_08 Datasheet
383Kb / 14P
   High-accuracy EPROM Programmable Single-PLL Clock Generator
CY2071A CYPRESS-CY2071A_06 Datasheet
230Kb / 9P
   Single-PLL General-Purpose EPROM Programmable Clock Generator
CY2907 CYPRESS-CY2907 Datasheet
148Kb / 10P
   Single-PLL General-Purpose EPROM Programmable Clock Generator
CY2071A CYPRESS-CY2071A Datasheet
118Kb / 8P
   Single-PLL General-Purpose EPROM Programmable Clock Generator
CY2907 CYPRESS-CY2907_07 Datasheet
355Kb / 11P
   Single-PLL General Purpose EPROM Programmable Clock Generator
CY2907 CYPRESS-CY2907_13 Datasheet
565Kb / 13P
   Single-PLL General Purpose EPROM Programmable Clock Generator
CY2292 CYPRESS-CY2292_05 Datasheet
190Kb / 11P
   Three-PLL General-Purpose EPROM Programmable Clock Generator
CY2292 CYPRESS-CY2292 Datasheet
189Kb / 11P
   Three-PLL General-Purpose EPROM Programmable Clock Generator
CY2081 CYPRESS-CY2081 Datasheet
102Kb / 6P
   Three-PLL General-Purpose EPROM-Programmable Clock Generator
CY2291 CYPRESS-CY2291 Datasheet
121Kb / 13P
   Three-PLL General Purpose EPROM Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com