Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C027V-25AXC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C027V-25AXC
Description  3.3V 32K/64K x 16/18 Dual-Port Static RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C027V-25AXC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C027V-25AXC Datasheet HTML 4Page - Cypress Semiconductor CY7C027V-25AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C027V-25AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C027V-25AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C027V-25AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C027V-25AXC Datasheet HTML 9Page - Cypress Semiconductor CY7C027V-25AXC Datasheet HTML 10Page - Cypress Semiconductor CY7C027V-25AXC Datasheet HTML 11Page - Cypress Semiconductor CY7C027V-25AXC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
CY7C027V/028V
CY7C037V/038V
Document #: 38-06078 Rev. *A
Page 8 of 18
Data Retention Mode
The CY7C027V/028V and CY7037V/038V are designed with
battery backup in mind. Data retention voltage and supply cur-
rent are guaranteed over temperature. The following rules en-
sure data retention:
1. Chip enable (CE) must be held HIGH during data retention, with-
in VCC to VCC – 0.2V.
2. CE must be kept between VCC – 0.2V and 70% of VCC
during the power-up and power-down transitions.
3. The RAM can begin operation >tRC after VCC reaches the min-
imum operating voltage (3.0 volts).
tHD
Data Hold From Write End
0
0
0
ns
tHZWE
[14, 15]
R/W LOW to High Z
10
12
15
ns
tLZWE
[14 ,15]
R/W HIGH to Low Z
3
3
3
ns
tWDD
[41]
Write Pulse to Data Delay
30
40
50
ns
tDDD
[41]
Write Data Valid to Read Data Valid
25
30
35
ns
Busy Timing[16]
tBLA
BUSY LOW from Address Match
15
20
20
ns
tBHA
BUSY HIGH from Address Mismatch
15
20
20
ns
tBLC
BUSY LOW from CE LOW
152020
ns
tBHC
BUSY HIGH from CE HIGH
15
16
17
ns
tPS
Port Set-Up for Priority
5
5
5
ns
tWB
R/W HIGH after BUSY (Slave)
000
ns
tWH
R/W HIGH after BUSY HIGH (Slave)
13
15
17
ns
tBDD
[18]
BUSY HIGH to Data Valid
15
20
25
ns
Interrupt Timing[16]
tINS
INT Set Time
15
20
20
ns
tINR
INT Reset Time
15
20
20
ns
Semaphore Timing
tSOP
SEM Flag Update Pulse (OE or SEM)10
10
12
ns
tSWRD
SEM Flag Write to Read Time
5
5
5
ns
tSPS
SEM Flag Contention Window
5
5
5
ns
tSAA
SEM Address Access Time
15
20
25
ns
Switching Characteristics Over the Operating Range[11](continued)
Parameter
Description
CY7C037V/038V
Unit
-15
-20
-25
Min.
Max.
Min.
Max.
Min.
Max.
Timing
Parameter
Test Conditions[19]
Max.
Unit
ICCDR1
@ VCCDR = 2V
50
µA
16. For information on port-to-port delay through RAM cells from writing port
to reading port, refer to Read Timing with Busy waveform.
17. Test conditions used are Load 1.
18. tBDD isacalculatedparameterandisthegreateroftWDD–tPWE(actual)ortDDD–tSD
(actual).
19. CE = VCC, Vin = GND to VCC, TA = 25° C. This parameter is guaranteed
but not tested.
Data Retention Mode
3.0V
3.0V
VCC > 2.0V
VCC to VCC – 0.2V
VCC
CE
tRC
V
IH


Similar Part No. - CY7C027V-25AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C027V-25AXC CYPRESS-CY7C027V-25AXC Datasheet
472Kb / 18P
   3.3V 32K/64K x 16/18 Dual-Port Static RAM
CY7C027V-25AXC CYPRESS-CY7C027V-25AXC Datasheet
336Kb / 22P
   3.3 V 32K/64K x 16/18 Dual-Port Static RAM
CY7C027V-25AXC CYPRESS-CY7C027V-25AXC Datasheet
641Kb / 24P
   3.3 V 32 K / 64 K 횞 16 / 18 Dual-Port Static RAM
More results

Similar Description - CY7C027V-25AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C027V CYPRESS-CY7C027V_09 Datasheet
472Kb / 18P
   3.3V 32K/64K x 16/18 Dual-Port Static RAM
CY7C027 CYPRESS-CY7C027 Datasheet
256Kb / 19P
   32K/64K x 16/18 Dual-Port Static RAM
CY7C027 CYPRESS-CY7C027_05 Datasheet
489Kb / 20P
   32K/64K x 16/18 Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V_05 Datasheet
758Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V Datasheet
348Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C09279 CYPRESS-CY7C09279 Datasheet
342Kb / 18P
   32K/64K X 16/18 Synchronous Dual Port Static RAM
CY7C027V CYPRESS-CY7C027V_12 Datasheet
336Kb / 22P
   3.3 V 32K/64K x 16/18 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT70V38L IDT-IDT70V38L Datasheet
260Kb / 17P
   HIGH-SPEED 3.3V 64K x 18 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V38 RENESAS-70V38 Datasheet
416Kb / 19P
   HIGH-SPEED 3.3V 64K x 18 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT70V38L IDT-IDT70V38L_15 Datasheet
655Kb / 17P
   HIGH-SPEED 3.3V 64K x 18 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com