Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPWT-FH00 Datasheet(PDF) 1 Page - Lumileds Lighting Company

Part # HPWT-FH00
Description  SnapLED 70 Emitter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

HPWT-FH00 Datasheet(HTML) 1 Page - Lumileds Lighting Company

  HPWT-FH00 Datasheet HTML 1Page - Lumileds Lighting Company HPWT-FH00 Datasheet HTML 2Page - Lumileds Lighting Company HPWT-FH00 Datasheet HTML 3Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Reliability Datasheet RD05
Agilent HPWTTH00/FH00/TL00/FL00
Description
The following cumulative test results have been obtained from testing performed at Agilent Technologies in accordance with the
latest revision of MILSTD883. Agilent tests parts at the absolute maximum rated conditions recommended for the device. The
actual performance you obtain from Agilent parts depends on the electrical and environmental characteristics of your application,
but will probably be better than the performance outlined in Table 1.
SnapLED 70 Emitter
Reliability Data Sheet
T
Ta
ab
blle
e 1
1:: L
Liiffe
e T
Te
es
stts
s
D
De
em
mo
on
ns
sttrra
atte
ed
d P
Pe
errffo
orrm
ma
an
nc
ce
e
P
Po
oiin
ntt T
Ty
yp
piic
ca
all P
Pe
errffo
orrm
ma
an
nc
ce
e
S
Sttrre
es
ss
s T
Te
es
stt
T
To
otta
all
U
Un
niitts
s
U
Un
niitts
s
F
Fa
aiillu
urre
e R
Ra
atte
e
C
Co
ollo
orrs
s
C
Co
on
nd
diittiio
on
ns
s
D
De
ev
viic
ce
e H
Ho
ou
urrs
s
T
Te
es
stte
ed
d
F
Fa
aiille
ed
d
M
MT
TB
BF
F
((%
% //1
1K
K H
Ho
ou
urrs
s))
TS AllnGaP
TA = 55°C,
70,000
70
0
70,000
< 1.429
Amber and
IF = 70 mA
RedOrange
TS AllnGaP
TA = 85°C,
42,000
42
0
42,000
< 2.381
Amber and
IF = 70 mA
RedOrange
TS AllnGaP
TA = 25°C,
42,000
42
0
42,000
< 2.381
Amber and
IF = 70 mA
RedOrange
TS AllnGaP
TA = 85°C, 85% RH
42,000
42
0
42,000
< 2.381
Amber and
IF = 70 mA
RedOrange
Failure Rate Prediction
The failure rate of semiconductor devices is determined by the junction temperature of the device. The relationship between
ambient temperature and 2 actual junction temperature is given by the following:
TJ (°C) = TA (°C) + θJA PAVG
where:
TA = ambient temperature in °C
θJA = thermal resistance of junctiontoambient in °C/watt
PAVG = average power dissipated in watts
The estimated MTBF and failure rate at temperatures lower than the actual stress temperature can be determined by
using an Arrhenius model for temperature acceleration. Results of such calculations are shown in the table on the following page
using an activation energy of 0.43 eV (reference MILHDBK217).


Similar Part No. - HPWT-FH00

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
HPWT-FH00 LUMILEDS-HPWT-FH00 Datasheet
366Kb / 5P
   SnapLED 70
More results

Similar Description - HPWT-FH00

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS09 LUMILEDS-DS09 Datasheet
366Kb / 5P
   SnapLED 70
RD03 LUMILEDS-RD03 Datasheet
48Kb / 4P
   SnapLED 150 Emitter
AB20-3B LUMILEDS-AB20-3B Datasheet
188Kb / 18P
   SuperFlux & SnapLED Emitter Forward Voltage Data
logo
Kingbright Corporation
WP7700C4ZGC KINGBRIGHT-WP7700C4ZGC Datasheet
416Kb / 5P
   SnapLED
WP7701C4VGC-Z KINGBRIGHT-WP7701C4VGC-Z Datasheet
461Kb / 5P
   SnapLED
WP7700C4SEC-J KINGBRIGHT-WP7700C4SEC-J Datasheet
141Kb / 5P
   SnapLED
WP7700C4VGC-Z KINGBRIGHT-WP7700C4VGC-Z Datasheet
417Kb / 5P
   SnapLED
WP7701C4PBC-Z KINGBRIGHT-WP7701C4PBC-Z Datasheet
423Kb / 5P
   SnapLED
WP7700C4PBC-Z KINGBRIGHT-WP7700C4PBC-Z Datasheet
364Kb / 5P
   SnapLED
WP7701C4SURC-G KINGBRIGHT-WP7701C4SURC-G Datasheet
465Kb / 5P
   SnapLED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com