Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPWT-FL00 Datasheet(PDF) 2 Page - Lumileds Lighting Company

Part # HPWT-FL00
Description  SnapLED 70 Emitter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

HPWT-FL00 Datasheet(HTML) 2 Page - Lumileds Lighting Company

  HPWT-FL00 Datasheet HTML 1Page - Lumileds Lighting Company HPWT-FL00 Datasheet HTML 2Page - Lumileds Lighting Company HPWT-FL00 Datasheet HTML 3Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SnapLED 70 Emitter Reliability Datasheet RD05 (3/04)
2
T
Ta
ab
blle
e 2
2:: F
Fa
aiillu
urre
e R
Ra
atte
e P
Prre
ed
diic
cttiio
on
n ((IIF
F
7
70
0m
mA
A))
P
Po
oiin
ntt T
Ty
yp
piic
ca
all
P
Pe
errffo
orrm
ma
an
nc
ce
e
P
Pe
errffo
orrm
ma
an
nc
ce
e iin
n T
Tiim
me
e
[[1
1]]
iin
n T
Tiim
me
e
[[2
2]]
((6
60
0%
% C
Co
on
nffiid
de
en
nc
ce
e))
((9
90
0%
% C
Co
on
nffiid
de
en
nc
ce
e))
A
Am
mb
biie
en
ntt
J
Ju
un
nc
cttiio
on
n
F
Fa
aiillu
urre
e R
Ra
atte
e
F
Fa
aiillu
urre
e R
Ra
atte
e
T
Te
em
mp
pe
erra
attu
urre
e ((°°C
C))
T
Te
em
mp
pe
erra
attu
urre
e ((°°C
C))
M
MT
TB
BF
F
[[1
1]]
((%
%//1
1K
K H
Ho
ou
urrs
s))
M
MT
TB
BF
F
[[2
2]]
((%
%//1
1K
K H
Ho
ou
urrs
s))
85
110
23,000
4.314
10,000
9.932
75
100
33,000
3.044
14,000
7.009
65
90
47,000
2.107
21,000
4.852
55
80
70,000
1.429
30,000
3.289
45
70
106,000
0.947
46,000
2.180
35
60
163,000
0.612
71,000
1.410
25
50
259,000
0.385
113,000
0.887
N
No
otte
es
s::
[1]
The point typical MTBF (which represents 60% confidence level) is the total device hours divided by the number of failures. In the case of
zero failures, one failure is assumed for this calculation.
[2]
The 90% Confidence MTBF represents the minimum level of reliability performance which is expected from 90% of all samples. This confi
dence interval is based on the statistics of the distribution of failures. The assumed distribution of failures is exponential. This particular
distribution is commonly used in describing useful life failures. Refer to MILSTD690B for details on this methodology.
[3]
A failure is any LED which does not emit light and max. % Iv degradation is > 50%.
[4]
Assuming 115°C/W of
θJA
Example of Failure Rate Calculation
Assume a device operating 8 hours/day, 5 days/week. The utilization factor, given 168 hours/week is:
(8 hours/day) x (5 days/week) / (168 hours/week) = 0.25
The point failure rate per year (8760 hours) at 25°C ambient temperature is:
(0.060% / 1K hours) x (0.25) x (8760 hours/year) = 0.131% per year
Similarly, 90% confidence level failure rate per year at 25°C:
(0.137% / 1K hours) x (0.25) x (8760 hours/year) = 0.300% per year
T
Ta
ab
blle
e 3
3:: E
En
nv
viirro
on
nm
me
en
ntta
all T
Te
es
stts
s
T
Te
es
stt N
Na
am
me
e
R
Re
effe
erre
en
nc
ce
e
T
Te
es
stt C
Co
on
nd
diittiio
on
ns
s
U
Un
niitts
s T
Te
es
stte
ed
d
U
Un
niitts
s F
Fa
aiille
ed
d
Temperature Cycle
MILSTD883
55
°C to 100°C, 15 min. dwell, 5 min. transfer
Method 1010
20 cycles
6090
0
100 cycles
6090
0
Temperature Cycle
MILSTD883
40
°C to 120°C, 15 min. dwell, 5 min. transfer
Method 1010
20 cycles
1071
0
100 cycles
1071
0
Power Temperature
Internal
40
°C to 85°C, 18 min. dwell, 42 min. transfer,
Cycle
Reference
70 mA, 5 min on/off
100 cycles
98
0


Similar Part No. - HPWT-FL00

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
HPWT-FL00 LUMILEDS-HPWT-FL00 Datasheet
366Kb / 5P
   SnapLED 70
More results

Similar Description - HPWT-FL00

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS09 LUMILEDS-DS09 Datasheet
366Kb / 5P
   SnapLED 70
RD03 LUMILEDS-RD03 Datasheet
48Kb / 4P
   SnapLED 150 Emitter
AB20-3B LUMILEDS-AB20-3B Datasheet
188Kb / 18P
   SuperFlux & SnapLED Emitter Forward Voltage Data
logo
Kingbright Corporation
WP7700C4ZGC KINGBRIGHT-WP7700C4ZGC Datasheet
416Kb / 5P
   SnapLED
WP7701C4VGC-Z KINGBRIGHT-WP7701C4VGC-Z Datasheet
461Kb / 5P
   SnapLED
WP7700C4SEC-J KINGBRIGHT-WP7700C4SEC-J Datasheet
141Kb / 5P
   SnapLED
WP7700C4VGC-Z KINGBRIGHT-WP7700C4VGC-Z Datasheet
417Kb / 5P
   SnapLED
WP7701C4PBC-Z KINGBRIGHT-WP7701C4PBC-Z Datasheet
423Kb / 5P
   SnapLED
WP7700C4PBC-Z KINGBRIGHT-WP7700C4PBC-Z Datasheet
364Kb / 5P
   SnapLED
WP7701C4SURC-G KINGBRIGHT-WP7701C4SURC-G Datasheet
465Kb / 5P
   SnapLED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com