Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C027V-15AXC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C027V-15AXC
Description  3.3V 32K/64K x 16/18 Dual-Port Static RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C027V-15AXC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C027V-15AXC Datasheet HTML 1Page - Cypress Semiconductor CY7C027V-15AXC Datasheet HTML 2Page - Cypress Semiconductor CY7C027V-15AXC Datasheet HTML 3Page - Cypress Semiconductor CY7C027V-15AXC Datasheet HTML 4Page - Cypress Semiconductor CY7C027V-15AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C027V-15AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C027V-15AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C027V-15AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C027V-15AXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
CY7C027V/028V
CY7C037V/038V
Document #: 38-06078 Rev. *A
Page 4 of 18
Architecture
The CY7C027V/028V and CY7037V/038V consist of an array
of 32K and 64K words of 16 and 18 bits each of dual-port RAM
cells, I/O and address lines, and control signals (CE, OE, R/W).
These control pins permit independent access for reads or writes to
any location in memory. To handle simultaneous writes/reads to the
same location, a BUSY pin is provided on each port. Two interrupt
(INT) pins can be utilized for port-to-port communication. Two sema-
phore (SEM) control pins are used for allocating shared resources.
With the M/S pin, the devices can function as a master (BUSY pins
are outputs) or as a slave (BUSY pins are inputs). The devices also
have an automatic power-down feature controlled by CE. Each port
is provided with its own output enable control (OE), which allows data
to be read from the device.
Functional Description
The CY7C027V/028V and CY7037V/038V are low-power
CMOS 32K, 64K x 16/18 dual-port static RAMs. Various arbi-
tration schemes are included on the devices to handle situa-
tions when multiple processors access the same piece of data.
Two ports are provided, permitting independent, asynchro-
nous access for reads and writes to any location in memory.
The devices can be utilized as stand-alone 16/18-bit dual-port
static RAMs or multiple devices can be combined in order to
function as a 32/36-bit or wider master/slave dual-port static
RAM. An M/S pin is provided for implementing 32/36-bit or
wider memory applications without the need for separate mas-
ter and slave devices or additional discrete logic. Application
areas include interprocessor/multiprocessor designs, commu-
nications status buffering, and dual-port video/graphics mem-
ory.
Each port has independent control pins: chip enable (CE),
read or write enable (R/W), and output enable (OE). Two flags are
provided on each port (BUSY and INT). BUSY signals that the port is
trying to access the same location currently being accessed by the
other port. The interrupt flag (INT) permits communication between
ports or systems by means of a mail box. The semaphores are used
to pass a flag, or token, from one port to the other to indicate that a
shared resource is in use. The semaphore logic is comprised of eight
shared latches. Only one side can control the latch (semaphore) at
any time. Control of a semaphore indicates that a shared resource is
in use. An automatic power-down feature is controlled independently
on each port by a chip select (CE) pin.
The CY7C027V/028V and CY7037V/038V are available in
100-pin Thin Quad Plastic Flatpacks (TQFP).
Write Operation
Data must be set up for a duration of tSD before the rising edge
of R/W in order to guarantee a valid write. A write operation is con-
trolled by either the R/W pin (see Write Cycle No. 1 waveform) or the
CE pin (see Write Cycle No. 2 waveform). Required inputs for
non-contention operations are summarized in Table 1.
If a location is being written to by one port and the opposite
port attempts to read that location, a port-to-port flowthrough
delay must occur before the data is read on the output; other-
wise the data read is not deterministic. Data will be valid on the
port tDDD after the data is presented on the other port.
Read Operation
When reading the device, the user must assert both the OE
and CE pins. Data will be available tACE after CE or tDOE after OE is
asserted. If the user wishes to access a semaphore flag, then the
SEM pin must be asserted instead of the CE pin, and OE must also
be asserted.
Interrupts
The upper two memory locations may be used for message
passing. The highest memory location (7FFF for the
CY7C027V/37V, FFFF for the CY7C028V/38V) is the mailbox
for the right port and the second-highest memory location
(7FFE for the CY7C027V/37V, FFFE for the CY7C028V/38V)
is the mailbox for the left port. When one port writes to the
other port’s mailbox, an interrupt is generated to the owner.
The interrupt is reset when the owner reads the contents of the
mailbox. The message is user defined.
Each port can read the other port’s mailbox without resetting
the interrupt. The active state of the busy signal (to a port)
prevents the port from setting the interrupt to the winning port.
Pin Definitions
Left Port
Right Port
Description
CE0L, CE1L
CE0R, CE1R
Chip Enable (CE is LOW when CE0 ≤ VIL and CE1 ≥ VIH)
R/WL
R/WR
Read/Write Enable
OEL
OER
Output Enable
A0L–A15L
A0R–A15R
Address (A0–A14 for 32K; A0–A15 for 64K devices)
I/O0L–I/O17L
I/O0R–I/O17R
Data Bus Input/Output (I/O0–I/O15 for x16 devices; I/O0–I/O17 for x18)
SEML
SEMR
Semaphore Enable
UBL
UBR
Upper Byte Select (I/O8–I/O15 for x16 devices; I/O9–I/O17 for x18 devices)
LBL
LBR
Lower Byte Select (I/O0–I/O7 for x16 devices; I/O0–I/O8 for x18 devices)
INTL
INTR
Interrupt Flag
BUSYL
BUSYR
Busy Flag
M/S
Master or Slave Select
VCC
Power
GND
Ground
NC
No Connect


Similar Part No. - CY7C027V-15AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C027V-15AXC CYPRESS-CY7C027V-15AXC Datasheet
472Kb / 18P
   3.3V 32K/64K x 16/18 Dual-Port Static RAM
CY7C027V-15AXC CYPRESS-CY7C027V-15AXC Datasheet
336Kb / 22P
   3.3 V 32K/64K x 16/18 Dual-Port Static RAM
CY7C027V-15AXC CYPRESS-CY7C027V-15AXC Datasheet
641Kb / 24P
   3.3 V 32 K / 64 K 횞 16 / 18 Dual-Port Static RAM
More results

Similar Description - CY7C027V-15AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C027V CYPRESS-CY7C027V_09 Datasheet
472Kb / 18P
   3.3V 32K/64K x 16/18 Dual-Port Static RAM
CY7C027 CYPRESS-CY7C027 Datasheet
256Kb / 19P
   32K/64K x 16/18 Dual-Port Static RAM
CY7C027 CYPRESS-CY7C027_05 Datasheet
489Kb / 20P
   32K/64K x 16/18 Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V_05 Datasheet
758Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V Datasheet
348Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C09279 CYPRESS-CY7C09279 Datasheet
342Kb / 18P
   32K/64K X 16/18 Synchronous Dual Port Static RAM
CY7C027V CYPRESS-CY7C027V_12 Datasheet
336Kb / 22P
   3.3 V 32K/64K x 16/18 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT70V38L IDT-IDT70V38L Datasheet
260Kb / 17P
   HIGH-SPEED 3.3V 64K x 18 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V38 RENESAS-70V38 Datasheet
416Kb / 19P
   HIGH-SPEED 3.3V 64K x 18 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT70V38L IDT-IDT70V38L_15 Datasheet
655Kb / 17P
   HIGH-SPEED 3.3V 64K x 18 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com