Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C027-15AC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C027-15AC
Description  32K/64K x 16/18 Dual-Port Static RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C027-15AC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C027-15AC Datasheet HTML 4Page - Cypress Semiconductor CY7C027-15AC Datasheet HTML 5Page - Cypress Semiconductor CY7C027-15AC Datasheet HTML 6Page - Cypress Semiconductor CY7C027-15AC Datasheet HTML 7Page - Cypress Semiconductor CY7C027-15AC Datasheet HTML 8Page - Cypress Semiconductor CY7C027-15AC Datasheet HTML 9Page - Cypress Semiconductor CY7C027-15AC Datasheet HTML 10Page - Cypress Semiconductor CY7C027-15AC Datasheet HTML 11Page - Cypress Semiconductor CY7C027-15AC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
CY7C027/028
CY7C037/038
Document #: 38-06042 Rev. *A
Page 8 of 19
Data Retention Mode
The CY7C027/028 and CY7C037/038 are designed with bat-
tery backup in mind. Data retention voltage and supply current
are guaranteed over temperature. The following rules ensure
data retention:
1. Chip enable (CE) must be held HIGH during data retention, with-
in VCC to VCC – 0.2V.
2. CE must be kept between VCC – 0.2V and 70% of VCC
during the power-up and power-down transitions.
3. The RAM can begin operation >tRC after VCC reaches the
minimum operating voltage (4.5 volts).
BUSY TIMING[20]
tBLA
BUSY LOW from Address Match
12
15
20
ns
tBHA
BUSY HIGH from Address Mismatch
12
15
20
ns
tBLC
BUSY LOW from CE LOW
12
15
20
ns
tBHC
BUSY HIGH from CE HIGH
12
15
17
ns
tPS
Port Set-Up for Priority
5
5
5
ns
tWB
R/W HIGH after BUSY (Slave)
0
0
0
ns
tWH
R/W HIGH after BUSY HIGH (Slave)
11
13
15
ns
tBDD
[21]
BUSY HIGH to Data Valid
12
15
20
ns
INTERRUPT TIMING[20]
tINS
INT Set Time
12
15
20
ns
tINR
INT Reset Time
12
15
20
ns
SEMAPHORE TIMING
tSOP
SEM Flag Update Pulse (OE or SEM)
10
10
10
ns
tSWRD
SEM Flag Write to Read Time
5
5
5
ns
tSPS
SEM Flag Contention Window
5
5
5
ns
tSAA
SEM Address Access Time
12
15
20
ns
Switching Characteristics Over the Operating Range[14] (continued)
Parameter
Description
CY7C027/028
CY7C037/038
Unit
-12[1]
-15
-20
Min.
Max.
Min.
Max.
Min.
Max.
Timing
Parameter
Test Conditions[22]
Max.
Unit
ICCDR1
@ VCCDR = 2V
1.5
mA
Data Retention Mode
4.5V
4.5V
VCC > 2.0V
VCC to VCC – 0.2V
VCC
CE
tRC
V
IH
Notes:
20. Test conditions used are Load 1.
21. tBDD is a calculated parameter and is the greater of tWDD–tPWE (actual) or tDDD–tSD (actual).
22. CE = VCC, Vin = GND to VCC, TA = 25°C. This parameter is guaranteed but not tested.


Similar Part No. - CY7C027-15AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C027-15AC CYPRESS-CY7C027-15AC Datasheet
489Kb / 20P
   32K/64K x 16/18 Dual-Port Static RAM
More results

Similar Description - CY7C027-15AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C027 CYPRESS-CY7C027_05 Datasheet
489Kb / 20P
   32K/64K x 16/18 Dual-Port Static RAM
CY7C027V CYPRESS-CY7C027V Datasheet
236Kb / 18P
   3.3V 32K/64K x 16/18 Dual-Port Static RAM
CY7C09279 CYPRESS-CY7C09279 Datasheet
342Kb / 18P
   32K/64K X 16/18 Synchronous Dual Port Static RAM
CY7C027V CYPRESS-CY7C027V_09 Datasheet
472Kb / 18P
   3.3V 32K/64K x 16/18 Dual-Port Static RAM
CY7C027V CYPRESS-CY7C027V_12 Datasheet
336Kb / 22P
   3.3 V 32K/64K x 16/18 Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V_05 Datasheet
758Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C09269V CYPRESS-CY7C09269V Datasheet
348Kb / 19P
   3.3V 16K/32K/64K x 16/18 Synchronous Dual-Port Static RAM
CY7C09279 CYPRESS-CY7C09279_02 Datasheet
350Kb / 18P
   32K/64K x16/18 Synchronous Dual Port Static RAM
logo
Integrated Device Techn...
IDT7038L IDT-IDT7038L Datasheet
155Kb / 17P
   HIGH - SPEED 64K x 18 DUAL - PORT STATIC RAM
IDT7038L IDT-IDT7038L_18 Datasheet
182Kb / 17P
   HIGH-SPEED 64K x 18 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com