Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM31L276-G Datasheet(PDF) 23 Page - Cypress Semiconductor

Part # FM31L276-G
Description  64-Kbit/256-Kbit Integrated Processor Companion with F-RAM
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM31L276-G Datasheet(HTML) 23 Page - Cypress Semiconductor

Back Button FM31L276-G Datasheet HTML 19Page - Cypress Semiconductor FM31L276-G Datasheet HTML 20Page - Cypress Semiconductor FM31L276-G Datasheet HTML 21Page - Cypress Semiconductor FM31L276-G Datasheet HTML 22Page - Cypress Semiconductor FM31L276-G Datasheet HTML 23Page - Cypress Semiconductor FM31L276-G Datasheet HTML 24Page - Cypress Semiconductor FM31L276-G Datasheet HTML 25Page - Cypress Semiconductor FM31L276-G Datasheet HTML 26Page - Cypress Semiconductor FM31L276-G Datasheet HTML 27Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
FM31L276/FM31L278
Document Number: 001-86392 Rev. *C
Page 23 of 36
Addressing Overview - Memory
After the FM31L276/FM31L278 (as receiver) acknowledges the
slave address, the master can place the memory address on the
bus for a write operation. The address requires two bytes. The
complete 15-bit address is latched internally. Each access
causes the latched address value to be incremented automati-
cally. The current address is the value that is held in the latch;
either a newly written value or the address following the last
access. The current address will be held for as long
as VDD >VTP or until a new value is written. Reads always use
the current address. A random read address can be loaded by
beginning a write operation as explained below.
After transmission of each data byte, just prior to the
acknowledge, the FM31L276/FM31L278 increments the internal
address latch. This allows the next sequential byte to be
accessed with no additional addressing. After the last address
(7FFFh) is reached, the address latch will roll over to 0000h.
There is no limit to the number of bytes that can be accessed
with a single read or write operation.
Addressing Overview - RTC & Companion
The RTC and Processor Companion operate in a similar manner
to the memory, except that it uses only one byte of address.
Addresses 00h to 18h correspond to special function registers.
Attempting to load addresses above 18h is an illegal condition;
the FM31L276/FM31L278 will return a NACK and abort the I2C
transaction.
Data Transfer
After the address bytes have been transmitted, data transfer
between the bus master and the FM31L276/FM31L278 can
begin. For a read operation the FM31L276/FM31L278 will place
8 data bits on the bus then wait for an acknowledge from the
master. If the acknowledge occurs, the FM31L276/FM31L278
will transfer the next sequential byte. If the acknowledge is not
sent, the FM31L276/FM31L278 will end the read operation. For
a write operation, the FM31L276/FM31L278 will accept 8 data
bits from the master then send an acknowledge. All data transfer
occurs MSB (most significant bit) first.


Similar Part No. - FM31L276-G

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM31L276-G RAMTRON-FM31L276-G Datasheet
330Kb / 25P
   3V Integrated Processor Companion with Memory
FM31L276-GTR RAMTRON-FM31L276-GTR Datasheet
330Kb / 25P
   3V Integrated Processor Companion with Memory
More results

Similar Description - FM31L276-G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM3164-GTR CYPRESS-FM3164-GTR Datasheet
579Kb / 33P
   64-Kbit/256-Kbit Integrated Processor Companion with F-RAM
logo
Ramtron International C...
FM33256B RAMTRON-FM33256B Datasheet
620Kb / 29P
   3V Integrated Processor Companion with F-RAM
logo
Cypress Semiconductor
FM31L278 CYPRESS-FM31L278 Datasheet
859Kb / 30P
   3V Integrated Processor Companion with F-RAM
FM33256B CYPRESS-FM33256B Datasheet
620Kb / 29P
   3V Integrated Processor Companion with F-RAM
FM25V02A CYPRESS-FM25V02A Datasheet
819Kb / 23P
   256-Kbit (32K 횞 8) Serial (SPI) F-RAM
FM24V02A CYPRESS-FM24V02A Datasheet
1Mb / 19P
   256-Kbit (32K 횞 8) Serial (I2C) F-RAM
CY15B256J CYPRESS-CY15B256J Datasheet
1Mb / 21P
   256-Kbit (32K 횞 8) Automotive Serial (I2C) F-RAM
CY15B256Q CYPRESS-CY15B256Q Datasheet
778Kb / 22P
   256-Kbit (32K 횞 8) Automotive Serial (SPI) F-RAM
CY15B064J CYPRESS-CY15B064J Datasheet
369Kb / 18P
   64-Kbit (8K 횞 8) Serial (I2C) Automotive F-RAM
CY15B064Q CYPRESS-CY15B064Q Datasheet
610Kb / 20P
   64-Kbit (8K 횞 8) Serial (SPI) Automotive F-RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com