Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM31L276-G Datasheet(PDF) 31 Page - Cypress Semiconductor

Part # FM31L276-G
Description  64-Kbit/256-Kbit Integrated Processor Companion with F-RAM
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM31L276-G Datasheet(HTML) 31 Page - Cypress Semiconductor

Back Button FM31L276-G Datasheet HTML 27Page - Cypress Semiconductor FM31L276-G Datasheet HTML 28Page - Cypress Semiconductor FM31L276-G Datasheet HTML 29Page - Cypress Semiconductor FM31L276-G Datasheet HTML 30Page - Cypress Semiconductor FM31L276-G Datasheet HTML 31Page - Cypress Semiconductor FM31L276-G Datasheet HTML 32Page - Cypress Semiconductor FM31L276-G Datasheet HTML 33Page - Cypress Semiconductor FM31L276-G Datasheet HTML 34Page - Cypress Semiconductor FM31L276-G Datasheet HTML 35Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
FM31L276/FM31L278
Document Number: 001-86392 Rev. *C
Page 31 of 36
AC Switching Characteristics
Over the Operating Range
Parameter[12]
Description
Min
Max
Min
Max
Min
Max
Unit
Cypress
Parameter
Alt.
Parameter
fSCL
SCL clock frequency
0
100
0
400
0
1000 kHz
tSU; STA
Start condition setup for repeated Start
4.7
0.6
0.25
s
tHD;STA
Start condition hold time
4.0
0.6
0.25
s
tLOW
Clock LOW period
4.7
1.3
0.6
s
tHIGH
Clock HIGH period
4.0
0.6
0.4
s
tSU;DAT
tSU;DATA
Data in setup
250
100
100
ns
tHD;DAT
tHD;DATA
Data in hold
0
0
0
ns
tDH
Data output hold (from SCL @ VIL)
0
0
0
ns
tR[13]
tr
Input rise time
1000
300
300
ns
tF[13]
tf
Input fall time
300
300
100
ns
tSU;STO
STOP condition setup
4
0.6
0.25
s
tAA
tVD;DATA
SCL LOW to SDA Data Out Valid
3
0.9
0.55
s
tBUF
Bus free before new transmission
4.7
1.3
0.5
s
tSP
Noise suppression time constant on SCL, SDA
50
50
50
ns
Figure 25. Read Bus Timing Diagram
Figure 26. Write Bus Timing Diagram
tSU:SDA
Start
tR
`
tF
Stop Start
tBUF
tHIGH
1/fSCL
tLOW
tSP
tSP
Acknowledge
tHD:DAT
tSU:DAT
tAA
tDH
SCL
SDA
tSU:STO
Start
Stop Start
Acknowledge
tAA
tHD:DAT
tHD:STA
tSU:DAT
SCL
SDA
Notes
12. Test conditions assume a signal transition time of 10 ns or less, timing reference levels of 0.5 × VDD, input pulse levels of 10% to 90% of VDD, and output loading of
the specified IOL/IOH and 100 pF load capacitance shown in Figure 23 on page 29.
13. This parameter is characterized and not 100% tested.


Similar Part No. - FM31L276-G

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM31L276-G RAMTRON-FM31L276-G Datasheet
330Kb / 25P
   3V Integrated Processor Companion with Memory
FM31L276-GTR RAMTRON-FM31L276-GTR Datasheet
330Kb / 25P
   3V Integrated Processor Companion with Memory
More results

Similar Description - FM31L276-G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM3164-GTR CYPRESS-FM3164-GTR Datasheet
579Kb / 33P
   64-Kbit/256-Kbit Integrated Processor Companion with F-RAM
logo
Ramtron International C...
FM33256B RAMTRON-FM33256B Datasheet
620Kb / 29P
   3V Integrated Processor Companion with F-RAM
logo
Cypress Semiconductor
FM31L278 CYPRESS-FM31L278 Datasheet
859Kb / 30P
   3V Integrated Processor Companion with F-RAM
FM33256B CYPRESS-FM33256B Datasheet
620Kb / 29P
   3V Integrated Processor Companion with F-RAM
FM25V02A CYPRESS-FM25V02A Datasheet
819Kb / 23P
   256-Kbit (32K 횞 8) Serial (SPI) F-RAM
FM24V02A CYPRESS-FM24V02A Datasheet
1Mb / 19P
   256-Kbit (32K 횞 8) Serial (I2C) F-RAM
CY15B256J CYPRESS-CY15B256J Datasheet
1Mb / 21P
   256-Kbit (32K 횞 8) Automotive Serial (I2C) F-RAM
CY15B256Q CYPRESS-CY15B256Q Datasheet
778Kb / 22P
   256-Kbit (32K 횞 8) Automotive Serial (SPI) F-RAM
CY15B064J CYPRESS-CY15B064J Datasheet
369Kb / 18P
   64-Kbit (8K 횞 8) Serial (I2C) Automotive F-RAM
CY15B064Q CYPRESS-CY15B064Q Datasheet
610Kb / 20P
   64-Kbit (8K 횞 8) Serial (SPI) Automotive F-RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com