Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM21L16-60-TGTR Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # FM21L16-60-TGTR
Description  2-Mbit (128 K 횞 16) F-RAM Memory
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM21L16-60-TGTR Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button FM21L16-60-TGTR Datasheet HTML 6Page - Cypress Semiconductor FM21L16-60-TGTR Datasheet HTML 7Page - Cypress Semiconductor FM21L16-60-TGTR Datasheet HTML 8Page - Cypress Semiconductor FM21L16-60-TGTR Datasheet HTML 9Page - Cypress Semiconductor FM21L16-60-TGTR Datasheet HTML 10Page - Cypress Semiconductor FM21L16-60-TGTR Datasheet HTML 11Page - Cypress Semiconductor FM21L16-60-TGTR Datasheet HTML 12Page - Cypress Semiconductor FM21L16-60-TGTR Datasheet HTML 13Page - Cypress Semiconductor FM21L16-60-TGTR Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
FM21L16
Document Number: 001-86191 Rev. *D
Page 10 of 22
AC Test Conditions
Input pulse levels ...................................................0 V to 3 V
Input rise and fall times (10%–90%) ........................... < 3 ns
Input and output timing reference levels ....................... 1.5 V
Output load capacitance............................................... 30 pF
Data Retention and Endurance
Parameter
Description
Test condition
Min
Max
Unit
TDR
Data retention
TA = 85 C
10
Years
TA = 75 C38
TA = 65 C151
NVC
Endurance
Over operating temperature
1014
Cycles
Capacitance
Parameter
Description
Test Conditions
Max
Unit
CI/O
Input/Output capacitance (DQ)
TA = 25 C, f = 1 MHz, VDD = VDD(Typ)
8
pF
CIN
Input capacitance
6pF
CZZ
Input capacitance of ZZ pin
8
pF
Thermal Resistance
Parameter
Description
Test Conditions
44-pin TSOP II Unit
JA
Thermal resistance
(junction to ambient)
Test conditions follow standard test methods and
procedures for measuring thermal impedance, in
accordance with EIA/JESD51.
102
C/W
JC
Thermal resistance
(junction to case)
22
C/W


Similar Part No. - FM21L16-60-TGTR

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM21L16-60-TG RAMTRON-FM21L16-60-TG Datasheet
224Kb / 14P
   2Mbit FRAM Memory
More results

Similar Description - FM21L16-60-TGTR

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM28V202A CYPRESS-FM28V202A Datasheet
503Kb / 22P
   2-Mbit (128 K 횞 16) F-RAM Memory
CY7C1011CV33 CYPRESS-CY7C1011CV33_13 Datasheet
510Kb / 16P
   2-Mbit (128 K 횞 16) Static RAM
CY62137EV30 CYPRESS-CY62137EV30_12 Datasheet
570Kb / 18P
   2-Mbit (128 K 횞 16) Static RAM
CY7C1011CV33-12AXIT CYPRESS-CY7C1011CV33-12AXIT Datasheet
510Kb / 16P
   2-Mbit (128 K 횞 16) Static RAM
FM28V102A CYPRESS-FM28V102A Datasheet
367Kb / 20P
   1-Mbit (64 K 횞 16) F-RAM Memory
CY15B102N CYPRESS-CY15B102N Datasheet
504Kb / 22P
   2-Mbit (128K 횞 16) Automotive F-RAM Memory
CY15B101N CYPRESS-CY15B101N Datasheet
471Kb / 19P
   1-Mbit (64K 횞 16) Automotive F-RAM Memory
CY62136ESL CYPRESS-CY62136ESL_13 Datasheet
514Kb / 16P
   2-Mbit (128 K x 16) Static RAM
CY7C1019DV-3310VXI CYPRESS-CY7C1019DV-3310VXI Datasheet
553Kb / 16P
   1-Mbit (128 K 횞 8) Static RAM
CY7C1019CV33 CYPRESS-CY7C1019CV33_12 Datasheet
463Kb / 13P
   1-Mbit (128 K 횞 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com