Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM16W08 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # FM16W08
Description  64-Kbit (8 K 횞 8) Wide Voltage Bytewide F-RAM Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM16W08 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button FM16W08 Datasheet HTML 6Page - Cypress Semiconductor FM16W08 Datasheet HTML 7Page - Cypress Semiconductor FM16W08 Datasheet HTML 8Page - Cypress Semiconductor FM16W08 Datasheet HTML 9Page - Cypress Semiconductor FM16W08 Datasheet HTML 10Page - Cypress Semiconductor FM16W08 Datasheet HTML 11Page - Cypress Semiconductor FM16W08 Datasheet HTML 12Page - Cypress Semiconductor FM16W08 Datasheet HTML 13Page - Cypress Semiconductor FM16W08 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
FM16W08
Document Number: 001-86210 Rev. *F
Page 10 of 18
SRAM Write Cycle
tWC
tWC
Write cycle time
145
130
ns
tCA
Chip enable active time
80
70
ns
tCW
tSCE
Chip enable to write enable HIGH
80
70
ns
tPC
Pre-charge time
65
60
ns
tWP
tPWE
Write enable pulse width
50
40
ns
tAS
tSA
Address setup time
0–0–
ns
tAH
tHA
Address hold time
15
15
ns
tDS
tSD
Data input setup time
40
30
ns
tDH
tHD
Data input hold time
0–0–
ns
tWZ[5, 6]
tHZWE
Write enable LOW to output HI-Z
15
15
ns
tWX[6]
Write enable HIGH to output driven
10
10
ns
tHZ[5]
Chip enable to output HI-Z
15
15
ns
tWS[7]
Write enable to CE LOW setup time
0
0
ns
tWH[7]
Write enable to CE HIGH hold time
0
0
ns
AC Switching Characteristics (continued)
Over the Operating Range
Parameters [2]
Description
VDD = 2.7 V to 3.0 V
VDD = 3.0 V to 5.5 V
Unit
Cypress
Parameter
Alt Parameter
Min
Max
Min
Max
Notes
5. tWZ and tHZ is specified with a load capacitance of 5 pF. Transition is measured when the outputs enter a high impedance state.
6. This parameter is characterized but not 100% tested.
7. The relationship between CE and WE determines if a CE or WE controlled write occurs.


Similar Part No. - FM16W08

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM16W08 RAMTRON-FM16W08 Datasheet
96Kb / 11P
   64Kb Wide Voltage Bytewide F-RAM
FM16W08-SG RAMTRON-FM16W08-SG Datasheet
96Kb / 11P
   64Kb Wide Voltage Bytewide F-RAM
logo
Cypress Semiconductor
FM16W08-SG CYPRESS-FM16W08-SG Datasheet
327Kb / 12P
   64Kb Wide Voltage Bytewide F-RAM
More results

Similar Description - FM16W08

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14MB064Q CYPRESS-CY14MB064Q_12 Datasheet
1Mb / 30P
   64-Kbit (8 K 횞 8) SPI nvSRAM
CY14MB064Q1B CYPRESS-CY14MB064Q1B Datasheet
913Kb / 28P
   64-Kbit (8 K 횞 8) SPI nvSRAM
CY15B064J CYPRESS-CY15B064J Datasheet
369Kb / 18P
   64-Kbit (8K 횞 8) Serial (I2C) Automotive F-RAM
CY15E064Q CYPRESS-CY15E064Q Datasheet
610Kb / 20P
   64-Kbit (8K 횞 8) Serial (SPI) Automotive F-RAM
CY15B064Q CYPRESS-CY15B064Q Datasheet
610Kb / 20P
   64-Kbit (8K 횞 8) Serial (SPI) Automotive F-RAM
CY14MB064J1A CYPRESS-CY14MB064J1A Datasheet
1Mb / 28P
   64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
CY14MB064J CYPRESS-CY14MB064J_12 Datasheet
1Mb / 30P
   64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
CY7C185 CYPRESS-CY7C185_11 Datasheet
394Kb / 15P
   64-Kbit (8 K 횞 8) Static RAM CMOS for optimum speed/power
FM28V102A CYPRESS-FM28V102A Datasheet
367Kb / 20P
   1-Mbit (64 K 횞 16) F-RAM Memory
logo
Ramtron International C...
FM16W08 RAMTRON-FM16W08 Datasheet
96Kb / 11P
   64Kb Wide Voltage Bytewide F-RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com