Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62168G30-45BVXIT Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY62168G30-45BVXIT
Description  16-Mbit (2M words 횞 8 bits) Static RAM with Error-Correcting Code (ECC)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62168G30-45BVXIT Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY62168G30-45BVXIT Datasheet HTML 5Page - Cypress Semiconductor CY62168G30-45BVXIT Datasheet HTML 6Page - Cypress Semiconductor CY62168G30-45BVXIT Datasheet HTML 7Page - Cypress Semiconductor CY62168G30-45BVXIT Datasheet HTML 8Page - Cypress Semiconductor CY62168G30-45BVXIT Datasheet HTML 9Page - Cypress Semiconductor CY62168G30-45BVXIT Datasheet HTML 10Page - Cypress Semiconductor CY62168G30-45BVXIT Datasheet HTML 11Page - Cypress Semiconductor CY62168G30-45BVXIT Datasheet HTML 12Page - Cypress Semiconductor CY62168G30-45BVXIT Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Document Number: 001-84771 Rev. *I
Page 9 of 19
CY62168G/CY62168GE MoBL®
Switching Characteristics
Parameter [18, 19]
Description
45 ns
55 ns
Unit
Min
Max
Min
Max
Read Cycle
tRC
Read cycle time
45.0
55.0
ns
tAA
Address to data valid / Address to ERR valid
45.0
55.0
ns
tOHA
Data hold from address change / ERR hold from
address change
10.0
10.0
ns
tACE
CE1 LOW and CE2 HIGH to data valid / CE LOW to ERR
valid
45.0
55.0
ns
tDOE
OE LOW to data valid / OE LOW to ERR valid
22.0
25.0
ns
tLZOE
OE LOW to Low Z [19, 20]
5.0
5.0
ns
tHZOE
OE HIGH to High Z [19, 20, 21]
18.0
18.0
ns
tLZCE
CE1 LOW and CE2 HIGH to Low Z
[19, 20]
10.0
10.0
ns
tHZCE
CE1 HIGH and CE2 LOW to High Z
[19, 20, 21]
18.0
18.0
ns
tPU
[22]
CE1 LOW and CE2 HIGH to power-up
0
0
ns
tPD
[22]
CE1 HIGH and CE2 LOW to power-down
45.0
55.0
ns
Write Cycle[23, 24]
tWC
Write cycle time
45.0
55.0
ns
tSCE
CE1 LOW and CE2 HIGH to write end
35.0
40.0
ns
tAW
Address setup to write end
35.0
40.0
ns
tHA
Address hold from write end
0
0
ns
tSA
Address setup to write start
0
0
ns
tPWE
WE pulse width
35.0
40.0
ns
tSD
Data setup to write end
25.0
25.0
ns
tHD
Data hold from write end
0
0
ns
tHZWE
WE LOW to High Z [19, 21, 20]
18.0
20.0
ns
tLZWE
WE HIGH to Low Z [19, 20]
10.0
10.0
ns
Notes
18. Test conditions assume signal transition time (rise/fall) of 3 ns or less, timing reference levels of 1.5 V (for VCC > 3 V) and VCC/2 (for VCC < 3 V), and input pulse levels
of 0 to 3 V (for VCC > 3 V) and 0 to VCC (for VCC < 3V). Test conditions for the read cycle use output loading shown in AC Test Loads and Waveforms section, unless specified
otherwise.
19. At any temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any device.
20. Tested initially and after any design or process changes that may affect these parameters.
21. tHZOE, tHZCE, and tHZWE transitions are measured when the outputs enter a high impedance state.
22. These parameters are guaranteed by design and are not tested.
23. The internal write time of the memory is defined by the overlap of WE = VIL, CE1 = VIL, and CE2 = VIH. All signals must be ACTIVE to initiate a write and any of these
signals can terminate a write by going INACTIVE. The data input setup and hold timing must refer to the edge of the signal that terminates the write.
24. The minimum write cycle pulse width for write cycle No. 2 (WE Controlled, OE Low) should be equal to he sum of tHZWE and tSD.


Similar Part No. - CY62168G30-45BVXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62168DV30 CYPRESS-CY62168DV30 Datasheet
231Kb / 9P
   16-Mbit (2048K x 8) Static RAM
CY62168DV30 CYPRESS-CY62168DV30 Datasheet
310Kb / 9P
   16-Mbit (2M x 8) MoBL짰 Static RAM
CY62168DV30 CYPRESS-CY62168DV30 Datasheet
492Kb / 13P
   16-Mbit (2M x 8) MoBL짰 Static RAM
CY62168DV30L-55BVXI CYPRESS-CY62168DV30L-55BVXI Datasheet
231Kb / 9P
   16-Mbit (2048K x 8) Static RAM
CY62168DV30L-70BVXI CYPRESS-CY62168DV30L-70BVXI Datasheet
231Kb / 9P
   16-Mbit (2048K x 8) Static RAM
More results

Similar Description - CY62168G30-45BVXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1069G CYPRESS-CY7C1069G Datasheet
614Kb / 20P
   16-Mbit (2M words 횞 8 bit) Static RAM with Error-Correcting Code (ECC)
CY7C1062G CYPRESS-CY7C1062G Datasheet
480Kb / 20P
   16-Mbit (512 K words 횞 32 bits) Static RAM with Error-Correcting Code (ECC)
CY62157H CYPRESS-CY62157H Datasheet
384Kb / 20P
   8-Mbit (512K words 횞 16-bit) Static RAM with Error-Correcting Code (ECC)
CY62167G CYPRESS-CY62167G Datasheet
570Kb / 19P
   16-Mbit (1M Words 횞 16 Bit) Static RAM with Error-Correcting Code (ECC)
CY7C1011G CYPRESS-CY7C1011G Datasheet
578Kb / 17P
   2-Mbit (128K words 횞 16 bit) Static RAM with Error-Correcting Code (ECC)
CY7C1049G CYPRESS-CY7C1049G Datasheet
526Kb / 19P
   4-Mbit (512K words 횞 8 bit) Static RAM with Error-Correcting Code (ECC)
CY7C1041G CYPRESS-CY7C1041G Datasheet
710Kb / 20P
   4-Mbit (256K words 횞 16 bit) Static RAM with Error-Correcting Code (ECC)
CY7C1061G CYPRESS-CY7C1061G Datasheet
563Kb / 18P
   16-Mbit (1 M words 횞 16 bit) Static RAM with Error-Correcting Code (ECC)
CY62147G CYPRESS-CY62147G Datasheet
710Kb / 20P
   4-Mbit (256K words 횞 16 bit) Static RAM with Error-Correcting Code (ECC)
CY62148G CYPRESS-CY62148G Datasheet
495Kb / 17P
   4-Mbit (512K words 횞 8 bit) Static RAM with Error-Correcting Code (ECC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com