Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY621472E30 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY621472E30
Description  4-Mbit (256 K 횞 16) Static RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY621472E30 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY621472E30 Datasheet HTML 3Page - Cypress Semiconductor CY621472E30 Datasheet HTML 4Page - Cypress Semiconductor CY621472E30 Datasheet HTML 5Page - Cypress Semiconductor CY621472E30 Datasheet HTML 6Page - Cypress Semiconductor CY621472E30 Datasheet HTML 7Page - Cypress Semiconductor CY621472E30 Datasheet HTML 8Page - Cypress Semiconductor CY621472E30 Datasheet HTML 9Page - Cypress Semiconductor CY621472E30 Datasheet HTML 10Page - Cypress Semiconductor CY621472E30 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
CY621472E30 MoBL®
Document Number: 001-67798 Rev. *F
Page 7 of 16
Switching Characteristics
Over the Operating Range
Parameter [14]
Description
45 ns
Unit
Min
Max
Read Cycle
tRC
Read cycle time
45
ns
tAA
Address to data valid
45
ns
tOHA
Data hold from address change
10
ns
tACE
CE1 LOW/CE2 HIGH to data valid
45
ns
tDOE
OE LOW to data valid
22
ns
tLZOE
OE LOW to Low Z [15]
5
ns
tHZOE
OE HIGH to High Z [15, 16]
18
ns
tLZCE
CE1 LOW/CE2 HIGH to Low Z [15]
10
ns
tHZCE
CE1 HIGH/CE2 LOW to High Z [15, 16]
18
ns
tPU
CE1 LOW/CE2 HIGH to Power-up
0
ns
tPD
CE1 HIGH/CE2 LOW to Power-down
45
ns
tDBE
BLE/BHE LOW to data valid
45
ns
tLZBE
BLE/BHE LOW to Low Z [15, 17]
5
ns
tHZBE
BLE/BHE HIGH to High Z [15, 16]
18
ns
Write Cycle [18, 19]
tWC
Write cycle time
45
ns
tSCE
CE1 LOW/CE2 HIGH to Write End
35
ns
tAW
Address setup to write end
35
ns
tHA
Address hold from write end
0
ns
tSA
Address setup to write start
0
ns
tPWE
WE pulse width
35
ns
tBW
BLE/BHE LOW to write end
35
ns
tSD
Data setup to write end
25
ns
tHD
Data hold from write end
0
ns
tHZWE
WE LOW to High Z [15, 16]
18
ns
tLZWE
WE HIGH to Low Z [15]
10
ns
Notes
14. Test conditions for all parameters other than tri-state parameters assume signal transition time of 3 ns (1 V/ns) or less, timing reference levels of VCC(typ)/2, input
pulse levels of 0 to VCC(typ), and output loading of the specified IOL/IOH as shown in the Figure 2 on page 5.
15. At any temperature and voltage condition, tHZCE is less than tLZCE, tHZBE is less than tLZBE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any device.
16. tHZOE, tHZCE, tHZBE, and tHZWE transitions are measured when the outputs enter a high impedance state.
17. If both byte enables are together, this value is 10 ns.
18. The internal write time of the memory is defined by the overlap of WE, CE = VIL, BHE, BLE, or both = VIL. All signals must be active to initiate a write and any of these
signals can terminate a write by going inactive. The data input setup and hold timing must be referenced to the edge of the signal that terminates the write.
19. The minimum write cycle pulse width for WRITE Cycle 4 (WE controlled, OE LOW) should be equal to the sum of tHZWE and tSD.


Similar Part No. - CY621472E30

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY621472EV30 CYPRESS-CY621472EV30 Datasheet
492Kb / 14P
   4-Mbit (256 K 횞 16) Static RAM
More results

Similar Description - CY621472E30

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1041CV33 CYPRESS-CY7C1041CV33_10 Datasheet
471Kb / 15P
   4-Mbit (256 K 횞 16) Static RAM
CY621472EV30 CYPRESS-CY621472EV30 Datasheet
492Kb / 14P
   4-Mbit (256 K 횞 16) Static RAM
CY7C1041DV33 CYPRESS-CY7C1041DV33_11 Datasheet
581Kb / 17P
   4-Mbit (256 K 횞 16) Static RAM
CY62146EV30LL-45ZSXIT CYPRESS-CY62146EV30LL-45ZSXIT Datasheet
570Kb / 18P
   CY62146EV30 MoBL 4-Mbit (256 K 횞 16) Static RAM
CY62146E CYPRESS-CY62146E_13 Datasheet
309Kb / 16P
   4-Mbit (256 K x 16) Static RAM
CY62147EV30 CYPRESS-CY62147EV30_13 Datasheet
580Kb / 18P
   4-Mbit (256 K x 16) Static RAM
CY62146EV30 CYPRESS-CY62146EV30 Datasheet
557Kb / 18P
   4-Mbit (256 K x 16) Static RAM
CY7C1041DV33-10ZSXIT CYPRESS-CY7C1041DV33-10ZSXIT Datasheet
474Kb / 19P
   CY7C1041DV33 4-Mbit (256 K x 16) Static RAM
CY7C1041CV33AUTO CYPRESS-CY7C1041CV33AUTO Datasheet
572Kb / 17P
   4-Mbit (256 K 횞 16) Static RAM TTL-compatible inputs and outputs
CY62138EV30 CYPRESS-CY62138EV30_12 Datasheet
494Kb / 16P
   2-Mbit (256 K 횞 8) MoBL Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com