Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62168G Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY62168G
Description  16-Mbit (2M words 횞 8 bits) Static RAM with Error-Correcting Code (ECC)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62168G Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY62168G Datasheet HTML 3Page - Cypress Semiconductor CY62168G Datasheet HTML 4Page - Cypress Semiconductor CY62168G Datasheet HTML 5Page - Cypress Semiconductor CY62168G Datasheet HTML 6Page - Cypress Semiconductor CY62168G Datasheet HTML 7Page - Cypress Semiconductor CY62168G Datasheet HTML 8Page - Cypress Semiconductor CY62168G Datasheet HTML 9Page - Cypress Semiconductor CY62168G Datasheet HTML 10Page - Cypress Semiconductor CY62168G Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Document Number: 001-84771 Rev. *I
Page 7 of 19
CY62168G/CY62168GE MoBL®
Capacitance
Parameter [12]
Description
Test Conditions
Max
Unit
CIN
Input capacitance
TA = 25 °C, f = 1 MHz, VCC = VCC(typ)
10
pF
COUT
Output capacitance
10
pF
Thermal Resistance
Parameter [12]
Description
Test Conditions
48-ball VFBGA Unit
JA
Thermal resistance
(junction to ambient)
Still air, soldered on a 3 × 4.5 inch, four-layer printed circuit
board
31.50
°C/W
JC
Thermal resistance
(junction to case)
15.75
°C/W
AC Test Loads and Waveforms
Figure 3. AC Test Loads and Waveforms
VHIGH
VCC
OUTPUT
R2
30 pF
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
Rise Time = 1 V/ns
Fall Time = 1 V/ns
OUTPUT
VTH
Equivalent to: THÉVENIN EQUIVALENT
ALL INPUT PULSES
RTH
R1
Parameters
1.8 V
2.5 V
3.0 V
5.0 V
Unit
R1
13500
16667
1103
1800
R2
10800
15385
1554
990
RTH
6000
8000
645
639
VTH
0.8
1.2
1.75
1.77
V
VHIGH
1.8
2.5
3.0
5.0
V
Note
12. Tested initially and after any design or process changes that may affect these parameters.


Similar Part No. - CY62168G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62168DV30 CYPRESS-CY62168DV30 Datasheet
231Kb / 9P
   16-Mbit (2048K x 8) Static RAM
CY62168DV30 CYPRESS-CY62168DV30 Datasheet
310Kb / 9P
   16-Mbit (2M x 8) MoBL짰 Static RAM
CY62168DV30 CYPRESS-CY62168DV30 Datasheet
492Kb / 13P
   16-Mbit (2M x 8) MoBL짰 Static RAM
CY62168DV30L-55BVXI CYPRESS-CY62168DV30L-55BVXI Datasheet
231Kb / 9P
   16-Mbit (2048K x 8) Static RAM
CY62168DV30L-70BVXI CYPRESS-CY62168DV30L-70BVXI Datasheet
231Kb / 9P
   16-Mbit (2048K x 8) Static RAM
More results

Similar Description - CY62168G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1069G CYPRESS-CY7C1069G Datasheet
614Kb / 20P
   16-Mbit (2M words 횞 8 bit) Static RAM with Error-Correcting Code (ECC)
CY7C1062G CYPRESS-CY7C1062G Datasheet
480Kb / 20P
   16-Mbit (512 K words 횞 32 bits) Static RAM with Error-Correcting Code (ECC)
CY62157H CYPRESS-CY62157H Datasheet
384Kb / 20P
   8-Mbit (512K words 횞 16-bit) Static RAM with Error-Correcting Code (ECC)
CY62167G CYPRESS-CY62167G Datasheet
570Kb / 19P
   16-Mbit (1M Words 횞 16 Bit) Static RAM with Error-Correcting Code (ECC)
CY7C1011G CYPRESS-CY7C1011G Datasheet
578Kb / 17P
   2-Mbit (128K words 횞 16 bit) Static RAM with Error-Correcting Code (ECC)
CY7C1049G CYPRESS-CY7C1049G Datasheet
526Kb / 19P
   4-Mbit (512K words 횞 8 bit) Static RAM with Error-Correcting Code (ECC)
CY7C1041G CYPRESS-CY7C1041G Datasheet
710Kb / 20P
   4-Mbit (256K words 횞 16 bit) Static RAM with Error-Correcting Code (ECC)
CY7C1061G CYPRESS-CY7C1061G Datasheet
563Kb / 18P
   16-Mbit (1 M words 횞 16 bit) Static RAM with Error-Correcting Code (ECC)
CY62147G CYPRESS-CY62147G Datasheet
710Kb / 20P
   4-Mbit (256K words 횞 16 bit) Static RAM with Error-Correcting Code (ECC)
CY62148G CYPRESS-CY62148G Datasheet
495Kb / 17P
   4-Mbit (512K words 횞 8 bit) Static RAM with Error-Correcting Code (ECC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com