Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM29DL640D120WHIN Datasheet(PDF) 6 Page - Advanced Micro Devices

Part # AM29DL640D120WHIN
Description  64 Megabit CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL640D120WHIN Datasheet(HTML) 6 Page - Advanced Micro Devices

Back Button AM29DL640D120WHIN Datasheet HTML 2Page - Advanced Micro Devices AM29DL640D120WHIN Datasheet HTML 3Page - Advanced Micro Devices AM29DL640D120WHIN Datasheet HTML 4Page - Advanced Micro Devices AM29DL640D120WHIN Datasheet HTML 5Page - Advanced Micro Devices AM29DL640D120WHIN Datasheet HTML 6Page - Advanced Micro Devices AM29DL640D120WHIN Datasheet HTML 7Page - Advanced Micro Devices AM29DL640D120WHIN Datasheet HTML 8Page - Advanced Micro Devices AM29DL640D120WHIN Datasheet HTML 9Page - Advanced Micro Devices AM29DL640D120WHIN Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
October 7, 2004
Am29DL640D
5
CONNECTION DIAGRAMS
1
16
2
3
4
5
6
7
8
17
18
19
20
21
22
23
24
9
10
11
12
13
14
15
48
33
47
46
45
44
43
42
41
40
39
38
37
36
35
34
25
32
31
30
29
28
27
26
A15
A18
A14
A13
A12
A11
A10
A9
A8
A19
A20
WE#
RESET#
A21
WP#/ACC
RY/BY#
A1
A17
A7
A6
A5
A4
A3
A2
A16
DQ2
BYTE#
VSS
DQ15/A-1
DQ7
DQ14
DQ6
DQ13
DQ9
DQ1
DQ8
DQ0
OE#
VSS
CE#
A0
DQ5
DQ12
DQ4
VCC
DQ11
DQ3
DQ10
48-Pin Standard TSOP
C2
D2
E2
F2
G2
H2
J2
K2
C3
D3
E3
F3
G3
H3
J3
K3
C4
D4
E4
F4
G4
H4
J4
K4
C5
D5
E5
F5
G5
H5
J5
K5
C6
D6
E6
F6
G6
H6
J6
K6
C7
D7
A7
B7
A8
B8
A1
B1
A2
E7
F7
G7
H7
J7
K7
L7
L8
M7
M8
L1
L2
M1
M2
NC*
NC*
NC*
NC*
NC*
NC*
NC*
NC*
NC*
NC*
NC*
NC*
NC*
NC*
NC*
DQ15/A-1
VSS
BYTE#
A16
A15
A14
A12
A13
DQ13
DQ6
DQ14
DQ7
A11
A10
A8
A9
VCC
DQ4
DQ12
DQ5
A19
A21
RESET#
WE#
DQ11
DQ3
DQ10
DQ2
A20
A18
WP#/ACC
RY/BY#
DQ9
DQ1
DQ8
DQ0
A5
A6
A17
A7
OE#
VSS
CE#
A0
A1
A2
A4
A3
* Balls are shorted together via the substrate but not connected to the die.
63-Ball Fine-Pitch BGA (FBGA)
Top View, Balls Facing Down


Similar Part No. - AM29DL640D120WHIN

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29DL640D120WHI AMD-AM29DL640D120WHI Datasheet
1Mb / 54P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
More results

Similar Description - AM29DL640D120WHIN

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29JL064J70TFI000 SPANSION-S29JL064J70TFI000 Datasheet
1Mb / 61P
   CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
S29WS-NL SPANSION-S29WS-NL Datasheet
1Mb / 99P
   256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
AM75PDL191CHHA SPANSION-AM75PDL191CHHA Datasheet
2Mb / 129P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM75PDL191CHH_0402 SPANSION-AM75PDL191CHH_0402 Datasheet
2Mb / 136P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM75PDL191BHHA SPANSION-AM75PDL191BHHA Datasheet
1Mb / 129P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
S29JL064J SPANSION-S29JL064J Datasheet
1Mb / 61P
   64 Megabit (8M x 8-Bit/4M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
S29PL127J SPANSION-S29PL127J Datasheet
1Mb / 106P
   CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
S29PL-J SPANSION-S29PL-J Datasheet
1Mb / 96P
   CMOS 3.0 Volt-only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO Control
S29PL064J70BFI120 SPANSION-S29PL064J70BFI120 Datasheet
2Mb / 100P
   CMOS 3.0 Volt-Only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO Control
logo
Eon Silicon Solution In...
EN29PL064 EON-EN29PL064_11 Datasheet
778Kb / 57P
   64 Mbit (4 M x 16-Bit) CMOS 3.0 Volt- only, Simultaneous-Read/Write Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com