Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCM8-1 Datasheet(PDF) 1 Page - Mini-Circuits

Part # TCM8-1
Description  RF Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

TCM8-1 Datasheet(HTML) 1 Page - Mini-Circuits

  TCM8-1 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FREQUENCY
(MHz)
INSERTION
LOSS
(dB)
INPUT
R. LOSS
(dB)
RATIO
(Secondary/Primary)
FREQUENCY
(MHz)
INSERTION LOSS*
3 dB
MHz
2 dB
MHz
1 dB
MHz
8
2-500
2-500
5-400
10-100
* Insertion Loss is referenced to mid-band loss, 0.8 dB typ.
50
2 to 500 MHz
RF Transformer
Maximum Ratings
Pin Connections
Operating Temperature
-20°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
0.25W
DC Current
30mA
Transformer Electrical Specifications
REV. E
M151107
TCM8-1+
ED-8235/1
IG/TD/CP/AM
151012
Typical Performance Data
PRIMARY DOT
6
PRIMARY
4
SECONDARY DOT
3
SECONDARY
1
SECONDARY CT
2
NOT USED
5
Features
• wide bandwidth, 2 to 500 MHz
• good return loss
• excellent amplitude unbalance, 0.1 dB typ. and phase
unbalance, 2 deg typ. in 1 dB bandwidth
• plastic base with solder plated leads
• aqueous washable
Applications
• impedance matching
Surface Mount
A
BC
D
E
F
.160
.150
.160
.050
.040
.025
4.06
3.81
4.06
1.27
1.02
0.64
G
H
J
K
wt
.028
.065
.190
.030
grams
0.71
1.65
4.83
0.76
0.15
Outline Dimensions (
)
inch
mm
Outline Drawing
Config. A
2.00
1.36
20.96
5.00
1.11
27.44
10.00
1.07
32.00
30.00
1.13
31.42
50.00
1.17
28.33
100.00
1.24
22.86
200.00
1.35
16.51
300.00
1.67
12.66
400.00
2.27
9.85
500.00
2.72
7.79
TCM8-1
INSERTION LOSS
0.0
1.0
2.0
3.0
4.0
5.0
0
100
200
300
400
500
FREQUENCY (MHz)
TCM8-1
INPUT RETURN LOSS
0
10
20
30
40
50
0
100
200
300
400
500
FREQUENCY (MHz)
Permanent damage may occur if any of these limits are exceeded.
Lead #1 identifier shall be located in the cross-hatched area shown.
Identifier may be either a molded or marked feature.
Suggested Layout,
Tolerance to be within ±.002
PCB Land Pattern
TCM8-1+
CASE STYLE: DB714
Available Tape and
Reel
at no extra cost
Reel Size
Devices/Reel
7”
20, 50, 100, 200, 500
13”
1000, 2000
*Addition of Top hat™ feature
Benefits
• Allows faster pick-and-place
• Enables visual identification marking
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
TCM8-1X+
Upgraded
Version*
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 1


Similar Part No. - TCM8-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM8000 TI-TCM8000 Datasheet
230Kb / 19P
[Old version datasheet]   CELLULAR TELEPHONE AUDIO PROCESSOR
TCM8000AFN TI-TCM8000AFN Datasheet
230Kb / 19P
[Old version datasheet]   CELLULAR TELEPHONE AUDIO PROCESSOR
TCM8000FN TI-TCM8000FN Datasheet
230Kb / 19P
[Old version datasheet]   CELLULAR TELEPHONE AUDIO PROCESSOR
TCM8002 TI-TCM8002 Datasheet
322Kb / 25P
[Old version datasheet]   DATA PROCESSOR FOR CELLULAR TELEPHONE
TCM8002 TI1-TCM8002 Datasheet
342Kb / 25P
[Old version datasheet]   DATA PROCESSOR FOR CELLULAR TELEPHONE
More results

Similar Description - TCM8-1

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TC133-282 MINI-TC133-282 Datasheet
262Kb / 2P
   RF Transformer
logo
M/A-COM Technology Solu...
DS-MABA-007748-CT1160 MA-COM-DS-MABA-007748-CT1160 Datasheet
361Kb / 3P
   RF Transformer
logo
Mini-Circuits
TC4-1WG2 MINI-TC4-1WG2 Datasheet
114Kb / 1P
   RF Transformer
logo
Pulse A Technitrol Comp...
CX2078NL PULSE-CX2078NL Datasheet
179Kb / 2P
   RF TRANSFORMER
logo
XFMRS Inc.
XFWB3010 XFMRS-XFWB3010 Datasheet
40Kb / 1P
   RF TRANSFORMER
XFWB-1-A XFMRS-XFWB-1-A_15 Datasheet
40Kb / 1P
   RF TRANSFORMER
XFWB-4-1T XFMRS-XFWB-4-1T_15 Datasheet
39Kb / 1P
   RF TRANSFORMER
XFWB3010 XFMRS-XFWB3010_15 Datasheet
40Kb / 1P
   RF TRANSFORMER
logo
Mini-Circuits
ADT4-1WT MINI-ADT4-1WT_15 Datasheet
201Kb / 1P
   RF Transformer
ADT4-5WT MINI-ADT4-5WT Datasheet
186Kb / 1P
   RF Transformer
ADT9-1T MINI-ADT9-1T Datasheet
204Kb / 1P
   RF Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com