Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NHD-7.0-800480WF-CTXI-T Datasheet(PDF) 5 Page - Newhaven Display International, Inc.

Part # NHD-7.0-800480WF-CTXI-T
Description  TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWHAVEN [Newhaven Display International, Inc.]
Direct Link  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

NHD-7.0-800480WF-CTXI-T Datasheet(HTML) 5 Page - Newhaven Display International, Inc.

  NHD-7.0-800480WF-CTXI-T Datasheet HTML 1Page - Newhaven Display International, Inc. NHD-7.0-800480WF-CTXI-T Datasheet HTML 2Page - Newhaven Display International, Inc. NHD-7.0-800480WF-CTXI-T Datasheet HTML 3Page - Newhaven Display International, Inc. NHD-7.0-800480WF-CTXI-T Datasheet HTML 4Page - Newhaven Display International, Inc. NHD-7.0-800480WF-CTXI-T Datasheet HTML 5Page - Newhaven Display International, Inc. NHD-7.0-800480WF-CTXI-T Datasheet HTML 6Page - Newhaven Display International, Inc. NHD-7.0-800480WF-CTXI-T Datasheet HTML 7Page - Newhaven Display International, Inc. NHD-7.0-800480WF-CTXI-T Datasheet HTML 8Page - Newhaven Display International, Inc. NHD-7.0-800480WF-CTXI-T Datasheet HTML 9Page - Newhaven Display International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
[5]
CON2 LCD Pin Description
Pin No.
Symbol
Connection
Function Description
1
GND
Power Supply
Ground
2
VDD
Power Supply
Power supply for logic (+3.3V)
3
NC
-
No Connect
4
D/C#
MPU
Register Select signal: 1=Data, 0=Command
5
WR#
MPU
Active LOW Write signal (8080 mode)
Read/Write signal (6800 mode)
6
RD#
MPU
Active LOW Read signal (8080 mode)
Edge trigger Enable signal (6800 mode)
7-14
DB0~DB7
MPU
8-bit bi-directional data bus
15
CS#
MPU
Active LOW Chip Select signal
16
NC
-
No Connect
17
NC
-
No Connect
18
RST#
MPU
Active LOW Reset signal
19
NC
-
No Connect
20
NC
-
No Connect
LCD connector: 1.0mm pitch,20-Conductor FFC, top contact
Recommended connection: 1.0mm pitch, 20-conductor FFC cable
CON1 TFT Pin-Out (before controller board):
Pin No.
Symbol
Connection
Function Description
1
GND
Power Supply
Power Ground
2
GND
Power Supply
Power Ground
3
NC
-
No connect
4-7
VDD
Power Supply
Power Supply (+3.3V)
8
NC
-
No connect
9
DE
MPU
Data Enable
10-12
GND
Power Supply
Power Ground
13-15
B5-B3
MPU
Blue B5 (MSB) to B3
16
GND
Power Supply
Power Ground
17-19
B2-B0
MPU
Blue B2 – B0(LSB)
20
GND
Power Supply
Power Ground
21-23
G5-G3
MPU
Green B5 (MSB) to B3
24
GND
Power Supply
Power Ground
25-27
G2-G0
MPU
Green B2 – B0(LSB)
28
GND
Power Supply
Power Ground
29-31
R5-R3
MPU
Red B5 (MSB) to B3
32
GND
Power Supply
Power Ground
33-35
R2-R0
MPU
Red B2 – B0(LSB)
36-37
GND
Power Supply
Power Ground
38
DCLK
MPU
Clock (Falling edge triggered)
39-40
GND
Power Supply
Power Ground
LCD connector: 0.5mm pitch,40-Conductor FFC, Bottom contact
Recommended connection: 0.5mm pitch, 40-conductor FFC cable
Backlight Pin-Out:
Pin No.
Symbol
Connection
Function Description
1
VDD
Power Supply
Power Supply (+9.9V)
2
GND
Power Supply
Power Ground
Backlight connector: JST p/n: BHSR-02VS-1
Recommended mating connector: JST p/n: SM 02B-BHSS-1


Similar Part No. - NHD-7.0-800480WF-CTXI-T

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-7.0-800480WF-CTXI NEWHAVEN-NHD-7.0-800480WF-CTXI Datasheet
301Kb / 11P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
More results

Similar Description - NHD-7.0-800480WF-CTXI-T

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-3.5-320240MF-ASXV-T NEWHAVEN-NHD-3.5-320240MF-ASXV-T Datasheet
1Mb / 9P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-4.3-480272EF-ASXV-T NEWHAVEN-NHD-4.3-480272EF-ASXV-T Datasheet
1Mb / 12P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-7.0-800480EF-ASXN-T NEWHAVEN-NHD-7.0-800480EF-ASXN-T Datasheet
729Kb / 12P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-7.0-800480EF-ATXL-CTP NEWHAVEN-NHD-7.0-800480EF-ATXL-CTP Datasheet
1Mb / 19P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-7.0-800480EF-ASXN NEWHAVEN-NHD-7.0-800480EF-ASXN Datasheet
717Kb / 12P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-3.5-320240MF-ASXN NEWHAVEN-NHD-3.5-320240MF-ASXN Datasheet
1Mb / 9P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-7.0-800480EF-ATXL NEWHAVEN-NHD-7.0-800480EF-ATXL Datasheet
739Kb / 12P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-10.1-1024600AF-LSXV NEWHAVEN-NHD-10.1-1024600AF-LSXV Datasheet
448Kb / 8P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-5.0-800480TF-ATXL-CTP NEWHAVEN-NHD-5.0-800480TF-ATXL-CTP Datasheet
878Kb / 16P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-57-320240WFB-CTXI-1 NEWHAVEN-NHD-57-320240WFB-CTXI-1 Datasheet
403Kb / 8P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com