Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADD8707 Datasheet(PDF) 8 Page - Analog Devices

Part # ADD8707
Description  12-Channel Gamma Buffers with VCOM and Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADD8707 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADD8707 Datasheet HTML 4Page - Analog Devices ADD8707 Datasheet HTML 5Page - Analog Devices ADD8707 Datasheet HTML 6Page - Analog Devices ADD8707 Datasheet HTML 7Page - Analog Devices ADD8707 Datasheet HTML 8Page - Analog Devices ADD8707 Datasheet HTML 9Page - Analog Devices ADD8707 Datasheet HTML 10Page - Analog Devices ADD8707 Datasheet HTML 11Page - Analog Devices ADD8707 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADD8707
Rev. A | Page 8 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
20
–35
–30
–25
–20
–15
–10
–5
0
5
10
15
–20 –10
0
10203040
5060708090 100 110 120
TEMPERATURE (
°C)
ISINK = 15mA
ISINK = 5mA
ILOAD = 0mA
ISINK = 25mA
ISOURCE = 5mA
ISOURCE = 15mA
ISOURCE = 25mA
Figure 3. Output Voltage Error vs. Temperature
35
25
20
15
10
5
0
0.1
1
10
100
LOAD CURRENT (mA)
CH11 SINK
CH11 SOURCE
CH12 SOURCE
CH12 SINK
30
Figure 4. Output Voltage Error vs. Load Current (Channels 11 and 12)
30
25
20
15
10
5
0
0.1
1
10
100
LOAD CURRENT (mA)
CH7 SINK
CH7 SOURCE
CH10 SOURCE
CH10 SINK
Figure 5. Output Voltage Error vs. Load Current (Channels 7 and 10)
30
25
20
15
10
5
0
0.1
1
10
100
LOAD CURRENT (mA)
CH3 SINK
CH3 SOURCE
CH6 SOURCE
CH6 SINK
Figure 6. Output Voltage Error vs. Load Current (Channels 3 and 6)
30
25
20
15
10
5
0
0.1
1
10
100
LOAD CURRENT (mA)
CH1 SINK
CH1 SOURCE
CH2 SOURCE
CH2 SINK
Figure 7. Output Voltage Error vs. Load Current (Channels 1 and 2)
15
13
11
8
4
0
0.1
1
10
100
LOAD CURRENT (mA)
14
12
9
6
2
8
5
10
7
3
1
VCOM SINK
VCOM SOURCE
Figure 8. Output Voltage Error vs. Load Current (VCOM)


Similar Part No. - ADD8707

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD8707 AD-ADD8707 Datasheet
661Kb / 20P
   12-Channel Gamma Buffers with VCOM and Regulator
REV. A
ADD8707 AD-ADD8707_15 Datasheet
661Kb / 20P
   12-Channel Gamma Buffers with VCOM and Regulator
REV. A
More results

Similar Description - ADD8707

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD8707 AD-ADD8707_15 Datasheet
661Kb / 20P
   12-Channel Gamma Buffers with VCOM and Regulator
REV. A
ADD8701 AD-ADD8701_15 Datasheet
295Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8701 AD-ADD8701 Datasheet
289Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8702 AD-ADD8702 Datasheet
233Kb / 8P
   12-Channel Gamma Buffers with Vcom Buffer
REV. 0
logo
Lowpower Semiconductor ...
LP6299 POWER-LP6299 Datasheet
687Kb / 11P
   Programmable Gamma and VCOM Buffers
logo
Analog Devices
ADD8702 AD-ADD8702_15 Datasheet
237Kb / 8P
   12-Channel Gamma Buffers with V Buffer
REV. 0
logo
Maxim Integrated Produc...
MAX9679B MAXIM-MAX9679B Datasheet
2Mb / 27P
   12-Channel, 10-Bit Programmable Gamma and VCOM Reference Voltages
19-6378; Rev 0; 8/12
MAX9679 MAXIM-MAX9679 Datasheet
2Mb / 28P
   12-Channel, 10-Bit Programmable Gamma and VCOM Reference Voltages
Rev 2; 5/13
DS3510 MAXIM-DS3510 Datasheet
225Kb / 17P
   I2C Gamma and VCOM Buffer with EEPROM
Rev 0; 2/08
DS3514 MAXIM-DS3514 Datasheet
338Kb / 21P
   I2C Gamma and VCOM Buffer with EEPROM
Rev 1; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com