Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHC3G14DC Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74AHC3G14DC
Description  Inverting Schmitt trigger
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC3G14DC Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74AHC3G14DC Datasheet HTML 7Page - NXP Semiconductors 74AHC3G14DC Datasheet HTML 8Page - NXP Semiconductors 74AHC3G14DC Datasheet HTML 9Page - NXP Semiconductors 74AHC3G14DC Datasheet HTML 10Page - NXP Semiconductors 74AHC3G14DC Datasheet HTML 11Page - NXP Semiconductors 74AHC3G14DC Datasheet HTML 12Page - NXP Semiconductors 74AHC3G14DC Datasheet HTML 13Page - NXP Semiconductors 74AHC3G14DC Datasheet HTML 14Page - NXP Semiconductors 74AHC3G14DC Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
2004 Oct 18
11
Philips Semiconductors
Product specification
Inverting Schmitt trigger
74AHC3G14; 74AHCT3G14
TRANSFER CHARACTERISTIC WAVEFORMS
Fig.6 Transfer characteristic.
handbook, halfpage
MNA026
VO
VH
VI
VT−
VT+
Fig.7 Definitions of VT+, VT− and VH.
handbook, halfpage
MNA027
VO
VI
VH
VT+
VT−
Fig.8 Typical AHC3G14 transfer characteristics.
handbook, halfpage
0
01
3
1.5
0.5
1
MNA401
2
VI (V)
ICC
(mA)
VCC = 3.0 V.


Similar Part No. - 74AHC3G14DC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC3G14DC NXP-74AHC3G14DC Datasheet
115Kb / 16P
   Inverting Schmitt trigger
Rev. 04-5 May 2009
logo
Nexperia B.V. All right...
74AHC3G14DC NEXPERIA-74AHC3G14DC Datasheet
267Kb / 15P
   Triple inverting Schmitt trigger
Rev. 9 - 4 December 2018
74AHC3G14DC-Q100 NEXPERIA-74AHC3G14DC-Q100 Datasheet
257Kb / 15P
   Automotive product qualification in accordance with AEC-Q100
More results

Similar Description - 74AHC3G14DC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G14 NXP-74AHC1G14 Datasheet
105Kb / 15P
   Inverting Schmitt trigger
Rev. 06 ??18 May 2009
logo
Nexperia B.V. All right...
74AHC1G14 NEXPERIA-74AHC1G14 Datasheet
261Kb / 14P
   Inverting Schmitt trigger
Rev. 10 - 12 January 2022
XC7SET14 NEXPERIA-XC7SET14 Datasheet
227Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 14 January 2022
logo
NXP Semiconductors
74HC1G14 PHILIPS-74HC1G14 Datasheet
92Kb / 20P
   Inverting Schmitt-trigger
2002 May 15
74HC1G14 NXP-74HC1G14 Datasheet
93Kb / 14P
   Inverting Schmitt trigger
Rev. 04-17 July 2007
logo
Nexperia B.V. All right...
XC7SH14 NEXPERIA-XC7SH14 Datasheet
233Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 24 January 2022
logo
NXP Semiconductors
74AHC1G14 PHILIPS-74AHC1G14 Datasheet
105Kb / 20P
   Inverting Schmitt trigger
2002 Jun 06.
74AHC3G14 NXP-74AHC3G14 Datasheet
115Kb / 16P
   Inverting Schmitt trigger
Rev. 04-5 May 2009
logo
Unisonic Technologies
U74AHC3G14 UTC-U74AHC3G14_15 Datasheet
148Kb / 6P
   INVERTING SCHMITT TRIGGER
logo
NXP Semiconductors
74AHC_AHCT1G14 PHILIPS-74AHC_AHCT1G14_15 Datasheet
204Kb / 16P
   Inverting Schmitt trigger
Rev. 7-18 November 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com