Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHCT2G08DC Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74AHCT2G08DC
Description  Dual 2-input AND gate
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT2G08DC Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74AHCT2G08DC Datasheet HTML 4Page - NXP Semiconductors 74AHCT2G08DC Datasheet HTML 5Page - NXP Semiconductors 74AHCT2G08DC Datasheet HTML 6Page - NXP Semiconductors 74AHCT2G08DC Datasheet HTML 7Page - NXP Semiconductors 74AHCT2G08DC Datasheet HTML 8Page - NXP Semiconductors 74AHCT2G08DC Datasheet HTML 9Page - NXP Semiconductors 74AHCT2G08DC Datasheet HTML 10Page - NXP Semiconductors 74AHCT2G08DC Datasheet HTML 11Page - NXP Semiconductors 74AHCT2G08DC Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
9397 750 13735
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 02 — 18 October 2004
8 of 17
Philips Semiconductors
74AHC2G08; 74AHCT2G08
Dual 2-input AND gate
VOH
HIGH-level output
voltage
VI =VIH or VIL
IO = −50 µA; VCC = 4.5 V
4.4
-
-
V
IO = −8.0 mA; VCC = 4.5 V
3.8
-
-
V
VOL
LOW-level output
voltage
VI =VIH or VIL
IO =50 µA; VCC = 4.5 V
-
-
0.1
V
IO = 8.0 mA; VCC = 4.5 V
-
-
0.44
V
ILI
input leakage current
VI =VIH or VIL; VCC = 5.5 V
-
-
1.0
µA
ICC
quiescent supply
current
VI =VCC or GND; IO = 0 A;
VCC = 5.5 V
--10
µA
∆ICC
additional quiescent
supply current per
input pin
VI = 3.4 V; other inputs at
VCC or GND; IO = 0 A;
VCC = 5.5 V
-
-
1.5
mA
CI
input capacitance
-
-
10
pF
Tamb = −40 °C to +125 °C
VIH
HIGH-level input
voltage
VCC = 4.5 V to 5.5 V
2.0
-
-
V
VIL
LOW-level input
voltage
VCC = 4.5 V to 5.5 V
-
-
0.8
V
VOH
HIGH-level output
voltage
VI =VIH or VIL
IO = −50 µA; VCC = 4.5 V
4.4
-
-
V
IO = −8.0 mA; VCC = 4.5 V
3.70
-
-
V
VOL
LOW-level output
voltage
VI =VIH or VIL
IO =50 µA; VCC = 4.5 V
-
-
0.1
V
IO = 8.0 mA; VCC = 4.5 V
-
-
0.55
V
ILI
input leakage current
VI =VIH or VIL; VCC = 5.5 V
-
-
2.0
µA
ICC
quiescent supply
current
VI =VCC or GND; IO = 0 A;
VCC = 5.5 V
--40
µA
∆ICC
additional quiescent
supply current per
input pin
VI = 3.4 V; other inputs at
VCC or GND; IO = 0 A;
VCC = 5.5 V
-
-
1.5
mA
CI
input capacitance
-
-
10
pF
Table 9:
Static characteristics type 74AHCT2G08 …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - 74AHCT2G08DC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT2G08DC NXP-74AHCT2G08DC Datasheet
91Kb / 14P
   Dual 2-input AND gate
Rev. 03-12 January 2009
logo
Nexperia B.V. All right...
74AHCT2G08DC NEXPERIA-74AHCT2G08DC Datasheet
196Kb / 14P
   Dual 2-input AND gate
Rev. 6 - 21 March 2018
74AHCT2G08DC-Q100 NEXPERIA-74AHCT2G08DC-Q100 Datasheet
197Kb / 14P
   Automotive product qualification in accordance with AEC-Q100
More results

Similar Description - 74AHCT2G08DC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7W08F TOSHIBA-TC7W08F Datasheet
204Kb / 7P
   DUAL 2-INPUT AND GATE
logo
NXP Semiconductors
74HC2G08 PHILIPS-74HC2G08 Datasheet
85Kb / 16P
   Dual 2-input AND gate
2002 Nov 15
74LVC2G08 NXP-74LVC2G08 Datasheet
102Kb / 16P
   Dual 2-input AND gate
Rev. 08-9 June 2008
logo
Renesas Technology Corp
RD74LVC2G08 RENESAS-RD74LVC2G08 Datasheet
2Mb / 8P
   Dual 2-Input AND Gate
logo
ON Semiconductor
NL27WZ08 ONSEMI-NL27WZ08_12 Datasheet
101Kb / 5P
   Dual 2-Input AND Gate
April, 2012 ??Rev. 10
logo
Nexperia B.V. All right...
74HC2G08-Q100 NEXPERIA-74HC2G08-Q100 Datasheet
213Kb / 13P
   Dual 2-input AND gate
logo
ON Semiconductor
NL27WZ08 ONSEMI-NL27WZ08_V01 Datasheet
330Kb / 13P
   Dual 2-Input AND Gate
October, 2020 ??Rev. 14
logo
Toshiba Semiconductor
TC7WH08FU TOSHIBA-TC7WH08FU Datasheet
195Kb / 6P
   DUAL 2-INPUT AND GATE
TC7W08F TOSHIBA-TC7W08F_01 Datasheet
236Kb / 8P
   DUAL 2-INPUT AND GATE
TC7WG08FK TOSHIBA-TC7WG08FK_09 Datasheet
185Kb / 7P
   Dual 2-Input AND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com