Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NHD-7.0-800480EF-ASXN Datasheet(PDF) 3 Page - Newhaven Display International, Inc.

Part # NHD-7.0-800480EF-ASXN
Description  TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWHAVEN [Newhaven Display International, Inc.]
Direct Link  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

NHD-7.0-800480EF-ASXN Datasheet(HTML) 3 Page - Newhaven Display International, Inc.

  NHD-7.0-800480EF-ASXN Datasheet HTML 1Page - Newhaven Display International, Inc. NHD-7.0-800480EF-ASXN Datasheet HTML 2Page - Newhaven Display International, Inc. NHD-7.0-800480EF-ASXN Datasheet HTML 3Page - Newhaven Display International, Inc. NHD-7.0-800480EF-ASXN Datasheet HTML 4Page - Newhaven Display International, Inc. NHD-7.0-800480EF-ASXN Datasheet HTML 5Page - Newhaven Display International, Inc. NHD-7.0-800480EF-ASXN Datasheet HTML 6Page - Newhaven Display International, Inc. NHD-7.0-800480EF-ASXN Datasheet HTML 7Page - Newhaven Display International, Inc. NHD-7.0-800480EF-ASXN Datasheet HTML 8Page - Newhaven Display International, Inc. NHD-7.0-800480EF-ASXN Datasheet HTML 9Page - Newhaven Display International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CONFIDENTIAL
1
2
3
4
5
6
A
B
C
D
B
C
D
1
2
3
4
5
6
Mechanical Drawing
A
[3]
The drawing contained herein is the exclusive property of Newhaven Display International, Inc. and shall not be copied, reproduced, and/or disclosed in any format without permission.
NHD-7.0-800480EF-ASXN
03/10/16
Date
Unit
Model:
mm
Gen. Tolerance
±0.3mm
Rev
Description
Date
A+
LED CIRCUIT
3*9=27EA,20mA*9=180mA
K-
PIN
1
2
3
4
5
6
7
8
9
10
SYMBOL
LED-K
LED-A
GND
VDD
R0
R1
R2
R3
R4
R5
11
12
13
14
15
16
17
18
19
20
R6
R7
G0
G1
G2
G3
G4
G5
G6
G7
31
32
33
34
35
36
37
38
39
40
HSYNC
VSYNC
DEN
NC
GND
NC(XR)
NC(YD)
NC(XL)
NC(YU)
DISP
21
22
23
24
25
26
27
28
29
30
B0
B1
B2
B3
B4
B5
B6
B7
GND
DCLK
74.93±0.5
4-R2
Newhaven Display PO_WWYY
NHD-7.0-800480EF-ASXN#
1
40
DETAIL A (3:1)
0.5±0.1
W=0.3±0.03
P0.5X(40-1)=19.5±0.05
20.5±0.1
CENTER LINE
0.3±0.05
1.5 Max.
3.5±0.3
COVERLAYER OPEN
YU
XL
YD
XR
4
1
1
40
COMPONENT AREA
COMPONENT
AREA
800(RGB)*480
W=0.5±0.05
P1X3=3±0.1
(39)
(4)
ACTIVE AREA CENTER
153.84 A.A
156.7±0.2/BZ OPENING
165±0.3
(80.82)
DETAIL A
(7.26)
6.11
20.39±0.5
(86.1)
Notes:
1. Display Size: 7.0” TFT
2. Optimal Viewing Direction: 12:00
3. Display Mode: Transmissive / Normally White / Anti-Glare
4. Driver IC: HX8264-D02
5. Power Supply Voltage: 3.3V
6. Backlight: White LED / 9.6 V / 180 mA (Typ)
7. Brightness: 1000cd/m² (Typ)
8. 3M Brightness Enhancement Film


Similar Part No. - NHD-7.0-800480EF-ASXN

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-7.0-800480EF-ASXN#-T NEWHAVEN-NHD-7.0-800480EF-ASXN#-T Datasheet
860Kb / 12P
   7.0" EVE2 TFT Module
NHD-7.0-800480EF-ASXN-CTP NEWHAVEN-NHD-7.0-800480EF-ASXN-CTP Datasheet
1Mb / 19P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-7.0-800480EF-ASXN-T NEWHAVEN-NHD-7.0-800480EF-ASXN-T Datasheet
729Kb / 12P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
More results

Similar Description - NHD-7.0-800480EF-ASXN

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-3.5-320240MF-ASXV-T NEWHAVEN-NHD-3.5-320240MF-ASXV-T Datasheet
1Mb / 9P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-4.3-480272EF-ASXV-T NEWHAVEN-NHD-4.3-480272EF-ASXV-T Datasheet
1Mb / 12P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-7.0-800480EF-ASXN-T NEWHAVEN-NHD-7.0-800480EF-ASXN-T Datasheet
729Kb / 12P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-7.0-800480EF-ATXL-CTP NEWHAVEN-NHD-7.0-800480EF-ATXL-CTP Datasheet
1Mb / 19P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-3.5-320240MF-ASXN NEWHAVEN-NHD-3.5-320240MF-ASXN Datasheet
1Mb / 9P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-7.0-800480EF-ATXL NEWHAVEN-NHD-7.0-800480EF-ATXL Datasheet
739Kb / 12P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-7.0-800480WF-CTXI-T NEWHAVEN-NHD-7.0-800480WF-CTXI-T Datasheet
310Kb / 12P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-10.1-1024600AF-LSXV NEWHAVEN-NHD-10.1-1024600AF-LSXV Datasheet
448Kb / 8P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-5.0-800480TF-ATXL-CTP NEWHAVEN-NHD-5.0-800480TF-ATXL-CTP Datasheet
878Kb / 16P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-57-320240WFB-CTXI-1 NEWHAVEN-NHD-57-320240WFB-CTXI-1 Datasheet
403Kb / 8P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com