Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQM120N04-1M7L Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SQM120N04-1M7L
Description  Automotive N-Channel 40 V (D-S) 175 MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQM120N04-1M7L Datasheet(HTML) 4 Page - Vishay Siliconix

  SQM120N04-1M7L_17 Datasheet HTML 1Page - Vishay Siliconix SQM120N04-1M7L_17 Datasheet HTML 2Page - Vishay Siliconix SQM120N04-1M7L_17 Datasheet HTML 3Page - Vishay Siliconix SQM120N04-1M7L_17 Datasheet HTML 4Page - Vishay Siliconix SQM120N04-1M7L_17 Datasheet HTML 5Page - Vishay Siliconix SQM120N04-1M7L_17 Datasheet HTML 6Page - Vishay Siliconix SQM120N04-1M7L_17 Datasheet HTML 7Page - Vishay Siliconix SQM120N04-1M7L_17 Datasheet HTML 8Page - Vishay Siliconix SQM120N04-1M7L_17 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SQM120N04-1m7L
www.vishay.com
Vishay Siliconix
S12-1847-Rev. D, 30-Jul-12
4
Document Number: 65729
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-to-Source Voltage
Source Drain Diode Forward Voltage
Threshold Voltage
Drain Source Breakdown vs. Junction Temperature
0.5
0.8
1.1
1.4
1.7
2.0
- 50
- 25
0
25
50
75
100
125
150
175
T
J - Junction Temperature (°C)
I
D = 30 A
V
GS = 4.5 V
V
GS = 10 V
0.000
0.001
0.002
0.003
0.004
0.005
02468
10
V
GS - Gate-to-Source Voltage (V)
T
J = 150 °C
T
J = 25 °C
0.001
0.01
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
V
SD - Source-to-Drain Voltage (V)
T
J = 25 °C
T
J = 150 °C
-1.5
-1.1
-0.7
-0.3
0.1
0.5
- 50
- 25
0
25
50
75
100
125
150
175
T
J -Temperature (°C)
I
D = 250 μA
I
D = 5 mA
40
42
44
46
48
50
- 50
- 25
0
25
50
75
100
125
150
175
T
J - Junction Temperature (°C)
I
D = 10 mA


Similar Part No. - SQM120N04-1M7L_17

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQM120N04-1M7L VISHAY-SQM120N04-1M7L_15 Datasheet
161Kb / 10P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. D, 30-Jul-12
More results

Similar Description - SQM120N04-1M7L_17

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQD50N04-3M5L VISHAY-SQD50N04-3M5L Datasheet
163Kb / 9P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. B, 20-Aug-12
SQS400EN VISHAY-SQS400EN Datasheet
563Kb / 13P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. D, 31-Oct-11
SQ2318AES VISHAY-SQ2318AES Datasheet
281Kb / 11P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 09-Dec-13
SQS484ENW VISHAY-SQS484ENW Datasheet
215Kb / 7P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 24-Oct-16
SQ3418EEV VISHAY-SQ3418EEV Datasheet
214Kb / 11P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. C, 07-Nov-11
SQM120N04-1M7 VISHAY-SQM120N04-1M7_15 Datasheet
163Kb / 10P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 12-Mar-12
SQM120N04-1M9 VISHAY-SQM120N04-1M9_15 Datasheet
164Kb / 10P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 09-Apr-12
SQM50N044M1 VISHAY-SQM50N044M1_15 Datasheet
167Kb / 10P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 26-Mar-12
SQJA38EP VISHAY-SQJA38EP Datasheet
287Kb / 9P
   Automotive N-Channel 40 V (D-S) 175 째C MOSFET
SQJQ150E VISHAY-SQJQ150E Datasheet
284Kb / 10P
   Automotive N-Channel 40 V (D-S) 175 째C MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com