Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHC2G241 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74AHC2G241
Description  Dual buffer/line driver; 3-state
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC2G241 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74AHC2G241 Datasheet HTML 4Page - NXP Semiconductors 74AHC2G241 Datasheet HTML 5Page - NXP Semiconductors 74AHC2G241 Datasheet HTML 6Page - NXP Semiconductors 74AHC2G241 Datasheet HTML 7Page - NXP Semiconductors 74AHC2G241 Datasheet HTML 8Page - NXP Semiconductors 74AHC2G241 Datasheet HTML 9Page - NXP Semiconductors 74AHC2G241 Datasheet HTML 10Page - NXP Semiconductors 74AHC2G241 Datasheet HTML 11Page - NXP Semiconductors 74AHC2G241 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
9397 750 12887
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 10 March 2004
8 of 19
Philips Semiconductors
74AHC2G241; 74AHCT2G241
Dual buffer/line driver; 3-state
12. Dynamic characteristics
ILI
input leakage current
VI =VIH or VIL; VCC = 5.5 V
-
-
1.0
µA
ICC
quiescent supply
current
VI =VCC or GND; IO =0A;
VCC = 5.5 V
--10
µA
∆ICC
additional quiescent
supply current per
input pin
VI = 3.4 V; other inputs at
VCC or GND; IO =0A;
VCC = 5.5 V
-
-
1.5
mA
CI
input capacitance
-
-
10
pF
Tamb = −40 °C to +125 °C
VIH
HIGH-level input
voltage
VCC = 4.5 V to 5.5 V
2.0
-
-
V
VIL
LOW-level input
voltage
VCC = 4.5 V to 5.5 V
-
-
0.8
V
VOH
HIGH-level output
voltage
VI =VIH or VIL
IO = −50 µA; VCC = 4.5 V
4.4
-
-
V
IO = −8.0 mA; VCC = 4.5 V
3.70
-
-
V
VOL
LOW-level output
voltage
VI =VIH or VIL
IO =50 µA; VCC = 4.5 V
-
-
0.1
V
IO = 8.0 mA; VCC = 4.5 V
-
-
0.55
V
IOZ
3-state OFF-state
current
VI =VCC or GND; VCC = 5.5 V
-
-
10
µA
ILI
input leakage current
VI =VIH or VIL; VCC = 5.5 V
-
-
2.0
µA
ICC
quiescent supply
current
VI =VCC or GND; IO =0A;
VCC = 5.5 V
--40
µA
∆ICC
additional quiescent
supply current per
input pin
VI = 3.4 V; other inputs at
VCC or GND; IO =0A;
VCC = 5.5 V
-
-
1.5
mA
CI
input capacitance
-
-
10
pF
Table 9:
Static characteristics type 74AHCT2G241 …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 10:
Dynamic characteristics type 74AHC2G241
GND = 0 V; tr =tf ≤ 3.0 ns; see Figure 7.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb =25 °C
tPHL, tPLH
propagation delay
nA to nY
see Figure 4
VCC = 3.0 V to 3.6 V; CL =15pF
[1] -
4.7
8.0
ns
VCC = 4.5 V to 5.5 V; CL =15pF
[2] -
3.4
5.5
ns
VCC = 3.0 V to 3.6 V; CL =50pF
[1] -
6.6
11.5
ns
VCC = 4.5 V to 5.5 V; CL =50pF
[2] -
4.7
7.5
ns


Similar Part No. - 74AHC2G241

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC2G241 NXP-74AHC2G241 Datasheet
105Kb / 16P
   Dual buffer/line driver; 3-state
Rev. 02-13 January 2009
logo
Nexperia B.V. All right...
74AHC2G241 NEXPERIA-74AHC2G241 Datasheet
240Kb / 14P
   Dual buffer/line driver; 3-state
Rev. 4 - 16 January 2019
74AHC2G241-Q100 NEXPERIA-74AHC2G241-Q100 Datasheet
240Kb / 14P
   Dual buffer/line driver; 3-state
logo
NXP Semiconductors
74AHC2G241DC NXP-74AHC2G241DC Datasheet
105Kb / 16P
   Dual buffer/line driver; 3-state
Rev. 02-13 January 2009
logo
Nexperia B.V. All right...
74AHC2G241DC NEXPERIA-74AHC2G241DC Datasheet
240Kb / 14P
   Dual buffer/line driver; 3-state
Rev. 4 - 16 January 2019
More results

Similar Description - 74AHC2G241

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC2G126 PHILIPS-74AHC2G126 Datasheet
103Kb / 20P
   Dual buffer/line driver; 3-state
Rev. 02-21 September 2004
74AHC_AHCT2G241 PHILIPS-74AHC_AHCT2G241_15 Datasheet
195Kb / 17P
   Dual buffer/line driver; 3-state
Rev. 3-13 May 2013
74LVC2G241 NXP-74LVC2G241 Datasheet
98Kb / 17P
   Dual buffer/line driver; 3-state
Rev. 07-5 October 2007
74AHC2G241 NXP-74AHC2G241 Datasheet
105Kb / 16P
   Dual buffer/line driver; 3-state
Rev. 02-13 January 2009
74AHC2G126 NXP-74AHC2G126 Datasheet
100Kb / 15P
   Dual buffer/line driver; 3-state
Rev. 04-27 April 2009
logo
Nexperia B.V. All right...
74HCT2G125-Q100 NEXPERIA-74HCT2G125-Q100 Datasheet
225Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 2 - 1 November 2018
74HCT2G125 NEXPERIA-74HCT2G125 Datasheet
226Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 6 - 1 November 2018
logo
Unisonic Technologies
U74AHC2G125 UTC-U74AHC2G125 Datasheet
219Kb / 6P
   DUAL BUFFER/LINE DRIVER; 3-STATE
logo
Nexperia B.V. All right...
74AHCT2G126 NEXPERIA-74AHCT2G126 Datasheet
230Kb / 13P
   Dual buffer/line driver; 3-state
Rev. 8 - 19 November 2018
logo
NXP Semiconductors
74HC2G125 PHILIPS-74HC2G125 Datasheet
90Kb / 20P
   Dual buffer/line driver; 3-state
2003 Mar 03
XC7WH126 PHILIPS-XC7WH126_15 Datasheet
180Kb / 14P
   Dual buffer/line driver; 3-state
Rev. 2-8 May 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com