Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF-1206SP500M-2 Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # SF-1206SP500M-2
Description  Time Lag Multilayer Surface Mount Fuses
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SF-1206SP500M-2 Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  SF-1206SP500M-2 Datasheet HTML 1Page - Bourns Electronic Solutions SF-1206SP500M-2 Datasheet HTML 2Page - Bourns Electronic Solutions SF-1206SP500M-2 Datasheet HTML 3Page - Bourns Electronic Solutions SF-1206SP500M-2 Datasheet HTML 4Page - Bourns Electronic Solutions SF-1206SP500M-2 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
3312-2mmSMDTrimmingPotentiometer
SF-1206SPxxxMSeriesTapeandReelPackagingSpecifications
SF-1206SPxxxM Series
Tape Dimensions
per EIA 481-2
W
8.00±0.10
(.315±.004)
P0
4.0±0.10
(.157±.004)
P1
4.0±0.10
(.157±.004)
P2
2.0±0.05
(.079±.002)
A0
1.80±0.10
(.071±.004)
B0
3.50±0.10
(.138±.004)
F
3.50±0.05
(.138±.002)
E1
1.75±0.10
(.069±.004)
D0
1.50+0.10
(.059+.004)
K0
1.10±0.10
(.043±.004)
T
0.23±0.02
(.009±.001)
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
PACKAGING: Plastic tape, 3,000 pcs. per reel
DIRECTION OF UNREELING
KO
AO
P1
60.20 ± 0.50
(2.370 ± .020)
DIA.
B0
W
13.20 +0.3/-0.2
(.520 +.012/-.008)
DIA.
178.00 ± 1.00
(7.008 ± .039)
DIA.
0.2
0.4
0.6
0.8
13.40 ± 0.50
(.539 ± .020)
1.40 ± 0.20
(.055 ± .008)
1.20 ± 0.20
(.047 ± .008)
2.20 ± 0.30
(.087 ± .012)
T
P2
D0
P0
E1
F
DIMENSIONS:
MM
(INCHES)


Similar Part No. - SF-1206SP500M-2

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-1206SP500 BOURNS-SF-1206SP500 Datasheet
486Kb / 4P
   Time Lag Surface Mount Fuses
More results

Similar Description - SF-1206SP500M-2

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-0603SPXXXM BOURNS-SF-0603SPXXXM Datasheet
442Kb / 5P
   Time Lag Multilayer Surface Mount Fuses
SF-0603SP BOURNS-SF-0603SP Datasheet
503Kb / 4P
   Time Lag Surface Mount Fuses
SF-1206SP BOURNS-SF-1206SP Datasheet
486Kb / 4P
   Time Lag Surface Mount Fuses
SF-2410SPXXXW BOURNS-SF-2410SPXXXW Datasheet
497Kb / 5P
   Time Lag Wire Core Surface Mount Fuses
SF-0603SP-M BOURNS-SF-0603SP-M Datasheet
253Kb / 6P
   SF-0603SP-M Series - Time Lag Multilayer Surface Mount Fuses
REV. E 03/21
logo
Littelfuse
0443005.DR LITTELFUSE-0443005.DR Datasheet
170Kb / 4P
   Surface Mount Fuses NANO2짰 > 250V > Time Lag > 443 Series
044301.5DR LITTELFUSE-044301.5DR Datasheet
170Kb / 4P
   Surface Mount Fuses NANO2짰 > 250V > Time Lag > 443 Series
0443003.DR LITTELFUSE-0443003.DR Datasheet
170Kb / 4P
   Surface Mount Fuses NANO2짰 > 250V > Time Lag > 443 Series
044302.5DR LITTELFUSE-044302.5DR Datasheet
170Kb / 4P
   Surface Mount Fuses NANO2짰 > 250V > Time Lag > 443 Series
044303.5DR LITTELFUSE-044303.5DR Datasheet
170Kb / 4P
   Surface Mount Fuses NANO2짰 > 250V > Time Lag > 443 Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com