Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NHD-5.0-800480TF-ATXL-CTP Datasheet(PDF) 3 Page - Newhaven Display International, Inc.

Part # NHD-5.0-800480TF-ATXL-CTP
Description  TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWHAVEN [Newhaven Display International, Inc.]
Direct Link  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

NHD-5.0-800480TF-ATXL-CTP Datasheet(HTML) 3 Page - Newhaven Display International, Inc.

  NHD-5.0-800480TF-ATXL-CTP Datasheet HTML 1Page - Newhaven Display International, Inc. NHD-5.0-800480TF-ATXL-CTP Datasheet HTML 2Page - Newhaven Display International, Inc. NHD-5.0-800480TF-ATXL-CTP Datasheet HTML 3Page - Newhaven Display International, Inc. NHD-5.0-800480TF-ATXL-CTP Datasheet HTML 4Page - Newhaven Display International, Inc. NHD-5.0-800480TF-ATXL-CTP Datasheet HTML 5Page - Newhaven Display International, Inc. NHD-5.0-800480TF-ATXL-CTP Datasheet HTML 6Page - Newhaven Display International, Inc. NHD-5.0-800480TF-ATXL-CTP Datasheet HTML 7Page - Newhaven Display International, Inc. NHD-5.0-800480TF-ATXL-CTP Datasheet HTML 8Page - Newhaven Display International, Inc. NHD-5.0-800480TF-ATXL-CTP Datasheet HTML 9Page - Newhaven Display International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
CONFIDENTIAL
1
2
3
4
5
6
A
B
C
D
B
C
D
1
2
3
4
5
6
Mechanical Drawing
A
[3]
The drawing contained herein is the exclusive property of Newhaven Display International, Inc. and shall not be copied, reproduced, and/or disclosed in any format without permission.
NHD-5.0-800480TF-ATXL#-CTP
07/07/16
Date
Unit
Model:
mm
Gen. Tolerance
±0.3mm
Rev
Description
Date
120.7±0.3
108(TFT A,A)
(6.35)
P0.5*39=19.5±0.05
0.5±0.1
W=0.3
800(RGB)*480
5.0" TFT
1
111.1±0.2(Bezel Opening)
4.8±0.2
16.15±0.3
70.06±0.3
40
COMPONE NT
AREA
A+
K-
BEND
AREA
20.5±0.1
R0.3
10±0.2
1
6
IC
6
1
3.1±0.2
0.3±0.05
Symbol
PIN
PIN Symbol
Notes:
1. Display Size: 5.0” TFT
2. Display Mode: MVA / Transmissive / Normally Black / Anti-Glare
3. Power Supply Voltage: 3.3V
4. Driver IC: OTA7001A
5. Backlight: White LED / 19.2 V / 60 mA (Typ)
6. Brightness: 415 cd/m² (Typ)
7. 3M Brightness Enhancement Film
8. Touch Panel: PCAP


Similar Part No. - NHD-5.0-800480TF-ATXL-CTP

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-5.0-800480TF-ATXL-T NEWHAVEN-NHD-5.0-800480TF-ATXL-T Datasheet
853Kb / 12P
   Color Liquid Crystal Display Module
More results

Similar Description - NHD-5.0-800480TF-ATXL-CTP

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-3.5-320240MF-ASXV-T NEWHAVEN-NHD-3.5-320240MF-ASXV-T Datasheet
1Mb / 9P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-4.3-480272EF-ASXV-T NEWHAVEN-NHD-4.3-480272EF-ASXV-T Datasheet
1Mb / 12P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-7.0-800480EF-ASXN-T NEWHAVEN-NHD-7.0-800480EF-ASXN-T Datasheet
729Kb / 12P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-7.0-800480EF-ATXL-CTP NEWHAVEN-NHD-7.0-800480EF-ATXL-CTP Datasheet
1Mb / 19P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-7.0-800480EF-ASXN NEWHAVEN-NHD-7.0-800480EF-ASXN Datasheet
717Kb / 12P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-3.5-320240MF-ASXN NEWHAVEN-NHD-3.5-320240MF-ASXN Datasheet
1Mb / 9P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-7.0-800480EF-ATXL NEWHAVEN-NHD-7.0-800480EF-ATXL Datasheet
739Kb / 12P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-7.0-800480WF-CTXI-T NEWHAVEN-NHD-7.0-800480WF-CTXI-T Datasheet
310Kb / 12P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-10.1-1024600AF-LSXV NEWHAVEN-NHD-10.1-1024600AF-LSXV Datasheet
448Kb / 8P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-57-320240WFB-CTXI-1 NEWHAVEN-NHD-57-320240WFB-CTXI-1 Datasheet
403Kb / 8P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com