Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NHD-4.3-480272ZF-ATXI-1 Datasheet(PDF) 1 Page - Newhaven Display International, Inc.

Part # NHD-4.3-480272ZF-ATXI-1
Description  Liquid Crystal Display Graphic Module
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWHAVEN [Newhaven Display International, Inc.]
Direct Link  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

NHD-4.3-480272ZF-ATXI-1 Datasheet(HTML) 1 Page - Newhaven Display International, Inc.

  NHD-4.3-480272ZF-ATXI-1 Datasheet HTML 1Page - Newhaven Display International, Inc. NHD-4.3-480272ZF-ATXI-1 Datasheet HTML 2Page - Newhaven Display International, Inc. NHD-4.3-480272ZF-ATXI-1 Datasheet HTML 3Page - Newhaven Display International, Inc. NHD-4.3-480272ZF-ATXI-1 Datasheet HTML 4Page - Newhaven Display International, Inc. NHD-4.3-480272ZF-ATXI-1 Datasheet HTML 5Page - Newhaven Display International, Inc. NHD-4.3-480272ZF-ATXI-1 Datasheet HTML 6Page - Newhaven Display International, Inc. NHD-4.3-480272ZF-ATXI-1 Datasheet HTML 7Page - Newhaven Display International, Inc. NHD-4.3-480272ZF-ATXI-1 Datasheet HTML 8Page - Newhaven Display International, Inc. NHD-4.3-480272ZF-ATXI-1 Datasheet HTML 9Page - Newhaven Display International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
User’s Guide
NHD-4.3-480272ZF-ATXI#-1
TFT
(Liquid Crystal Display Graphic Module)l
4.3” Diagonal
16-bit digital interface
480x272 Resolution
White LED Backlight
Please review the driver spec HX8257-A
.
Newhaven Display International
2511 Technology Drive, #101
Elgin, IL 60124
Tel: (847) 844-8795
Fax: (847) 844-8796
March 10
, 2009
Newhaven Display International


Similar Part No. - NHD-4.3-480272ZF-ATXI-1

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-4.3-480272EF-ASXN NEWHAVEN-NHD-4.3-480272EF-ASXN Datasheet
1Mb / 12P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-4.3-480272EF-ASXN#-T NEWHAVEN-NHD-4.3-480272EF-ASXN#-T Datasheet
858Kb / 12P
   4.3" EVE2 TFT Module
NHD-4.3-480272EF-ASXN-CTP NEWHAVEN-NHD-4.3-480272EF-ASXN-CTP Datasheet
1Mb / 20P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-4.3-480272EF-ASXN-T NEWHAVEN-NHD-4.3-480272EF-ASXN-T Datasheet
1Mb / 12P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
NHD-4.3-480272EF-ASXV NEWHAVEN-NHD-4.3-480272EF-ASXV Datasheet
1Mb / 12P
   TFT (Thin-Film-Transistor) Color Liquid Crystal Display Module
More results

Similar Description - NHD-4.3-480272ZF-ATXI-1

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-240128WG-ATMI-VZ NEWHAVEN-NHD-240128WG-ATMI-VZ Datasheet
617Kb / 10P
   Graphic Liquid Crystal Display Module
NHD-12864AZ-FL-YBW NEWHAVEN-NHD-12864AZ-FL-YBW Datasheet
401Kb / 9P
   Graphic Liquid Crystal Display Module
NHD-240128WG-BTGH-VZ NEWHAVEN-NHD-240128WG-BTGH-VZ Datasheet
555Kb / 9P
   Graphic Liquid Crystal Display Module
NHD-240128WG-BTMI-VZ NEWHAVEN-NHD-240128WG-BTMI-VZ Datasheet
555Kb / 9P
   Graphic Liquid Crystal Display Module
NHD-24064CZ-NSW-BBW NEWHAVEN-NHD-24064CZ-NSW-BBW Datasheet
536Kb / 9P
   Graphic Liquid Crystal Display Module
NHD-2.4-240320YF-CTXI NEWHAVEN-NHD-2.4-240320YF-CTXI Datasheet
1Mb / 17P
   Liquid Crystal Display Graphic Module
NHD-2.4-240320YF-CTXI-T-1 NEWHAVEN-NHD-2.4-240320YF-CTXI-T-1 Datasheet
1Mb / 17P
   Liquid Crystal Display Graphic Module
NHD-24064WG-AFFH-VZ NEWHAVEN-NHD-24064WG-AFFH-VZ Datasheet
836Kb / 10P
   Graphic Liquid Crystal Display Module
NHD-24064WG-AFML-VZ NEWHAVEN-NHD-24064WG-AFML-VZ Datasheet
823Kb / 10P
   Graphic Liquid Crystal Display Module
NHD-12232DZ-FSW-GBW NEWHAVEN-NHD-12232DZ-FSW-GBW Datasheet
681Kb / 10P
   Graphic Liquid Crystal Display Module
NHD-16032AZ-NSW-BBW NEWHAVEN-NHD-16032AZ-NSW-BBW Datasheet
551Kb / 23P
   Liquid Crystal Display Graphic Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com